Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V680-D1KP52MBTX1 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # V680-D1KP52MBTX1
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-D1KP52MBTX1 Datasheet(HTML) 5 Page - Omron Electronics LLC

  V680-D1KP52MBTX1 Datasheet HTML 1Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 2Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 3Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 4Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 5Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 6Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 7Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 8Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
5
V680 Series
Antenna (Detachable Amplifier Unit Type)
Antenna with Built-in Amplifier
* Use an Antenna Cable to connect the Antenna to the Controller.
The maximum cable length is 30.5 m.
Amplifier Unit
ID Controller
Type
Appearance
Size
Cable length
Model
Cylindrical
Standard cable,
waterproof
connector
M22
× 65 mm
2 m
V680-HS52-W 2M
12.5 m
V680-HS52-W 12.5M
Flexible cable,
nonwaterproof
connector
2 m
V680-HS52-R 2M
12.5 m
V680-HS52-R 12.5M
Standard cable,
nonwaterproof
connector
M12
× 35 mm
2 m
V680-HS51 2M
Square
Standard cable,
waterproof
connector
40
× 53 × 23 mm
2 m
V680-HS63-W 2M
12.5 m
V680-HS63-W 12.5M
Flexible cable,
nonwaterproof
connector
2 m
V680-HS63-R 2M
12.5 m
V680-HS63-R 12.5M
Standard cable,
waterproof
connector
100
× 100 × 30 mm
2 m
V680-HS65-W 2M
12.5 m
V680-HS65-W 12.5M
Flexible cable,
nonwaterproof
connector
2 m
V680-HS65-R 2M
12.5 m
V680-HS65-R 12.5M
Type
Appearance
Size
Cable length
Model
Square
250
× 200 × 35 mm
0.5 m
*
V680-H01-V2
Type
Appearance
Size
Cable length
Model
For 1-kbyte memory
25
× 40 × 65 mm
0.5 m
V680-HA63A 0.5M
5 m
V680-HA63A 5M
10 m
V680-HA63A 10M
For 2-/8-kbyte memory
0.5 m
V680-HA63B 0.5M
5 m
V680-HA63B 5M
10 m
V680-HA63B 10M
Type
No. of connectable
Amplifiers
Appearance
Size
Communication interface
Model
DC power supply
Single
105
× 90 × 65 mm
RS232C,
RS422/RS485
V680-CA5D01-V2
Dual
V680-CA5D02-V2


Similar Part No. - V680-D1KP52MBTX1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V680-CH1D OMRON-V680-CH1D Datasheet
1Mb / 2P
   V680 RFID Handheld Reader Writer
More results

Similar Description - V680-D1KP52MBTX1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
   ISO/IEC 15693 READER MODULE
logo
WJ Communication. Inc.
WJR7090 WJCI-WJR7090 Datasheet
348Kb / 4P
   Multi-Protocol RFID Reader Module Gen1, ISO 18000-6B and ISO 18000-6C (UHFGen2)
logo
Fujitsu Component Limit...
MB89R118 FUJITSU-MB89R118 Datasheet
401Kb / 45P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118 FUJITSU-MB89R118_06 Datasheet
486Kb / 48P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R118C FUJITSU-MB89R118C Datasheet
249Kb / 48P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R119 FUJITSU-MB89R119 Datasheet
691Kb / 44P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
logo
STMicroelectronics
LRIS64K STMICROELECTRONICS-LRIS64K Datasheet
710Kb / 100P
   64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
logo
AMIC Technology
A9211B AMICC-A9211B Datasheet
266Kb / 15P
   ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
   ISO/IEC 14443A RFID TAG IC
logo
Maxim Integrated Produc...
MAX66901EVKIT MAXIM-MAX66901EVKIT Datasheet
573Kb / 4P
   High-Frequency Developers Kit for ISO 14443B and ISO 15693 RFID Keys
Rev 1; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com