Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V680-D1KP52MBTX1 Datasheet(PDF) 48 Page - Omron Electronics LLC

Part # V680-D1KP52MBTX1
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-D1KP52MBTX1 Datasheet(HTML) 48 Page - Omron Electronics LLC

Back Button V680-D1KP52MBTX1 Datasheet HTML 44Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 45Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 46Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 47Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 48Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 49Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 50Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 51Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 52Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 59 page
background image
V680 Series
48
Safety Precautions
This product is not designed or rated for ensuring
safety of persons.
Do not use it for such purposes.
* This catalog is intended only to help select the appropriate product. Be sure
to read the User's Manual for usage precautions prior to using the product.
To ensure safety, be sure to follow the following precautions:
1. Do not operate this product in any flammable, explosive, or
corrosive gas environment.
2. Do not disassemble, repair, or remodel this product.
3. Tighten the base lock screws and terminal block screws
completely.
4. Be sure to use wiring crimp terminals of the specified size.
5. If any cable has a locking mechanism, be sure to check that it has
been locked before using it.
6. The DC power supply must be within the specified rating (24 VDC
+10%/
−15%).
7. Do not reverse the power supply connection.
8. Do not insert water, wire, etc., into any of the gaps in the case.
Doing so may cause fire or electric shock.
9. Turn OFF the Controller or ID Sensor Unit power before attaching
or removing the Antenna.
10. If multiple Antennas are mounted near each other,
communications performance may decrease due to mutual
interference. Refer to the manual for the Antennas and RF Tags
and check to make sure there is no mutual interference before
installation.
11. To remove the ID Controller, catch a tool on the mounting hook
and gently remove the Unit.
12. Wire correctly and do not short-circuit the load. The ID Controller
may rupture or burn.
13. Do not use in environments that are subject to oil.
14. Never use an AC power supply.
15. In the event that the product exhibits any abnormal condition,
immediately stop using the system, turn OFF the power, and
contact your OMRON sales representative.
16. Dispose of this product as industrial waste.
17. Be sure to follow any other warnings, cautions, and notices given
in this document.
Please observe the following precautions to prevent failure to
operate, malfunctions, or undesirable effects on product
performance.
Installation Site
Install the product at a location where:
• It is not exposed to corrosive gases, dust, metal chips, or salt.
• The ambient operating temperature is within the range stipulated
in the specifications.
• There are no sudden variations in temperature (no condensation).
• The ambient operating humidity is within the range stipulated in the
specifications.
• No vibration or shock exceeding the values stipulated in the
specifications is transmitted directly to the body of the product.
• It is not subject to splashing water, oil, or chemical substances.
Installation
• The product uses the 13.56-MHz frequency band to communicate
with RF Tags. Some devices, such as some motors, inverters, and
switching power supplies, generate electromagnetic waves (i.e.,
noise) that can affect communications with RF Tags. If any of these
devices are nearby, communications with RF Tags may be
affected or RF Tags may be destroyed. If the product is to be used
near such devices, check the effects on communications before
using the product.
• To minimize the general influence of noise, observe the following
precautions:
1. Ground any metallic material located around this device
to 100
Ω or less.
2. Keep the product away from high voltage and heavy current.
• Do not pull on the cable.
• Do not use products that are not waterproof in misty environments.
• Do not subject the products to chemicals that adversely affect
product materials.
• When installing the product, tighten screws to the following torque:
Controller:
1.2 N
·m max
ID Sensor Unit:
0.4 N
·m
V680-HS51 Antenna:
6 N
·m
V680-HS52 Antenna:
40 N
·m
V680-HS63 Antenna:
1.2 N
·m
V680-HS65 Antenna:
1.2 N
·m
V680-H01-V2 Antenna:
1.2 N
·m
(Attach the enclosed Mounting Brackets)
V680-D1KP66T/-D1KP66MT:
0.5 N
·m
V680-D1KP66T-SP:
1.2 N
·m
V680-D1KP54T:
0.3 to 0.5 N
·m
V680S-D2KF67/-D2KF67M:
0.6N
·m
V680S-D2KF68/-D2KF68M:
1.2N
·m
V680S-D8KF67/-D8KF67M:
0.6N
·m
V680S-D8KF68/-D8KF68M:
1.2N
·m
• Do not pull the Antenna connector over the power of 30 N.
The Antenna connector may be broken.
• Transmission will not be possible if the front and back panels are
mistakenly reversed and the Unit is mounted to a metallic surface.
V680S-D2KF67M
V680S-D2KF68M
• The transmission distance will be reduced when the Unit is not
mounted to a metallic surface.
V680S-D2KF67M
V680S-D2KF68M
V680S-D8KF67M
V680S-D8KF68M
• If multiple Antennas are mounted near each other,
communications performance may decrease due to mutual
interference. Refer to the User's Manual (Cat. No. Z248) and check
to make sure there is no mutual interference.
• Depending on the operating environment, the case surface may
become fogged, but basic performance will not be affected.
• When Antenna (only V680-H01-V2) is used in the United States
and Canada, the ferrite core (ZCAT3035-1330) of the antenna's
attachment is installed on controller's (V680-CA5D01-V
@) DC
power cable.
• The communications range is adversely affected if there is any
metal material around the RF Tag.
• The maximum communications range can be obtained when the
Antenna faces the RF tag directly. When the RF tag is installed at
a tilt, the communications range is reduced. Consider the effect of
the RF tag at tilt when installing the RF Tag.
• Provide the mounting distances between plural RF tags to prevent
them from malfunctions due to mutual interference.
• If the central axis of an antenna and RF tag shifts, a
communications range will fall.
WARNING
Precautions for Safe Use
Precautions for Correct Use


Similar Part No. - V680-D1KP52MBTX1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V680-CH1D OMRON-V680-CH1D Datasheet
1Mb / 2P
   V680 RFID Handheld Reader Writer
More results

Similar Description - V680-D1KP52MBTX1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
   ISO/IEC 15693 READER MODULE
logo
WJ Communication. Inc.
WJR7090 WJCI-WJR7090 Datasheet
348Kb / 4P
   Multi-Protocol RFID Reader Module Gen1, ISO 18000-6B and ISO 18000-6C (UHFGen2)
logo
Fujitsu Component Limit...
MB89R118 FUJITSU-MB89R118 Datasheet
401Kb / 45P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118 FUJITSU-MB89R118_06 Datasheet
486Kb / 48P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R118C FUJITSU-MB89R118C Datasheet
249Kb / 48P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R119 FUJITSU-MB89R119 Datasheet
691Kb / 44P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
logo
STMicroelectronics
LRIS64K STMICROELECTRONICS-LRIS64K Datasheet
710Kb / 100P
   64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
logo
AMIC Technology
A9211B AMICC-A9211B Datasheet
266Kb / 15P
   ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
   ISO/IEC 14443A RFID TAG IC
logo
Maxim Integrated Produc...
MAX66901EVKIT MAXIM-MAX66901EVKIT Datasheet
573Kb / 4P
   High-Frequency Developers Kit for ISO 14443B and ISO 15693 RFID Keys
Rev 1; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com