Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V680-D1KP52MBTX1 Datasheet(PDF) 35 Page - Omron Electronics LLC

Part # V680-D1KP52MBTX1
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-D1KP52MBTX1 Datasheet(HTML) 35 Page - Omron Electronics LLC

Back Button V680-D1KP52MBTX1 Datasheet HTML 31Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 32Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 33Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 34Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 35Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 36Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 37Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 38Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 39Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
35
V680 Series
2-kbyte Memory Bolt RF Tags
8-kbyte Memory RF Tag
The values given for communications ranges are reference values. Refer to pages 21 to 22 for communications distance specifications. The
communications distance will depend on the RF Tags, ambient temperature, surrounding metal, noise, and other factors. Test operation completely
when installing a system.
V680-HS63 (mounted on non-metallic material) &
V680-D2KF52M (embedded in non-metallic material)
V680-HS52 (embedded in Non-Metal) &
V680S-D2KF67 (mounted on non-metallic material)
V680-HS51 (embedded in metallic material) &
V680-D2KF52M-BT01 (mounted in metal/non-metallic material)
V680-HS51 (embedded in metallic material) &
V680-D2KF52M-BT11 (mounted in metal/non-metallic material)
V680-HS52 (embedded in non-metallic material) &
V680-D2KF52M-BT01 (mounted in metal/non-metallic material)
V680-HS52 (embedded in non-metallic material) &V680S-D8KF67 V680-HS63 (mounted on non-metallic material) &V680S-D8KF67
0
–30
–40
–20
–10
10
20
30
X
20
30
10
Y
X
Y
Read
Write
Read
Write
40
60
80
20
100
Y
X
Y
0
–60
–100
–40
–20
20
40
60
X
–80
80
0
–30
–40
–20
–10
10
20
30
X
20
30
10
Y
X
Y
0
–30
–40
–20
–10
10
20
30
X
20
30
10
Y
X
Y
0
–30
–40
–20
–10
10
20
30
X
20
30
10
Y
X
Y
40
60
80
20
100
Y
-100 -80
-60
-40
-20
0
20
40
60
80
X
Y
X
• Read/Write
40
60
80
20
100
Y
-100 -80
-60
-40
-20
0
20
40
60
80
X
Y
X
• Read/Write


Similar Part No. - V680-D1KP52MBTX1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V680-CH1D OMRON-V680-CH1D Datasheet
1Mb / 2P
   V680 RFID Handheld Reader Writer
More results

Similar Description - V680-D1KP52MBTX1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
   ISO/IEC 15693 READER MODULE
logo
WJ Communication. Inc.
WJR7090 WJCI-WJR7090 Datasheet
348Kb / 4P
   Multi-Protocol RFID Reader Module Gen1, ISO 18000-6B and ISO 18000-6C (UHFGen2)
logo
Fujitsu Component Limit...
MB89R118 FUJITSU-MB89R118 Datasheet
401Kb / 45P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118 FUJITSU-MB89R118_06 Datasheet
486Kb / 48P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R118C FUJITSU-MB89R118C Datasheet
249Kb / 48P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R119 FUJITSU-MB89R119 Datasheet
691Kb / 44P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
logo
STMicroelectronics
LRIS64K STMICROELECTRONICS-LRIS64K Datasheet
710Kb / 100P
   64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
logo
AMIC Technology
A9211B AMICC-A9211B Datasheet
266Kb / 15P
   ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
   ISO/IEC 14443A RFID TAG IC
logo
Maxim Integrated Produc...
MAX66901EVKIT MAXIM-MAX66901EVKIT Datasheet
573Kb / 4P
   High-Frequency Developers Kit for ISO 14443B and ISO 15693 RFID Keys
Rev 1; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com