Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V680-D1KP52MBTX1 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # V680-D1KP52MBTX1
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-D1KP52MBTX1 Datasheet(HTML) 3 Page - Omron Electronics LLC

  V680-D1KP52MBTX1 Datasheet HTML 1Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 2Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 3Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 4Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 5Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 6Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 7Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 8Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
3
V680 Series
Combinations of Amplifier Units, Antennas, and RF Tags
1-kbyte RF Tags
2-kbyte RF Tags
8-kbyte RF Tags
Note: For details, refer to the relevant user’s manual (Z248, Z249, Z262, Z271, Z272, Z278, Z279, and Z339).
* When using the V680-D1KP52MT or V680-D2KF52M embedded in metal, use the V680-HS51/-HS52 Antenna.
Communications will not be possible if the V680-HS63 Antenna is used.
Communications will not be possible if the V680-HS65 Antenna is used with the V680-D1KP52MT, V680-D1KP53M, or V680-D2KF52M.
Communication is also possible with RF Tags other than those of the V680 Series as long as they comply with ISO/IEC 18000-3 (ISO/IEC 15693).
However, communication with RF Tags other than those of the V680 Series cannot be assured. The user must confirm communication capabilities
carefully prior to use.
Amplifier Unit
Antenna
EEP-ROM
1-kbyte
V680-
D1KP52MT
V680-
D1KP53M
V680-
D1KP54T
V680-
D1KP66T
V680-
D1KP66MT
V680-
D1KP66T-
SP
V680-
D1KP58HTN
V680-
D1KP52M-
BT
@1
V680-HA63A
V680-HAM42-DRT
V680-HAM
@1
V680-HS51
Yes
Yes
Yes
V680-HS52-
@
Yes
Yes
Yes
Yes
Yes
Yes
Yes
V680-HS63-
@
Yes
*
Yes
Yes
Yes
Yes
V680-HS65-
@
Yes
Yes
Yes
Yes
Yes
V680-HAM42-PRT
V680-HS63-W
Yes
*
Yes
Yes
Yes
V680-HS65-W
Yes
Yes
Yes
V680-H01-V2 (Antenna with Built-in Amplifier)
Yes
Yes
V680-CH
@D (Handheld Reader Writer)
Yes
Yes
Yes
Yes
Yes
Yes
Amplifier Unit
Antenna
FRAM
2-kbyte
V680-
D2KF52M
V680-
D2KF52M-
BT
@1
V680S-
D2KF67
V680S-
D2KF67M
V680S-
D2KF68
V680S-
D2KF68M
V680-HA63B
V680-HAM42-DRT
V680-HAM
@1
V680-HS51
Yes
Yes
V680-HS52-
@
Yes
Yes
Yes
Yes
V680-HS63-
@
Yes
*
Yes
Yes
Yes
Yes
V680-HS65-
@
Yes
Yes
Yes
Yes
V680-HAM42-PRT
V680-HS63-W
Yes
Yes
Yes
Yes
V680-HS65-W
Yes
Yes
Yes
Yes
V680-H01-V2 (Antenna with Built-in Amplifier)
Yes
Yes
V680-CH
@D (Handheld Reader Writer)
Yes
Yes
Yes
Yes
Yes
Amplifier Unit
Antenna
FRAM
8-kbyte
V680S-
D8KF67
V680S-
D8KF67M
V680S-
D8KF68
V680S-
D8KF68M
V680-HA63B
V680-HAM42-DRT
V680-HAM
@1
V680-HS51
V680-HS52-
@
Yes
Yes
V680-HS63-
@
Yes
Yes
Yes
Yes
V680-HS65-
@
Yes
Yes
Yes
Yes
V680-HAM42-PRT
V680-HS63-W
Yes
Yes
Yes
Yes
V680-HS65-W
Yes
Yes
Yes
Yes
V680-H01-V2 (Antenna with Built-in Amplifier)
Yes
Yes
V680-CH
@D (Handheld Reader Writer)
Yes
Yes
Yes
Yes


Similar Part No. - V680-D1KP52MBTX1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V680-CH1D OMRON-V680-CH1D Datasheet
1Mb / 2P
V680 RFID Handheld Reader Writer
More results

Similar Description - V680-D1KP52MBTX1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
ISO/IEC 15693 READER MODULE
logo
WJ Communication. Inc.
WJR7090 WJCI-WJR7090 Datasheet
348Kb / 4P
Multi-Protocol RFID Reader Module Gen1, ISO 18000-6B and ISO 18000-6C (UHFGen2)
logo
fujitsu semiconductor
MB89R118 FUJITSU-MB89R118 Datasheet
401Kb / 45P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118 FUJITSU-MB89R118_06 Datasheet
486Kb / 48P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R119 FUJITSU-MB89R119 Datasheet
691Kb / 44P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R118C FUJITSU-MB89R118C Datasheet
249Kb / 48P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
logo
STMicroelectronics
LRIS64K STMICROELECTRONICS-LRIS64K Datasheet
710Kb / 100P
64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
logo
AMIC Technology
A9211B AMICC-A9211B Datasheet
266Kb / 15P
ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
ISO/IEC 14443A RFID TAG IC
logo
Maxim Integrated Produc...
MAX66901EVKIT MAXIM-MAX66901EVKIT Datasheet
573Kb / 4P
High-Frequency Developers Kit for ISO 14443B and ISO 15693 RFID Keys
Rev 1; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com