Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V680-D1KP52MBTX1 Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # V680-D1KP52MBTX1
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-D1KP52MBTX1 Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button V680-D1KP52MBTX1 Datasheet HTML 15Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 16Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 17Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 18Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 19Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 20Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 21Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 22Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 23Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 59 page
background image
19
V680 Series
RF Tag (2-kbyte Memory) Communication
Note: When mounting the V680-HS65, be sure to attach the Mounting Brackets at the base of the Antenna.
The enclosed Mounting Brackets do not need to be used, however, if the mounting brackets on the Antenna are metal plates and their
dimensions are larger than the dimensions of the Antenna (100 × 100 mm).
For details, refer to the User’s Manual (Cat. No. Z248 or Z262).
*1. The communication range may be reduced if the V680S-D2KF67 is mounted onto a metallic surface. Refer to the User’s Manual (Cat. No. Z248) for details.
*2. The Antenna can be mounted in metal, but the communications distance will decrease compared to mounting in nonmetal.
Confirm performance using the actual devices before actual operation.
Recommended combination
Function
Communication
range
(unit: mm)
RF Tag and Antenna mounting conditions
RF Tag
Antenna
V680S-D2KF67
V680-HS52
Read
distance
0 to 17.0
*1
(axis offset ±2)
Write
distance
0 to 17.0
*1
(axis offset ±2)
V680-HS63
Read
distance
7.0 to 30.0
*1
(axis offset ±10)
Write
distance
7.0 to 30.0
*1
(axis offset ±10)
V680-HS65
Read
distance
0 to 42.0
*1
(axis offset ±10)
Write
distance
0 to 42.0
*1
(axis offset ±10)
V680-H01-V2
Read
distance
0 to 100.0
*1
(axis offset ±10)
Write
distance
0 to 100.0
*1
(axis offset ±10)
V680S-D2KF67M
(flush-mounted on metallic
surface: steel)
V680-HS52
Read
distance
0 to 16.0
(axis offset ±2)
Write
distance
0 to 16.0
(axis offset ±2)
V680-HS63
Read
distance
6.0 to 25.0
(axis offset ±10)
Write
distance
6.0 to 25.0
(axis offset ±10)
V680-HS65
Read
distance
0 to 25.0
(axis offset ±10)
Write
distance
0 to 25.0
(axis offset ±10)
Non-metallic
Non-metallic
Resin,
plastic,
wood, etc.
V680-HS52
V680S-D2KF67
*2
Non-metallic
Non-metallic
Resin,
plastic,
wood, etc.
V680-HS63
V680S-
D2KF67
*2
Non-metallic
Metallic
V680-HS65
Resin,
plastic,
wood, etc.
V680S-
D2KF67
Non-metallic
Non-metallic
V680-H01-V2
V680S-D2KF67
*2
*2Non-metallic
Metallic
V680-HS52
V680S-D2KF67M
Metallic
Non-metallic
V680S-HS63
V680S-
D2KF67M
*2
Metallic
Metallic
V680-HS65
V680S-
D2KF67M


Similar Part No. - V680-D1KP52MBTX1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V680-CH1D OMRON-V680-CH1D Datasheet
1Mb / 2P
V680 RFID Handheld Reader Writer
More results

Similar Description - V680-D1KP52MBTX1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
ISO/IEC 15693 READER MODULE
logo
WJ Communication. Inc.
WJR7090 WJCI-WJR7090 Datasheet
348Kb / 4P
Multi-Protocol RFID Reader Module Gen1, ISO 18000-6B and ISO 18000-6C (UHFGen2)
logo
Fujitsu Component Limit...
MB89R118 FUJITSU-MB89R118 Datasheet
401Kb / 45P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118 FUJITSU-MB89R118_06 Datasheet
486Kb / 48P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R119 FUJITSU-MB89R119 Datasheet
691Kb / 44P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R118C FUJITSU-MB89R118C Datasheet
249Kb / 48P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
logo
STMicroelectronics
LRIS64K STMICROELECTRONICS-LRIS64K Datasheet
710Kb / 100P
64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
logo
AMIC Technology
A9211B AMICC-A9211B Datasheet
266Kb / 15P
ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
ISO/IEC 14443A RFID TAG IC
logo
Maxim Integrated Produc...
MAX66901EVKIT MAXIM-MAX66901EVKIT Datasheet
573Kb / 4P
High-Frequency Developers Kit for ISO 14443B and ISO 15693 RFID Keys
Rev 1; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com