Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V680-D1KP52MBTX1 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # V680-D1KP52MBTX1
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-D1KP52MBTX1 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button V680-D1KP52MBTX1 Datasheet HTML 8Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 9Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 10Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 11Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 12Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 13Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 14Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 15Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 59 page
background image
V680 Series
12
Square Antenna with Built-in Amplifier
Note: For details, refer to the User’s Manual (Cat. No. Z248 or Z262).
Amplifier Unit
Note: For details, refer to the User’s Manual (Cat. No. Z248 or Z262).
*1. When connected to the V680-HS@@-R or V680-HS52-R.
*2. When connected to the V680-HS@@-W or V680-HS52-W. (Not including
the Connector on the Controller.)
ID Controller
Note: For details, refer to the User's Manual (Cat. No. Z249).
USB Port
The USB port is used for a simple connection with a personal computer using a USB cable. The port complies with USB 1.1, and the USB cable
uses a series A or series mini-B connector. A USB port driver must be separately provided. Consult with your OMRON representative for details.
When connected to a host device via USB, the communications will use 1:1 protocol regardless of the setting of DIP switches 3 to 9.
The USB port is not used for control purposes. When building a system, be sure to provide an RS-232C port or RS-422/RS-485C port.
Item
Model
V680-H01-V2
Ambient
operating
temperature
−10°C to 55°C (with no icing)
Ambient storage
temperature
−35°C to 65°C (with no icing)
Ambient
operating
humidity
35% to 85% (with no condensation)
Insulation
resistance
20 M
Ω min. (at 100 VDC) between connector
terminals and the rear plate
Dielectric
strength
1,000 VAC, 50/60 Hz for 1 min between
connector terminals and the rear plate
Degree of protection
IP63.(IEC60529); Mounting direction:
Communications surface facing up
Vibration resistance
10 to 150 Hz, 0.35-mm single amplitude,
acceleration: 50 m/s2, 10 sweeps in each of 3
axis directions (up/down, left/right, and
forward/backward) for 8 minutes each
Shock resistance
150 m/s2, 3 times each in 6 directions
(Total: 18 times)
Appearance
200 × 250 × 40 mm
Material
Polycarbonate (PC) resin, ASA resin / Rear
Panel: Aluminum
Weight
Approx. 900 g
Cable length
0.5 m (use a relay cable to connect to the
Controller up to 30.5 m)
Item
Model
V680-HA63A
V680-HA63B
Ambient
operating
temperature
−10°C to 55°C (with no icing)
Ambient storage
temperature
−25°C to 65°C (with no icing)
Ambient
operating
humidity
35% to 85% (with no condensation)
Insulation
resistance
20 M
Ω min. (at 500 VDC) between the cable
terminals and the case
Dielectric
strength
1,000 VAC (50/60 Hz) for 1 minute between the cable
terminals and the case with a current leakage of 5 mA max.
Degree of protection
IP40 (IEC60529)
*1
IP67/IP65 (IEC60529)
*2
Vibration resistance
10 to 500 Hz variable vibration, 1.5-mm double
amplitude at 100 m/s2 acceleration, with 10 sweeps
in X, Y, and Z directions for 11 minutes each
Shock resistance
500 m/s2 in X, Y, and Z directions 3 times each
(18 times in total)
Appearance
25 × 40 × 65mm (not including projections)
Material
Polycarbonate (PC) resin
Weight
Approx. 650 g (with 10-m cable)
Cable length
5 m, 10 m
Transmittable RF Tags
1-kbyte memory
2-, 8-kbyte memory
Item
Model
V680-CA5D01-V2
V680-CA5D02-V2
Power supply voltage
(Power consumption)
24 VDC (
−15% to +10%)
15 W max., 0.8 A max.
Communications Specifications
RS-232C, RS-422, RS-485
Input Specifications (Input voltage)
RST, TRG1, and TRG2
24 VDC (+10% to
−15%, including ripple) (PNP and NPN compatible)
Output Specifications (Maximum switching
capacity)
RUN, BUSY/OUT3, ERROR/OUT4, OUT1,
and OUT2
24 VDC (+10% to
−15%, including ripple)
PNP and NPN compatible
Ambient operating temperature
−10 to 55°C (with no icing)
Ambient storage temperature
−25 to 65°C (with no icing)
Ambient operating humidity
25% to 85% (with no condensation)
Insulation resistance
20 M
Ω min. (at 500 VDC) applied as follows:
(1) Between power supply terminals and grounded case
(2) Between ground and terminals
Dielectric strength
1,000 VAC (50/60 Hz) for 1 minute
(1) Between power supply terminals and grounded case
(2) Between ground and terminals
Degree of protection
Panel mounted (equivalent to IP20)
Vibration resistance
10 to 150 Hz variable vibration, 0.2-mm double amplitude at 15 m/s2 acceleration, with 10
sweeps in X, Y, and Z directions for 8 minutes each
Shock resistance
150 m/s2
Appearance
105 × 90 × 65 mm (not including projections)
Material
Polycarbonate (PC) resin, ABS resin
Weight
Approx. 300 g
Connectable Amplifier Units
12


Similar Part No. - V680-D1KP52MBTX1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V680-CH1D OMRON-V680-CH1D Datasheet
1Mb / 2P
V680 RFID Handheld Reader Writer
More results

Similar Description - V680-D1KP52MBTX1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
ISO/IEC 15693 READER MODULE
logo
WJ Communication. Inc.
WJR7090 WJCI-WJR7090 Datasheet
348Kb / 4P
Multi-Protocol RFID Reader Module Gen1, ISO 18000-6B and ISO 18000-6C (UHFGen2)
logo
fujitsu semiconductor
MB89R118 FUJITSU-MB89R118 Datasheet
401Kb / 45P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118 FUJITSU-MB89R118_06 Datasheet
486Kb / 48P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R119 FUJITSU-MB89R119 Datasheet
691Kb / 44P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R118C FUJITSU-MB89R118C Datasheet
249Kb / 48P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
logo
STMicroelectronics
LRIS64K STMICROELECTRONICS-LRIS64K Datasheet
710Kb / 100P
64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
logo
AMIC Technology
A9211B AMICC-A9211B Datasheet
266Kb / 15P
ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
ISO/IEC 14443A RFID TAG IC
logo
Maxim Integrated Produc...
MAX66901EVKIT MAXIM-MAX66901EVKIT Datasheet
573Kb / 4P
High-Frequency Developers Kit for ISO 14443B and ISO 15693 RFID Keys
Rev 1; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com