Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V680-D1KP52MBTX1 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # V680-D1KP52MBTX1
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-D1KP52MBTX1 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button V680-D1KP52MBTX1 Datasheet HTML 2Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 3Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 4Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 5Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 6Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 7Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 8Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 9Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
V680 Series
6
ID Sensor Units
* When connected to the V680-H01: 0.28 A
Amplifier-integrated Controller (DeviceNet ID Slave/PROFIBUS ID Slave)
Amplifier-integrated Controllers (ID Flag Sensors)
Special Interface Cables (for V680-HAM91 and V680-HAM81)
Note: 1. The connectors are not waterproof.
2. The cable length can be extended to a maximum of 10 m.
3. Normally two Interface Cables are required for 1 Unit. If you do not need to write to ID Tags, or use the address shift or noise check
functions, then one Interface Cable is sufficient.
Handheld Reader Writers
Type
Appearance
Connected ID System
External
power supply
No. of unit
numbers
used
Current consumption (A)
Model
5 V
24 V
External
CJ
Special
I/O Unit
V680
Series
1 Head
1 unit
number
0.26
0.13
*
CJ1W-V680C11
2 Heads
2 unit
number
0.32
0.26
CJ1W-V680C12
Type
Appearance
Connected ID System
External
power supply
No. of unit
numbers
used
Current consumption (A)
Model
5 V
26 V
External
CS
Special
I/O Unit
V680
Series
1 Head
1 unit
number
0.26
0.13
*
CS1W-V680C11
2 Heads
24 VDC
2 unit
number
0.32
0.36
CS1W-V680C12
Appearance
Size
Network Compatibility
Model
65
× 65 × 65 mm
DeviceNet
V680-HAM42-DRT
PROFIBUS
V680-HAM42-PRT
Type
Appearance
Size
Model
NPN
output
90
× 30 ×
65 mm
V680-HAM91
PNP
output
V680-HAM81
Cable length
Model
Appearance
2 m
V680-A60 2M
5 m
V680-A60 5M
10 m
V680-A60 10M
Name
Appearance
Model
Model with standard serial connector
V680-CH1D
Model with USB connector and 0.8-m cable
V680-CHUD 0.8M
Model with USB connector and 1.9-m cable
V680-CHUD 1.9M
Models for Zebra Technologies Handheld Terminal
V680-CH1D-PSI
AC Adapter (for V680-CH1D)
V600-A22


Similar Part No. - V680-D1KP52MBTX1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V680-CH1D OMRON-V680-CH1D Datasheet
1Mb / 2P
   V680 RFID Handheld Reader Writer
More results

Similar Description - V680-D1KP52MBTX1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
   ISO/IEC 15693 READER MODULE
logo
WJ Communication. Inc.
WJR7090 WJCI-WJR7090 Datasheet
348Kb / 4P
   Multi-Protocol RFID Reader Module Gen1, ISO 18000-6B and ISO 18000-6C (UHFGen2)
logo
Fujitsu Component Limit...
MB89R118 FUJITSU-MB89R118 Datasheet
401Kb / 45P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118 FUJITSU-MB89R118_06 Datasheet
486Kb / 48P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R118C FUJITSU-MB89R118C Datasheet
249Kb / 48P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R119 FUJITSU-MB89R119 Datasheet
691Kb / 44P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
logo
STMicroelectronics
LRIS64K STMICROELECTRONICS-LRIS64K Datasheet
710Kb / 100P
   64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
logo
AMIC Technology
A9211B AMICC-A9211B Datasheet
266Kb / 15P
   ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
   ISO/IEC 14443A RFID TAG IC
logo
Maxim Integrated Produc...
MAX66901EVKIT MAXIM-MAX66901EVKIT Datasheet
573Kb / 4P
   High-Frequency Developers Kit for ISO 14443B and ISO 15693 RFID Keys
Rev 1; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com