Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V680-D1KP52MBTX1 Datasheet(PDF) 54 Page - Omron Electronics LLC

Part # V680-D1KP52MBTX1
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-D1KP52MBTX1 Datasheet(HTML) 54 Page - Omron Electronics LLC

Back Button V680-D1KP52MBTX1 Datasheet HTML 50Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 51Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 52Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 53Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 54Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 55Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 56Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 57Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 58Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 59 page
background image
V680 Series
54
ID Controller
ID Sensor Units
Amplifier-integrated Controller (DeviceNet ID Slave/PROFIBUS ID Slave)
Two, M4
80±0.2
18
17.5
95±0.2
7.5
90
(80)
65
80
5
5
Two, 4.5-dia.
(Mounting holes)
105
95
Mounting Hole Dimensions
Switch cover
Monitor display
Antenna connector
V680-CA5D01-V2/-CA5D02-V2
CJ1W-V680C11
31
4.5
4.7
Six operation indicators
Switches
Connector
90
65
2.7
2.7
18.1
17.3
01
Connector
Switches
Six operation indicators
123
101
130
35
CS1W-V680C11
4.5
4.7
Eight operation indicators
Switches
Connectors
90
2.7
18.1
17.3
2.7
31
65
29.2
CJ1W-V680C12
CS1W-V680C12
01
35
Connectors
Terminals
Switches
Eight operation indicators
123
101
15
With cover
mounted: 16.5
130
51
25
3.6
8
Data indicators
5
7
5 2
3.
2
2
6
.
)
.
3
(
2
1
65
20
10
5
5
16
4
1.5
65
Mode switch
Antenna connector
12 6
18
DeviceNet connector
Power supply connector
5.06
21.5
65
20.5
5
3
18
4.
28.5
Operation
indicators
Node address
switches
V680-HAM42-DRT
Case material
PC+ABS resin
Data indicators
5
7
5 2
3.
2
2
6
.
)
.
3
(
2
1
65
20
10
5
5
16
4
1.5
65
Mode switch
Antenna connector
12 6
18
Power supply connector
5.1
21.5
65
18.25
42
28.5
32.5
Operation
indicators
Node address
switches
PROFIBUS connector
V680-HAM42-PRT
Case material
PC+ABS resin


Similar Part No. - V680-D1KP52MBTX1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V680-CH1D OMRON-V680-CH1D Datasheet
1Mb / 2P
   V680 RFID Handheld Reader Writer
More results

Similar Description - V680-D1KP52MBTX1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
   ISO/IEC 15693 READER MODULE
logo
WJ Communication. Inc.
WJR7090 WJCI-WJR7090 Datasheet
348Kb / 4P
   Multi-Protocol RFID Reader Module Gen1, ISO 18000-6B and ISO 18000-6C (UHFGen2)
logo
Fujitsu Component Limit...
MB89R118 FUJITSU-MB89R118 Datasheet
401Kb / 45P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118 FUJITSU-MB89R118_06 Datasheet
486Kb / 48P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R118C FUJITSU-MB89R118C Datasheet
249Kb / 48P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R119 FUJITSU-MB89R119 Datasheet
691Kb / 44P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
logo
STMicroelectronics
LRIS64K STMICROELECTRONICS-LRIS64K Datasheet
710Kb / 100P
   64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
logo
AMIC Technology
A9211B AMICC-A9211B Datasheet
266Kb / 15P
   ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
   ISO/IEC 14443A RFID TAG IC
logo
Maxim Integrated Produc...
MAX66901EVKIT MAXIM-MAX66901EVKIT Datasheet
573Kb / 4P
   High-Frequency Developers Kit for ISO 14443B and ISO 15693 RFID Keys
Rev 1; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com