Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V680-D1KP66MT Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # V680-D1KP66MT
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-D1KP66MT Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button V680-D1KP66MT Datasheet HTML 11Page - Omron Electronics LLC V680-D1KP66MT Datasheet HTML 12Page - Omron Electronics LLC V680-D1KP66MT Datasheet HTML 13Page - Omron Electronics LLC V680-D1KP66MT Datasheet HTML 14Page - Omron Electronics LLC V680-D1KP66MT Datasheet HTML 15Page - Omron Electronics LLC V680-D1KP66MT Datasheet HTML 16Page - Omron Electronics LLC V680-D1KP66MT Datasheet HTML 17Page - Omron Electronics LLC V680-D1KP66MT Datasheet HTML 18Page - Omron Electronics LLC V680-D1KP66MT Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 59 page
background image
15
V680 Series
Handheld Reader Writers
Note: Refer to the User’s Manual (Cat. No. Z272) for details.
Contact your OMRON sales representative for details on drivers for Windows.
* This does not include the connector section. The main unit is not resistant to chemical or oils.
AC Adapter (for V680-CH1D)
Item
Model
V680-CHUD 0.8M
V680-CHUD 1.9M
V680-CH1D
V680-CH1D-PSI
Power supply voltage
5 VDC ± 5% (at the connector section of the product)
Current consumption
500 mA max. (for a power supply voltage of 5.0 V)
Communications
specifications
USB (Series A plug) Ver.1.1
RS-232C (D-SUB 9-pin)
compatible with IBM PC/
AT)
RS-232C (D-SUB 9-pin)
Ambient operating
temperature during
communication
0 to +40°C
Ambient storage
temperature
−25 to +65°C
Ambient operating
humidity during
communication
35% to 85% (with no condensation)
Insulation resistance
50 M
Ω min. (at 500 VDC) between connector and case
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min (leakage current: 1 mA max.) between connectors and case
Degree of protection
IEC 60529: IP63
*
Vibration resistance
Destruction: 10 to 150 Hz variable vibration, 0.2-mm double amplitude and 15 m/s2 acceleration with 10 sweeps for
8 min each in 6 directions
Shock resistance
Destruction: 150 m/s2, 3 times each in X, Y, and Z directions
Weight
Approx. 110 g
(including connector and
cable)
Approx. 140 g
(including connector and
cable)
Approx. 170 g
(including connector and
cable)
Approx. 120 g
(including connector and
cable)
Cable length
0.8 m
1.9 m
2.5 m
0.8 m
Item
Model
V600-A22
Input voltage
100 to 120 VAC at 50/60 Hz
Input current
AC: 300 mA (at load current of 2.0 A)
Output voltage
DC5V ± 0.25V
Ambient operating
temperature
0 to +40°C
Ambient storage
temperature
−20 to +85°C (with no icing)
Ambient operating
humidity
5% to 95% (with no condensation)
Insulation resistance
100 M
Ω min. (at 500 VDC) between input terminals and output terminals
Dielectric strength
2,000 V for 1 minute between input terminals and output terminals with a current leakage of 10 mA max.
Weight
Approx. 70 g
Applicable standards
UL


Similar Part No. - V680-D1KP66MT

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V680-CH1D OMRON-V680-CH1D Datasheet
1Mb / 2P
V680 RFID Handheld Reader Writer
More results

Similar Description - V680-D1KP66MT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
ISO/IEC 15693 READER MODULE
logo
WJ Communication. Inc.
WJR7090 WJCI-WJR7090 Datasheet
348Kb / 4P
Multi-Protocol RFID Reader Module Gen1, ISO 18000-6B and ISO 18000-6C (UHFGen2)
logo
Fujitsu Component Limit...
MB89R118 FUJITSU-MB89R118 Datasheet
401Kb / 45P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118 FUJITSU-MB89R118_06 Datasheet
486Kb / 48P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R118C FUJITSU-MB89R118C Datasheet
249Kb / 48P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R119 FUJITSU-MB89R119 Datasheet
691Kb / 44P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
logo
STMicroelectronics
LRIS64K STMICROELECTRONICS-LRIS64K Datasheet
710Kb / 100P
64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
logo
AMIC Technology
A9211B AMICC-A9211B Datasheet
266Kb / 15P
ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
ISO/IEC 14443A RFID TAG IC
logo
Maxim Integrated Produc...
MAX66901EVKIT MAXIM-MAX66901EVKIT Datasheet
573Kb / 4P
High-Frequency Developers Kit for ISO 14443B and ISO 15693 RFID Keys
Rev 1; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com