Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V680-D1KP66MT Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # V680-D1KP66MT
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-D1KP66MT Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button V680-D1KP66MT Datasheet HTML 9Page - Omron Electronics LLC V680-D1KP66MT Datasheet HTML 10Page - Omron Electronics LLC V680-D1KP66MT Datasheet HTML 11Page - Omron Electronics LLC V680-D1KP66MT Datasheet HTML 12Page - Omron Electronics LLC V680-D1KP66MT Datasheet HTML 13Page - Omron Electronics LLC V680-D1KP66MT Datasheet HTML 14Page - Omron Electronics LLC V680-D1KP66MT Datasheet HTML 15Page - Omron Electronics LLC V680-D1KP66MT Datasheet HTML 16Page - Omron Electronics LLC V680-D1KP66MT Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
13
V680 Series
ID Sensor Units
* When connected to the V680-H01: 280 mA. The V680-H01-V2 can be connected only to a 1-channel ID Sensor Unit. A 2-channel Unit cannot be used.
Functional Specifications of ID Sensor Units
Note: For details, refer to the User's Manual (Cat. No. Z271).
* Cannot be used for communications with the V680-D1KP@@.
Item
Model
CJ1W-V680C11
CJ1W-V680C12
CS1W-V680C11
CS1W-V680C12
Current
consumpt
ion
Internal: 5 V
260 mA
320 mA
260 mA
320 mA
Internal:
24 V/26 V
130 mA
*
260 mA
125 mA
*
External: 24 V −−
360 mA
Ambient operating
temperature
0 to 55°C
Ambient storage
temperature
−20°C to 75°C
Ambient operating
humidity
10% to 90% (with no condensation)
Insulation resistance
20 m
Ω min. at 500 VDC
Dielectric strength
1,000 VAC for 1 minute
Degree of protection
Mounted in panel (IP30)
Vibration resistance
10 to 57 Hz variable vibration, 0.075-mm double amplitude and 57 to 150 Hz variable vibration at 9.8 m/s2
acceleration, with 10 sweeps in X, Y, and Z directions for 8 minutes each
Shock resistance
147 m/s2 in X, Y, and Z directions 3 times each
Appearance
31 × 65 × 90 mm (excluding protrusions)
35 × 130 × 101 mm (excluding protrusions)
Item
Model
CJ1W-V680C11
CJ1W-V680C12
CS1W-V680C11
CS1W-V680C12
Communications control
protocol
Special protocol for CS, CJ and NJ PLCs
Number of Antenna
connections
12
12
Commands
Supported commands: Read, Write, Bit Set/Bit Clear, Mask Bit Write, Calculation Write, Data Fill, Data Check,
Number of Writes Control, Copy (CJ1W-V680C12 and CS1W-V680C12 only), Read with Error Correction/Write with
Error Correction, UID Read, and Noise Measurement.
The following communications options are supported: Single trigger, Single auto, Repeat auto, FIFO trigger, FIFO
repeat
*, Multi-access trigger, and Multi-access repeat *
Data transfer quantity
2,048 bytes max. (160 bytes/scan)
Diagnostic function
(1) CPU watchdog timer
(2) Communications error detection with RF Tag
(3) Antenna power supply error
Monitoring/testing
functions
Tag communications can be tested in Test Mode. Status is displayed by LED indicators.
Number of allocated
words
10 words
20 words
10 words
20 words


Similar Part No. - V680-D1KP66MT

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V680-CH1D OMRON-V680-CH1D Datasheet
1Mb / 2P
V680 RFID Handheld Reader Writer
More results

Similar Description - V680-D1KP66MT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
ISO/IEC 15693 READER MODULE
logo
WJ Communication. Inc.
WJR7090 WJCI-WJR7090 Datasheet
348Kb / 4P
Multi-Protocol RFID Reader Module Gen1, ISO 18000-6B and ISO 18000-6C (UHFGen2)
logo
Fujitsu Component Limit...
MB89R118 FUJITSU-MB89R118 Datasheet
401Kb / 45P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118 FUJITSU-MB89R118_06 Datasheet
486Kb / 48P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R119 FUJITSU-MB89R119 Datasheet
691Kb / 44P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R118C FUJITSU-MB89R118C Datasheet
249Kb / 48P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
logo
STMicroelectronics
LRIS64K STMICROELECTRONICS-LRIS64K Datasheet
710Kb / 100P
64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
logo
AMIC Technology
A9211B AMICC-A9211B Datasheet
266Kb / 15P
ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
ISO/IEC 14443A RFID TAG IC
logo
Maxim Integrated Produc...
MAX66901EVKIT MAXIM-MAX66901EVKIT Datasheet
573Kb / 4P
High-Frequency Developers Kit for ISO 14443B and ISO 15693 RFID Keys
Rev 1; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com