Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V680-D1KP66MT Datasheet(PDF) 55 Page - Omron Electronics LLC

Part # V680-D1KP66MT
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-D1KP66MT Datasheet(HTML) 55 Page - Omron Electronics LLC

Back Button V680-D1KP66MT Datasheet HTML 51Page - Omron Electronics LLC V680-D1KP66MT Datasheet HTML 52Page - Omron Electronics LLC V680-D1KP66MT Datasheet HTML 53Page - Omron Electronics LLC V680-D1KP66MT Datasheet HTML 54Page - Omron Electronics LLC V680-D1KP66MT Datasheet HTML 55Page - Omron Electronics LLC V680-D1KP66MT Datasheet HTML 56Page - Omron Electronics LLC V680-D1KP66MT Datasheet HTML 57Page - Omron Electronics LLC V680-D1KP66MT Datasheet HTML 58Page - Omron Electronics LLC V680-D1KP66MT Datasheet HTML 59Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 55 / 59 page
background image
55
V680 Series
Amplifier-integrated Controllers (ID Flag Sensors)
Handheld Reader Writer
7
.
8
74.8
71.8
65.75
61.75
4 switches
21 operation indicators
7
.
4
1
=
1
.
2
7 ×
4 switches
18.95
30.25
41.55
52.85
0
3
(5.5)
108.26
90
Connector
5
6
12
Connector
4
7
.
4
1
38.5
V680-HAM91/-HAM81
Case material
PC+ABS resin
Dimension L
1900
800
60
60
11
23
45
Activate switch
65
25.5
3.8-dia. vinyl-insulated round cable
Standard length: 0.8 or 1.9 m
L
160.5
10.5
23
Antenna
33
Ferrite core
Operation indicator
V680-CHUD
Case material
ABS resin
Cable
PVC
Activate switch
Reset button
25.5
23
48
65
45
10.5
Antenna
33
Ferrite core
3.8-dia. vinyl-insulated round cable
Standard length: 2.5 m
Connector
Connector
1.8-dia. × 2 vinyl-insulated flat cable
Standard length: 0.19 m
13 dia.
2500±60
24.99 32.2
160.5
45
23
44.9
Operation indicator
11
V680-CH1D
Case material
ABS resin
Cable
PVC
Operation indicator
Activate switch
Antenna
Reset button
11
48
65
45
23
25.5
10.5
23
Ferrite core
3.8-dia. vinyl-insulated round cable
Standard length: 2.5 m
Connector
33
160.5
44.9
800
+50
-110
32.2
24.99
V680-CH1D-PSI
Case material
ABS resin
Cable
PVC


Similar Part No. - V680-D1KP66MT

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V680-CH1D OMRON-V680-CH1D Datasheet
1Mb / 2P
   V680 RFID Handheld Reader Writer
More results

Similar Description - V680-D1KP66MT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
   ISO/IEC 15693 READER MODULE
logo
WJ Communication. Inc.
WJR7090 WJCI-WJR7090 Datasheet
348Kb / 4P
   Multi-Protocol RFID Reader Module Gen1, ISO 18000-6B and ISO 18000-6C (UHFGen2)
logo
Fujitsu Component Limit...
MB89R118 FUJITSU-MB89R118 Datasheet
401Kb / 45P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118 FUJITSU-MB89R118_06 Datasheet
486Kb / 48P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R118C FUJITSU-MB89R118C Datasheet
249Kb / 48P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R119 FUJITSU-MB89R119 Datasheet
691Kb / 44P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
logo
STMicroelectronics
LRIS64K STMICROELECTRONICS-LRIS64K Datasheet
710Kb / 100P
   64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
logo
AMIC Technology
A9211B AMICC-A9211B Datasheet
266Kb / 15P
   ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
   ISO/IEC 14443A RFID TAG IC
logo
Maxim Integrated Produc...
MAX66901EVKIT MAXIM-MAX66901EVKIT Datasheet
573Kb / 4P
   High-Frequency Developers Kit for ISO 14443B and ISO 15693 RFID Keys
Rev 1; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com