Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM2220A Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # SM2220A
Description  METAL OXIDE VARISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SM2220A Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  SM2220A Datasheet HTML 1Page - SUNMATE electronic Co., LTD SM2220A Datasheet HTML 2Page - SUNMATE electronic Co., LTD SM2220A Datasheet HTML 3Page - SUNMATE electronic Co., LTD SM2220A Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type Number
Varistor
Voltage
Max. Allowable
Voltage
Max.
Energy
(10/1000
μs)
Max. Clamping
Voltage
(8/20
μs)
Withstanding
urge Current
(8/20
μs)
V1mA(V)
VAC(V)
VDC(V)
(J)
IP(A)
VC(V)
I(A)
21.6~27
14
18
2.5
10
59
1200
26.4~33
17
22
2.5
10
72
1200
28.8~36
18
24
2.5
10
79
1200
31.2~39
20
26
2.5
10
85
1200
36~45
25
30
2.5
10
99
1200
45.6~57
30
38
2.5
10
125
1200
50.4~63
32
42
2.5
10
138
1200
54~67.5
35
45
2.5
10
148
1200
67.2~84
40
56
2.5
10
184
1200
72~90
43
60
2.5
10
198
1200
78~97.5
46
65
2.5
10
214
1200
81.6~102
49
68
2.5
10
224
1200
102~127.5
60
85
2.5
10
280
1200
162~198
115
150
5.6
10
315
500
198~242
140
180
5.6
10
360
500
216~264
150
200
5.6
10
415
500
243~297
175
225
5.6
10
475
500
351~429
250
320
8.5
10
650
500
387~473
275
350
8.5
10
710
500
423~517
300
385
8.5
10
775
500
Environmental Performance
Item
Specifications
Test Condition
Bias Humidity
VV / VV≤±10%
90%RH, 40
ºC, Working Voltage, 1000 hrs
Thermal Shock
VV / VV≤±10%
-40
ºC to 85ºC,30min.cycle,5 cycles
Full Load Voltage
VV / VV≤±10%
Working Voltage,85
ºC,1000 hrs
General Technical Data
Operating Temperature
-40~+85
ºC
Storage Temperature
-40~+125
ºC
Response Time
<1ns
Solderability
245
±5 ºC, 3±1sec
Solder leach resistance
260
±5 ºC,10±1sec
Taping Package Storage Condition
Storage Temperature
5~40
ºC
Relative Humidity
To 65%
Storage Time
12 Months max
Electrical Characteristics
SM2220A240K
SM2220A270K
SM2220A300K
SM2220A330K
SM2220A390K
SM2220A470K
SM2220A530K
SM2220A560K
SM2220A680K
SM2220A760K
SM2220A820K
SM2220A900K
SM2220A101K
SM2220A181K
SM2220A221K
SM2220A241K
SM2220A271K
SM2220A391K
SM2220A431K
SM2220A471K


Similar Part No. - SM2220A

ManufacturerPart #DatasheetDescription
logo
Sinopower Semiconductor...
SM2221CSQG SINOPWER-SM2221CSQG Datasheet
223Kb / 16P
Dual Enhancement Mode MOSFET (N- and P-Channel)
logo
SHENZHEN DOINGTER SEMIC...
SM2221CSQG DOINGTER-SM2221CSQG Datasheet
1Mb / 7P
N-Channel and P-Channel MOSFET uses advanced trench technology
logo
Sinopower Semiconductor...
SM2221CSQGC-TRG SINOPWER-SM2221CSQGC-TRG Datasheet
223Kb / 16P
Dual Enhancement Mode MOSFET (N- and P-Channel)
SM2222CSQG SINOPWER-SM2222CSQG Datasheet
303Kb / 14P
Dual Enhancement Mode MOSFET (N- and P-Channel)
SM2222CSQGC-TRG SINOPWER-SM2222CSQGC-TRG Datasheet
303Kb / 14P
Dual Enhancement Mode MOSFET (N- and P-Channel)
More results

Similar Description - SM2220A

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
Metal Oxide Varistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com