Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM2220A Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # SM2220A
Description  METAL OXIDE VARISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SM2220A Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  SM2220A Datasheet HTML 1Page - SUNMATE electronic Co., LTD SM2220A Datasheet HTML 2Page - SUNMATE electronic Co., LTD SM2220A Datasheet HTML 3Page - SUNMATE electronic Co., LTD SM2220A Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
l EIA size:2220
l Variable capacitance
l Operating voltage: 18Vdc ~385Vdc
l High surge suppress capability
l Bidirectional and symmetrical V/I characteristics
l Multilayer ceramic construction technology
l RoHS & Halogen Free (HF) compliant
l Operating temperature range: -40
~ +85
℃℃
l Storage temperature range: -40℃ ~ +125℃
Applications
l Used to Help Achieve Electromagnetic Compliance of End Products
l Provides On-Board Transient Voltage Protection for ICs, CMOS and MOSFET
l Suppression of Inductive Switching or Other Transient Events Such as EFT and Surge Voltage at the Circuit Board.
l Protection of Components and Circuits Sensitive to ESD Transients Occurring on Power supplies, Control and Signal
Lines.
Part Number Code
A
2
4
0
K
0
2
2
2
M
S
LOGO
Packaging
2220
Varistor Voltage
24V
Standard
Tolerance
K:±10%
SM2220A Series
METAL OXIDE VARISTORS


Similar Part No. - SM2220A

ManufacturerPart #DatasheetDescription
logo
Sinopower Semiconductor...
SM2221CSQG SINOPWER-SM2221CSQG Datasheet
223Kb / 16P
Dual Enhancement Mode MOSFET (N- and P-Channel)
logo
SHENZHEN DOINGTER SEMIC...
SM2221CSQG DOINGTER-SM2221CSQG Datasheet
1Mb / 7P
N-Channel and P-Channel MOSFET uses advanced trench technology
logo
Sinopower Semiconductor...
SM2221CSQGC-TRG SINOPWER-SM2221CSQGC-TRG Datasheet
223Kb / 16P
Dual Enhancement Mode MOSFET (N- and P-Channel)
SM2222CSQG SINOPWER-SM2222CSQG Datasheet
303Kb / 14P
Dual Enhancement Mode MOSFET (N- and P-Channel)
SM2222CSQGC-TRG SINOPWER-SM2222CSQGC-TRG Datasheet
303Kb / 14P
Dual Enhancement Mode MOSFET (N- and P-Channel)
More results

Similar Description - SM2220A

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
Metal Oxide Varistors
logo
Ruilongyuan Electronics...
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
Metal Oxide Varistors
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
METAL OXIDE VARISTORS
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
Metal Oxide Varistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com