Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM2220A Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

Part # SM2220A
Description  METAL OXIDE VARISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SM2220A Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  SM2220A Datasheet HTML 1Page - SUNMATE electronic Co., LTD SM2220A Datasheet HTML 2Page - SUNMATE electronic Co., LTD SM2220A Datasheet HTML 3Page - SUNMATE electronic Co., LTD SM2220A Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Soldering Parameters - Reflow Soldering (Surface Mount Devices)
Reflow Condition
Pb - Free assembly
Pre
Heat
-Temperature Min (Ts(min))
150
°C
-Temperature Max (Ts(max))
200
°C
- Time (min to max) (ts)
60 -180 Seconds
Average ramp up rate ( Liquids
Temp TL) to peak
3
°C/second max
TS(max) to TL - Ramp-up Rate
3
°C/second max
Reflo
w
- Temperature (TL)
(Liquids)
217
°C
- Time (min to max) (ts)
60 -150 Seconds
Precaution for soldering
Peak Temperature (TP)
260 +0/-5
°C
Note that this product will be easily damaged by rapid heating, rapid
cooling or local heating.
Do not give heat shock over 100
°C in the process of soldering. We
recommend to take preheating and gradual cooling
Time within 5
°C of actual peak
Temperature (tp)
20 - 40 Seconds
Ramp-down Rate
6
°C/second max
Time 25
°C to peak Temperature (T
P)
8 minutes Max
Soldering gun procedure
Do not exceed
260
°C
Note the follows, in case of using solder gun for replacement.
1)The tip temperature must be less than 280 for the period within 3
seconds by using soldering gun under 30W
2) The soldering gun tip shall not touch this product directly.
Soldering volume
Note that excess of soldering volume will easily get crack the body of
this product.
Dimensions And Recommended Pad Layout
Symbol
Millimeters
Inches
L
5.70
±0.50
0.224
±0.02
W
5.08
±0.50
0.20
±0.02
Tmax.
3.80
0.15
WB
0.60
±0.25
0.024
±0.01
I
5.5
0.217
J
6.4
0.252
K
4.2
0.165
Ramp-down
Preheat
Critical Zone
TL to TP
Time to peak temperature
(t 25℃ to peak)
TP
TL
TS(max)
TS(min)
25
Ramp-up
Time
Recommended Soldering Pad Layout


Similar Part No. - SM2220A

ManufacturerPart #DatasheetDescription
logo
Sinopower Semiconductor...
SM2221CSQG SINOPWER-SM2221CSQG Datasheet
223Kb / 16P
Dual Enhancement Mode MOSFET (N- and P-Channel)
logo
SHENZHEN DOINGTER SEMIC...
SM2221CSQG DOINGTER-SM2221CSQG Datasheet
1Mb / 7P
N-Channel and P-Channel MOSFET uses advanced trench technology
logo
Sinopower Semiconductor...
SM2221CSQGC-TRG SINOPWER-SM2221CSQGC-TRG Datasheet
223Kb / 16P
Dual Enhancement Mode MOSFET (N- and P-Channel)
SM2222CSQG SINOPWER-SM2222CSQG Datasheet
303Kb / 14P
Dual Enhancement Mode MOSFET (N- and P-Channel)
SM2222CSQGC-TRG SINOPWER-SM2222CSQGC-TRG Datasheet
303Kb / 14P
Dual Enhancement Mode MOSFET (N- and P-Channel)
More results

Similar Description - SM2220A

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
Metal Oxide Varistors
logo
Ruilongyuan Electronics...
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
Metal Oxide Varistors
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
METAL OXIDE VARISTORS
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
Metal Oxide Varistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com