Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AV2025 Datasheet(PDF) 3 Page - Avic Technology

Part # AV2025
Description  STEREO AUDIO AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology

AV2025 Datasheet(HTML) 3 Page - Avic Technology

  AV2025 Datasheet HTML 1Page - Avic Technology AV2025 Datasheet HTML 2Page - Avic Technology AV2025 Datasheet HTML 3Page - Avic Technology AV2025 Datasheet HTML 4Page - Avic Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
@vic
AV2025
Copyright © Avic Electronics Corp.
3
Website: http://www.avictek.com
APPLICATION
CIRCUIT
( 1.STEREO )
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Resistance
Zi
30
Channel
Separation
CSR
Rg=10KΩ,f=1kHz,
RL=4Ω,Po=1W
40
55
-
dB
Ripple Rejection
Srip
Rg=0,frip=100Hz,
Vrip=150mV,Av=45dB
40
46
-
dB
Rg=0Ω
-
1.5
3
Input Noise
Voltage
VNI
BW:20Hz-
20kHz,Av=200
Rg=10KΩ
-
3
6
uV
Vcc=9V,RL=4Ω
1.7
2.3
-
Vcc=6V,RL=8Ω
-
1.3
-
Vcc=6V,RL=4Ω
0.7
1.0
-
Vcc=6V,RL=8Ω
-
0.6
-
Stereo
Vcc=3V,RL=4Ω
-
0.1
-
Vcc=9V,RL=8Ω
-
4.7
-
Output Power
Po
THD=
10%,f=
1kHz
Bridge
Vcc=6V,RL=4Ω
-
2.8
-
W
AV2025


Similar Part No. - AV2025

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
AV200 A-DATA-AV200 Datasheet
1Mb / 2P
   Easy to create wireless hotspot
logo
Avic Technology
AV2001 AVICTEK-AV2001 Datasheet
627Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV2003 AVICTEK-AV2003 Datasheet
108Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Ultralife Corporation.
AV2011 ULTRALIFE-AV2011 Datasheet
259Kb / 1P
   UHF Satellite Communication (SATCOM) Antenna
logo
Avic Technology
AV2030 AVICTEK-AV2030 Datasheet
195Kb / 13P
   LINEAR INTEGRATED CIRCUIT
More results

Similar Description - AV2025

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
STMicroelectronics
TEA2025B STMICROELECTRONICS-TEA2025B Datasheet
82Kb / 9P
   STEREO AUDIO AMPLIFIER
June 1994
logo
Unisonic Technologies
TEA2025D UTC-TEA2025D Datasheet
248Kb / 8P
   STEREO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TEA2025B TGS-TEA2025B Datasheet
551Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025 UTC-TEA2025_10 Datasheet
204Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025A UTC-TEA2025A Datasheet
272Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025AH UTC-TEA2025AH Datasheet
223Kb / 7P
   STEREO AUDIO AMPLIFIER
logo
Bookly Micro electronic
TEA2025 BOOKLY-TEA2025 Datasheet
76Kb / 4P
   STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com