Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AV2025 Datasheet(PDF) 2 Page - Avic Technology

Part # AV2025
Description  STEREO AUDIO AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology

AV2025 Datasheet(HTML) 2 Page - Avic Technology

  AV2025 Datasheet HTML 1Page - Avic Technology AV2025 Datasheet HTML 2Page - Avic Technology AV2025 Datasheet HTML 3Page - Avic Technology AV2025 Datasheet HTML 4Page - Avic Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
@vic
AV2025
Copyright © Avic Electronics Corp.
2
Website: http://www.avictek.com
ORDERING INFORMATION
PIN
SYMBOL
PIN
SYMBOL
1
AUXBTL
9
GND
2
2OUT
10
1IN
3
2BS
11
1FB
4
2GNDp
12
1GNDp
5
2GNDp
13
1GNDp
6
2FB
14
1BS
7
2IN
15
1OUT
8
FIL
16
VCC
ABSOLUTE MAXIMUM RATINGS (Tamb=25°C)
PARAMETER
SYMBOL
VALUE
UNIT
Supply
Vcc
15
V
Output Peak Current
Iop
1.5
A
JunctionTemperature
Tj
150°C
°
C
Storage Temperature
Ts
-40°C ~+150°C
°
C
ELECTRICAL CHARACTERISTICS
(TA=+25℃,Vcc=9V,f=1KHz,RL=8Ω,unless otherwise specified).
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
Vcc
3
-
12
V
Quiescent
Current
Icc
Vi=0,Stereo
-
40
50
mA
Quiescent
Output Voltage
Vo(DC)
4.0
4.5
5.0
V
Stereo
43
45
47
Closed Loop
Voltage Gain
Av
Bridge
Vi=-45dBm
49
51
53
dB
Channel Balance
CB
Stereo
-1
0
+1
dB
Stereo
-
0.3
1.5
Toltal Harmonic
Distortion
THD
Bridge
Po=250mW,f=1kHz,
RL=4Ω,Vcc=9V
-
0.5
-
%


Similar Part No. - AV2025

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
AV200 A-DATA-AV200 Datasheet
1Mb / 2P
   Easy to create wireless hotspot
logo
Avic Technology
AV2001 AVICTEK-AV2001 Datasheet
627Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV2003 AVICTEK-AV2003 Datasheet
108Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Ultralife Corporation.
AV2011 ULTRALIFE-AV2011 Datasheet
259Kb / 1P
   UHF Satellite Communication (SATCOM) Antenna
logo
Avic Technology
AV2030 AVICTEK-AV2030 Datasheet
195Kb / 13P
   LINEAR INTEGRATED CIRCUIT
More results

Similar Description - AV2025

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
STMicroelectronics
TEA2025B STMICROELECTRONICS-TEA2025B Datasheet
82Kb / 9P
   STEREO AUDIO AMPLIFIER
June 1994
logo
Unisonic Technologies
TEA2025D UTC-TEA2025D Datasheet
248Kb / 8P
   STEREO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TEA2025B TGS-TEA2025B Datasheet
551Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025 UTC-TEA2025_10 Datasheet
204Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025A UTC-TEA2025A Datasheet
272Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025AH UTC-TEA2025AH Datasheet
223Kb / 7P
   STEREO AUDIO AMPLIFIER
logo
Bookly Micro electronic
TEA2025 BOOKLY-TEA2025 Datasheet
76Kb / 4P
   STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com