Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSTNE12M0G55Z000R0 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # CSTNE12M0G55Z000R0
Description  Specification of Piezoelectric Ceramic Resonator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTNE12M0G55Z000R0 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button CSTNE12M0G55Z000R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CSTNE12M0G55Z000R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CSTNE12M0G55Z000R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSTNE12M0G55Z000R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTNE12M0G55Z000R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTNE12M0G55Z000R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTNE12M0G55Z000R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CSTNE12M0G55Z000R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. CSTNE12M0G55Z000R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Document No. JGC42-8833A
株式会社
Murata Manufacturing Co.,Ltd.
P. 7/16
10. 機械的性能
Physical Characteristics
Item
試 験 条 件
Test Condition
試験後の規格
Specification
After Test
10-1 自然落下
Free Fall
製 品 単 品 状態で、1.0mの高さから木板(樫の木)に
3 回 自 然 落 下 さ せ た 後 、 測 定 し ま す 。 試 験 方 法 は
IEC60068-2-32に準拠します。
Component shall be measured after 3 times free fall
onto a wooden plate(Oak tree) from a height of
1.0m.
Test
procedure
is in accordance with
IEC60068-2-32.
外観に異常がなく、表1
及び5-5を満足します。
No
visible
damage
and
the
measured
values
shall
meet
Table 1 and Item 5-5.
10-2 正弦波振動
Vibration
(Sinusoidal)
製品を試験用基板に実装した状態で、振動周波数 10
~55Hz、全振幅1.5mmの振動をX,Y,Zの3方向に各2
時間加えた後、測定します。試験方法はIEC60068-2-6
に準拠します。
Component shall be soldered on the test board.
Then it shall be measured after being applied
vibration
of
amplitude
1.5mm
and
vibration
frequency 10 to 55Hz to each of 3 perpendicular
directions for 2 hours. Testing procedure is in
accordance with IEC60068-2-6.
表1及び5-5を満足しま
す。
The measured values
shall
meet Table 1
and Item 5-5.
10-3 基板たわみ
Board Flex
下図に示すたわみ試験用基板に実装し、矢印の方向
に5回たわませた後、測定します。
たわみ基板:第2図に示します。
たわみ量 :1mm
保持時間 :1秒
基板厚み :1.6mm
Component shall be soldered on the test board.
Then it shall be measured after being applied pres-
sure in vertical direction shown in the figure below
for 5 times until the bent width reaches 1mm and
hold for 1 second
Test PCB: See Figure 2.
PCB thickness: 1.6mm
20
50
Part
PCB
R340
45
45
Load
Deflection
Stick
5 Supporter
φ
1 Off-Center
加圧棒
加圧
1センターズレ
部品
5支持台
たわみ
±
φ
±
表1及び5-5を満足しま
す。
The measured values
shall
meet Table 1
and Item 5-5.


Similar Part No. - CSTNE12M0G55Z000R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTNE12M0G55Z000R0 MURATA1-CSTNE12M0G55Z000R0 Datasheet
694Kb / 16P
Specification of Piezoelectric Ceramic Resonator
April 22, 2019
CSTNE12M0G55Z000R0 MURATA1-CSTNE12M0G55Z000R0_V01 Datasheet
694Kb / 16P
Specification of Piezoelectric Ceramic Resonator
April 22, 2019
More results

Similar Description - CSTNE12M0G55Z000R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTNE8M00G550000R0 MURATA-CSTNE8M00G550000R0 Datasheet
594Kb / 16P
Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G52A000R0 MURATA-CSTNE12M0G52A000R0 Datasheet
1,001Kb / 19P
Specification of Piezoelectric Ceramic Resonator
CSTNE12M0GH5L000R0 MURATA-CSTNE12M0GH5L000R0 Datasheet
602Kb / 16P
Specification of Piezoelectric Ceramic Resonator
CSTNE16M0V530000R0 MURATA-CSTNE16M0V530000R0 Datasheet
595Kb / 16P
Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3C000R0 MURATA-CSTNE16M0VH3C000R0 Datasheet
660Kb / 19P
Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3L000R0 MURATA-CSTNE16M0VH3L000R0 Datasheet
601Kb / 16P
Specification of Piezoelectric Ceramic Resonator
CSTNE20M0V53C000R0 MURATA-CSTNE20M0V53C000R0 Datasheet
646Kb / 19P
Specification of Piezoelectric Ceramic Resonator
logo
Murata Manufacturing Co...
CSTNE16M0V53L00ZR0 MURATA1-CSTNE16M0V53L00ZR0_V01 Datasheet
761Kb / 16P
Specification of Piezoelectric Ceramic Resonator
July 8, 2019
CSTNE16M0V53Z000R0 MURATA1-CSTNE16M0V53Z000R0_V01 Datasheet
695Kb / 16P
Specification of Piezoelectric Ceramic Resonator
April 23, 2019
CSTNE17M2V53L000R0 MURATA1-CSTNE17M2V53L000R0 Datasheet
664Kb / 16P
Specification of Piezoelectric Ceramic Resonator
July 5, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com