Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSTNE12M0G55Z000R0 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # CSTNE12M0G55Z000R0
Description  Specification of Piezoelectric Ceramic Resonator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTNE12M0G55Z000R0 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button CSTNE12M0G55Z000R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSTNE12M0G55Z000R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CSTNE12M0G55Z000R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CSTNE12M0G55Z000R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSTNE12M0G55Z000R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTNE12M0G55Z000R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTNE12M0G55Z000R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTNE12M0G55Z000R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CSTNE12M0G55Z000R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Document No. JGC42-8833A
株式会社
Murata Manufacturing Co.,Ltd.
P. 6/16
9. 測定方法
Measuring Method
9-1
発振周波数
: 第1図に示す回路で測定します。測定用回路は当社にて作製
した回路を用います。
Oscillating Frequency
: See Figure 1.
The measurement circuit is made by Murata.
9-2
等価定数
: ベクトルインピ-ダンスアナライザ-4294(KEYSIGHT製)また
は相当品にて測定します。測定電圧は0.175Vrmsです。
Equivalent Circuit Value
: Vector Impedance Analyzer 4294(KEYSIGHT) or equiva-
lent is used for the measurement. Applied voltage is
0.175Vrms.
9-3
測定条件
: 温度+25±5℃、湿度20~85%R.H.を標準測定状態とします。
Measuring Condition
: Standard conditions for the measurement shall be
+25±5°C and 20 to 85%R.H..
IC:1/6 TC74HCU04 x2
(Toshiba)
VDD:+5.0±0.1V
Rf:1MΩ
Rd:330Ω
端子番号
Terminal
Number
: (1)入力
Input
(2)アース GND
(3)出力
Output
第1図
発振周波数測定回路図
Figure 1.
Measurement circuit of oscillating frequency
出力
(周波数カウンターへ)
(To Frequency Counter)
Output
VDD
C1
C2
Rf
(1)
(3)
(2)
CERALOCK
Rd
5pF
1MΩ
R


Similar Part No. - CSTNE12M0G55Z000R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTNE12M0G55Z000R0 MURATA1-CSTNE12M0G55Z000R0 Datasheet
694Kb / 16P
Specification of Piezoelectric Ceramic Resonator
April 22, 2019
CSTNE12M0G55Z000R0 MURATA1-CSTNE12M0G55Z000R0_V01 Datasheet
694Kb / 16P
Specification of Piezoelectric Ceramic Resonator
April 22, 2019
More results

Similar Description - CSTNE12M0G55Z000R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTNE8M00G550000R0 MURATA-CSTNE8M00G550000R0 Datasheet
594Kb / 16P
Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G52A000R0 MURATA-CSTNE12M0G52A000R0 Datasheet
1,001Kb / 19P
Specification of Piezoelectric Ceramic Resonator
CSTNE12M0GH5L000R0 MURATA-CSTNE12M0GH5L000R0 Datasheet
602Kb / 16P
Specification of Piezoelectric Ceramic Resonator
CSTNE16M0V530000R0 MURATA-CSTNE16M0V530000R0 Datasheet
595Kb / 16P
Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3C000R0 MURATA-CSTNE16M0VH3C000R0 Datasheet
660Kb / 19P
Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3L000R0 MURATA-CSTNE16M0VH3L000R0 Datasheet
601Kb / 16P
Specification of Piezoelectric Ceramic Resonator
CSTNE20M0V53C000R0 MURATA-CSTNE20M0V53C000R0 Datasheet
646Kb / 19P
Specification of Piezoelectric Ceramic Resonator
logo
Murata Manufacturing Co...
CSTNE16M0V53L00ZR0 MURATA1-CSTNE16M0V53L00ZR0_V01 Datasheet
761Kb / 16P
Specification of Piezoelectric Ceramic Resonator
July 8, 2019
CSTNE16M0V53Z000R0 MURATA1-CSTNE16M0V53Z000R0_V01 Datasheet
695Kb / 16P
Specification of Piezoelectric Ceramic Resonator
April 23, 2019
CSTNE17M2V53L000R0 MURATA1-CSTNE17M2V53L000R0 Datasheet
664Kb / 16P
Specification of Piezoelectric Ceramic Resonator
July 5, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com