Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSTNE12M0G55Z000R0 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # CSTNE12M0G55Z000R0
Description  Specification of Piezoelectric Ceramic Resonator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTNE12M0G55Z000R0 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  CSTNE12M0G55Z000R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CSTNE12M0G55Z000R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSTNE12M0G55Z000R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CSTNE12M0G55Z000R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CSTNE12M0G55Z000R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSTNE12M0G55Z000R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTNE12M0G55Z000R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTNE12M0G55Z000R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTNE12M0G55Z000R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Document No. JGC42-8833A
株式会社
Murata Manufacturing Co.,Ltd.
P. 5/16
8-2 リール外形寸法図
Dimensions of Reel
2.0±0.5
単位:mm
160 以上/min.
トレーラー部
リーダー部
チップ装着部
空部
カバーテープ
空部
Trailer
Empty
Components
Empty
Leader
Cover Film
in mm
160~190
400~560mm
9.0 +1.0
0
Φ 13.0±0.2
400 to 560mm
160 to 190
13.0±1.0
8-2-1
テープは右巻き(テープの端を手前に取り出した時、送り穴が右側になる向き)とします。
The tape for components shall be wound clockwise. The feeding holes shall be to the right side as
the tape is pulled toward the user.
8-2-2
トレーラー部には160~190mm、リーダー部には160mm以上製品の入っていない部分を設けま
す。リーダー部のテープの長さは製品の入っていない部分を含み400~560mm設けます。
No component shall exist in trailer area of 160 to 190mm and in leader area of 160mm min. at the
tip of the tape. Extended cover film shall exist of 400 to 560 mm including leader area.
8-2-3
テープの巻き終わりは、接着テープ(30~50mm)でカバーテープのリーダー部をリール側面に
貼りつけます。
Leader area at the tip of the cover film shall be attached to the side of reel with adhesive tape (30
to 50mm).
8-3
1リール3,000個収納とします。
A reel shall contain 3,000pcs of components.
8-4
リール側面に表示ラベルを貼り、当社品番・貴社部品番号・数量及び、検査番号を記入します。
Part Number, Customer's Part Number, Quantity and Outgoing Inspection Number shall be shown
in the label on each reel.


Similar Part No. - CSTNE12M0G55Z000R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTNE12M0G55Z000R0 MURATA1-CSTNE12M0G55Z000R0 Datasheet
694Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
April 22, 2019
CSTNE12M0G55Z000R0 MURATA1-CSTNE12M0G55Z000R0_V01 Datasheet
694Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
April 22, 2019
More results

Similar Description - CSTNE12M0G55Z000R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTNE8M00G550000R0 MURATA-CSTNE8M00G550000R0 Datasheet
594Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G52A000R0 MURATA-CSTNE12M0G52A000R0 Datasheet
1,001Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0GH5L000R0 MURATA-CSTNE12M0GH5L000R0 Datasheet
602Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0V530000R0 MURATA-CSTNE16M0V530000R0 Datasheet
595Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3C000R0 MURATA-CSTNE16M0VH3C000R0 Datasheet
660Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3L000R0 MURATA-CSTNE16M0VH3L000R0 Datasheet
601Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE20M0V53C000R0 MURATA-CSTNE20M0V53C000R0 Datasheet
646Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
logo
Murata Manufacturing Co...
CSTNE16M0V53L00ZR0 MURATA1-CSTNE16M0V53L00ZR0_V01 Datasheet
761Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
July 8, 2019
CSTNE16M0V53Z000R0 MURATA1-CSTNE16M0V53Z000R0_V01 Datasheet
695Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
April 23, 2019
CSTNE17M2V53L000R0 MURATA1-CSTNE17M2V53L000R0 Datasheet
664Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
July 5, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com