Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B040MB5S Datasheet(PDF) 2 Page - Knowles Electronics

Part # B040MB5S
Description  4.0 GHz Surface Mount Bandpass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

B040MB5S Datasheet(HTML) 2 Page - Knowles Electronics

  B040MB5S Datasheet HTML 1Page - Knowles Electronics B040MB5S Datasheet HTML 2Page - Knowles Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.knowlescapacitors.com
2777 Route 20 East, Cazenovia, NY 13035| Ph.: (315)655-8710 | KCCSales@knowles.com
April 2018
4.0 GHz Surface Mount Bandpass Filter
B040MB5S
Recommended PCB Layout
Physical Dimensions
50Ω trace dimensions are
application specific.
Ensure adequate grounding
beneath the part.
Units = inches (in)


Similar Part No. - B040MB5S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B040-008-19 ETC2-B040-008-19 Datasheet
524Kb / 4P
   NetController 19" VGA Console KVM Switch - 8 Port
logo
Tripp Lite. All Rights ...
B040-008-19 TRIPPLITE-B040-008-19 Datasheet
175Kb / 5P
   NetController 8-Port 1U Rack-Mount Console KVM Switch with 19-in. LCD
logo
List of Unclassifed Man...
B040-016-19 ETC2-B040-016-19 Datasheet
524Kb / 5P
   NetController 19 VGA Console KVM Switch - 16 Port
logo
Tripp Lite. All Rights ...
B040-016-19 TRIPPLITE-B040-016-19 Datasheet
174Kb / 4P
   NetController 16-Port 1U Rack-Mount Console KVM Switch with 19-in. LCD
logo
E-SWITCH
B040000 E-SWITCH-B040000 Datasheet
21Kb / 1P
   All Dimension In MM
More results

Similar Description - B040MB5S

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
B060NC5S KNOWLES-B060NC5S Datasheet
291Kb / 2P
   6 GHz Surface Mount Bandpass Filter
B031ND5S KNOWLES-B031ND5S Datasheet
296Kb / 2P
   3.125 GHz Surface Mount Bandpass Filter
B058MD7S KNOWLES-B058MD7S Datasheet
401Kb / 2P
   5.70 GHz Surface Mount Bandpass Filter
B081RC0S KNOWLES-B081RC0S Datasheet
321Kb / 2P
   8.5 GHz Surface Mount Bandpass Filter
B039NC5S KNOWLES-B039NC5S Datasheet
291Kb / 2P
   3.95 GHz Surface Mount Bandpass Filter
B024RF2S KNOWLES-B024RF2S Datasheet
294Kb / 2P
   2.40 GHz Surface Mount Bandpass Filter
B274MB1S KNOWLES-B274MB1S Datasheet
435Kb / 2P
   28.0 GHz Surface Mount Bandpass Filter
B065NC5S KNOWLES-B065NC5S Datasheet
298Kb / 2P
   6.5 GHz Surface Mount Bandpass Filter
B055NC5S KNOWLES-B055NC5S Datasheet
327Kb / 2P
   5.50 GHz Surface Mount Bandpass Filter
B424MEZS KNOWLES-B424MEZS Datasheet
305Kb / 2P
   42.5 GHz Surface Mount Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com