Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTT2N170D2 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTT2N170D2
Description  Depletion Mode MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTT2N170D2 Datasheet(HTML) 5 Page - IXYS Corporation

  IXTT2N170D2 Datasheet HTML 1Page - IXYS Corporation IXTT2N170D2 Datasheet HTML 2Page - IXYS Corporation IXTT2N170D2 Datasheet HTML 3Page - IXYS Corporation IXTT2N170D2 Datasheet HTML 4Page - IXYS Corporation IXTT2N170D2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2017 IXYS CORPORATION, All Rights Reserved
IXYS REF: T_2N170D2(7N) 3-29-17
IXTT2N170D2
IXTH2N170D2
Fig. 17. Maximum Transient Thermal Impedance
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds
Fig. 16. Maximum Transient Thermal Impedance
hv j v
0.4
Fig. 13. Forward Voltage Drop of Intrinsic Diode
0
1
2
3
4
5
6
0.3
0.4
0.5
0.6
0.7
0.8
0.9
VSD - Volts
TJ = 125
oC
VGS = -10V
TJ = 25
oC
Fig. 15. Gate Charge
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
20
40
60
80
100
120
QG - NanoCoulombs
VDS = 850V
I D = 1A
I G = 10mA
Fig. 14. Capacitance
10
100
1,000
10,000
0
5
10
15
20
25
30
35
40
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss
Fig. 17. Forward-Bias Safe Operating Area
@ TC = 25
oC
0.1
1
10
10
100
1,000
10,000
VDS - Volts
1ms
100μs
RDS(on) Limit
10ms
100ms
DC
TJ = 150
oC
TC = 25
oC
Single Pulse
Fig. 18. Forward-Bias Safe Operating Area
@ TC = 75
oC
0.1
1
10
10
100
1,000
10,000
VDS - Volts
TJ = 150
oC
TC = 75
oC
Single Pulse
25μs
1ms
100μs
RDS(on) Limit
10ms
100ms
DC


Similar Part No. - IXTT2N170D2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTT2N300P3HV IXYS-IXTT2N300P3HV Datasheet
208Kb / 4P
N-Channel Enhancement Mode
More results

Similar Description - IXTT2N170D2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA6N50D2 IXYS-IXTA6N50D2 Datasheet
193Kb / 5P
Depletion Mode MOSFET
IXTY1R6N100D2 IXYS-IXTY1R6N100D2 Datasheet
184Kb / 5P
Depletion Mode MOSFET
IXTA3N50D2 IXYS-IXTA3N50D2 Datasheet
173Kb / 5P
Depletion Mode MOSFET
IXTY1R6N50D2 IXYS-IXTY1R6N50D2 Datasheet
185Kb / 5P
Depletion Mode MOSFET
IXTH10N100D2 IXYS-IXTH10N100D2 Datasheet
165Kb / 5P
Depletion Mode MOSFET
IXTY08N100D2 IXYS-IXTY08N100D2 Datasheet
183Kb / 5P
Depletion Mode MOSFET
IXTP08N100D2 IXYS-IXTP08N100D2 Datasheet
183Kb / 5P
Depletion Mode MOSFET
IXTY08N50D2 IXYS-IXTY08N50D2 Datasheet
183Kb / 5P
Depletion Mode MOSFET
IXTH16N10D2 IXYS-IXTH16N10D2 Datasheet
178Kb / 5P
Depletion Mode MOSFET
IXTT16N20D2 IXYS-IXTT16N20D2 Datasheet
178Kb / 6P
Depletion Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com