Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8172TB Datasheet(PDF) 1 Page - NEC

Part # UPC8172TB
Description  SILICON RFIC HI-IP3 FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8172TB Datasheet(HTML) 1 Page - NEC

  UPC8172TB Datasheet HTML 1Page - NEC UPC8172TB Datasheet HTML 2Page - NEC UPC8172TB Datasheet HTML 3Page - NEC UPC8172TB Datasheet HTML 4Page - NEC UPC8172TB Datasheet HTML 5Page - NEC UPC8172TB Datasheet HTML 6Page - NEC UPC8172TB Datasheet HTML 7Page - NEC UPC8172TB Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
• HIGH OUTPUT FREQUENCY:
fRFout = 0.8 to 2.5 GHz
• SUPPLY VOLTAGE:
VCC = 2.7 to 3.3 V
• HIGH IP3 AND CONVERSION GAIN:
OIP3 = +10 dBm typ at fRFout = 0.9 GHz
CG = +11 dBm typ at fRFout = 0.9 GHz
• HIGH-DENSITY SURFACE MOUNTING:
6-pin super minimold package
FEATURES
SILICON RFIC
HI-IP3 FREQUENCY UP-CONVERTER
FOR WIRELESS TRANSCEIVER
UPC8187TB
APPLICATIONS
• TDMA, PCS, CDMA
• Digital Cellular/Cordless Phones
• Wireless Tranceivers
PART NUMBER
UPC8187TB
PACKAGE OUTLINE
S06
SYMBOLS
PARAMETERS AND CONDITIONS1
UNITS
MIN
TYP
MAX
ICC
Circuit Current (no signal)
mA
11
15
19
CG1
fRFout = 0.83 GHz, PIFin = -20 dBm
dB
8
11
14
CG2
Conversion Gain, fRFout = 1.9 GHz, PIFin = -20 dBm
dB
8
11
14
CG3
fRFout = 2.4 GHz, PIFin = -20 dBm
dB
7
10
13
PO(SAT)1
fRFout = 0.83 GHz, PIFin = 0 dBm
dBm
+1.5
+4
PO(SAT)2
Saturated RF Output Power, fRFout = 1.9 GHz, PIFin = 0 dBm
dBm
0
+2.5
PO(SAT)3
fRFout = 2.4 GHz, PIFin = 0 dBm
dBm
-1.5
+1
Output Third-Order Distortion Intercept Point,
OIP31fRFout = 0.83 GHz
fIFin1 = 150 MHz
dBm
10
OIP32fRFout = 1.9 GHz
fIFin2 = 151 MHz
dBm
10
OIP33fRFout = 2.4 GHz
dBm
8.5
Input Third-Order Distortion Intercept Point,
IIP31fRFout = 0.83 GHz
fIFin1 = 150 MHz
dBm
-1.0
IIP32fRFout = 1.9 GHz
fIFin2 = 151 MHz
dBm
-1.0
IIP33fRFout = 2.4 GHz
dBm
-1.5
SSB•NF1
fRFout = 0.83 GHz
dB
11
SSB•NF2
SSB Noise Figure,
fRFout = 1.9 GHz
fIFin1 = 150 MHz
dB
12
SSB•NF3
fRFout = 2.4 GHz
dB
12.5
ELECTRICAL CHARACTERISTICS
(TA = 25°C, VCC = VRFOUT = 2.8 V, fIFin = 150 MHz, PLOin = -5 dBm)
California Eastern Laboratories
Note:
1.
fRFout < fLOin @ fRFout = 0.83 GHz
fLOin < fRFout @ fRFout = 1.9 GHz/2.4 GHz
DESCRIPTION
The UPC8187TB is a silicon monolithic integrated circuit
designed as a frequency up-converter for wireless transceiv-
ers. This IC has higher operating frequency, lower distortion
and higher conversion gain than the conventional UPC8163TB.
This device is manufactured using NEC's 30 GHz fmax UHS0
(Ultra High Speed Process) silicon bipolar process.
NEC's stringent quality assurance and test procedures ensure
the highest reliability and performance.
(Top View)
LO input
GND
IF input
GND
VCC
RF output
BLOCK DIGRAM


Similar Part No. - UPC8172TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8172TB NEC-UPC8172TB Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
logo
California Eastern Labs
UPC8172TB CEL-UPC8172TB Datasheet
239Kb / 12P
   SILICON RFIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
Renesas Technology Corp
UPC8172TB RENESAS-UPC8172TB Datasheet
308Kb / 30P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
UPC8172TB RENESAS-UPC8172TB Datasheet
419Kb / 34P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
logo
NEC
UPC8172TB-E3 NEC-UPC8172TB-E3 Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
More results

Similar Description - UPC8172TB

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC8187TB CEL-UPC8187TB Datasheet
266Kb / 9P
   SILICON RFIC HI-IP3 FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
UPC8172TB CEL-UPC8172TB Datasheet
239Kb / 12P
   SILICON RFIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
NEC
UPC8172TB NEC-UPC8172TB Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
logo
California Eastern Labs
UPC8106TB CEL-UPC8106TB Datasheet
224Kb / 10P
   3 V SILICON RFIC FREQUENCY UPCONVERTER
UPC8163TB CEL-UPC8163TB Datasheet
172Kb / 5P
   3 V SILICON RFIC FREQUENCY UPCONVERTER
logo
List of Unclassifed Man...
TRW-V8-433-P ETC2-TRW-V8-433-P Datasheet
1Mb / 13P
   433MHz Wireless RF Hi Power Transceiver Module
TRW-V8-925-P ETC2-TRW-V8-925-P Datasheet
1Mb / 13P
   925MHz Wireless RF Hi Power Transceiver Module
TRW-400B ETC2-TRW-400B Datasheet
886Kb / 15P
   Wireless Hi Power 0.5W RF Transceiver Module
logo
California Eastern Labs
UPC1687GV CEL-UPC1687GV Datasheet
48Kb / 5P
   900 MHz SILICON RFIC DOWN CONVERTER
logo
List of Unclassifed Man...
TRW-24G ETC2-TRW-24G Datasheet
1Mb / 59P
   wireless high frequency transceiver module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com