Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8172TB Datasheet(PDF) 3 Page - NEC

Part # UPC8172TB
Description  SILICON RFIC HI-IP3 FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8172TB Datasheet(HTML) 3 Page - NEC

  UPC8172TB Datasheet HTML 1Page - NEC UPC8172TB Datasheet HTML 2Page - NEC UPC8172TB Datasheet HTML 3Page - NEC UPC8172TB Datasheet HTML 4Page - NEC UPC8172TB Datasheet HTML 5Page - NEC UPC8172TB Datasheet HTML 6Page - NEC UPC8172TB Datasheet HTML 7Page - NEC UPC8172TB Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TYPICAL PERFORMANCE CURVES (Unless otherwise specified, TA = 25˚C)
CONVERSION GAIN vs.
LOCAL INPUT POWER
Local Input Power, PLOin (dBm)
IF Input Power, PIFin (dBm)
RF OUTPUT POWER vs.
IF INPUT POWER
fRFout = 0.83 GHz
UPC8187TB
fIFin = 150 MHz
fLOin = 980 MHz
PIFin = -20 dBm
VCC = 2.8 V
15
10
5
0
-5
-10
-30
0
-10
-20
-10
fRFout = 1.9 GHz
10
5
0
-5
-10
-15
-20
-20
-20
-20
-20
-20
fIFin = 150 MHz
fLOin = 980 MHz
PIFin = -5 dBm
VCC = 2.8 V
CONVERSION GAIN vs.
LOCAL INPUT POWER
Local Input Power, PLOin (dBm)
IF Input Power, PIFin (dBm)
RF OUTPUT POWER vs.
IF INPUT POWER
15
10
5
0
-5
-10
-10
-10
-10
-10
-10
fIFin = 150 MHz
fLOin = 1750 MHz
PIFin = -20 dBm
VCC = 2.8 V
fIFin = 150 MHz
fLOin = 1750 MHz
PIFin = -5 dBm
VCC = 2.8 V
10
0
-10
-20
-30
10
0
-10
-20
-30
CONVERSION GAIN vs.
LOCAL INPUT POWER
Local Input Power, PLOin (dBm)
IF Input Power, PIFin (dBm)
RF OUTPUT POWER vs.
IF INPUT POWER
15
10
5
0
-5
-10
0
-10
-20
-30
10
fIFin = 150 MHz
fLOin = 2250 MHz
PIFin = -20 dBm
VCC = 2.8 V
fIFin = 150 MHz
fLOin = 2250 MHz
PIFin = -5 dBm
VCC = 2.8 V
10
0
-10
-20
-30
10
0
-10
-20
-30
fRFout = 2.4 GHz


Similar Part No. - UPC8172TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8172TB NEC-UPC8172TB Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
logo
California Eastern Labs
UPC8172TB CEL-UPC8172TB Datasheet
239Kb / 12P
   SILICON RFIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
Renesas Technology Corp
UPC8172TB RENESAS-UPC8172TB Datasheet
308Kb / 30P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
UPC8172TB RENESAS-UPC8172TB Datasheet
419Kb / 34P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
logo
NEC
UPC8172TB-E3 NEC-UPC8172TB-E3 Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
More results

Similar Description - UPC8172TB

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC8187TB CEL-UPC8187TB Datasheet
266Kb / 9P
   SILICON RFIC HI-IP3 FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
UPC8172TB CEL-UPC8172TB Datasheet
239Kb / 12P
   SILICON RFIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
NEC
UPC8172TB NEC-UPC8172TB Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
logo
California Eastern Labs
UPC8106TB CEL-UPC8106TB Datasheet
224Kb / 10P
   3 V SILICON RFIC FREQUENCY UPCONVERTER
UPC8163TB CEL-UPC8163TB Datasheet
172Kb / 5P
   3 V SILICON RFIC FREQUENCY UPCONVERTER
logo
List of Unclassifed Man...
TRW-V8-433-P ETC2-TRW-V8-433-P Datasheet
1Mb / 13P
   433MHz Wireless RF Hi Power Transceiver Module
TRW-V8-925-P ETC2-TRW-V8-925-P Datasheet
1Mb / 13P
   925MHz Wireless RF Hi Power Transceiver Module
TRW-400B ETC2-TRW-400B Datasheet
886Kb / 15P
   Wireless Hi Power 0.5W RF Transceiver Module
logo
California Eastern Labs
UPC1687GV CEL-UPC1687GV Datasheet
48Kb / 5P
   900 MHz SILICON RFIC DOWN CONVERTER
logo
List of Unclassifed Man...
TRW-24G ETC2-TRW-24G Datasheet
1Mb / 59P
   wireless high frequency transceiver module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com