Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8172TB Datasheet(PDF) 2 Page - NEC

Part # UPC8172TB
Description  SILICON RFIC HI-IP3 FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8172TB Datasheet(HTML) 2 Page - NEC

  UPC8172TB Datasheet HTML 1Page - NEC UPC8172TB Datasheet HTML 2Page - NEC UPC8172TB Datasheet HTML 3Page - NEC UPC8172TB Datasheet HTML 4Page - NEC UPC8172TB Datasheet HTML 5Page - NEC UPC8172TB Datasheet HTML 6Page - NEC UPC8172TB Datasheet HTML 7Page - NEC UPC8172TB Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Pin
Pin
Applied
Pin
Function and Explanation
Equivalent Circuit
No.
Name
Voltage
Voltage
(V)
(V)
1
IFinput
1.2
2
GND
GND
4
3
LOinput
2.1
5VCC
2.7 to 3.3
6
RFoutput Same bias
as VCC
through
external
inductor
SYMBOLS
PARAMETERS
UNITS
MIN
TYP MAX
VCC
Supply Voltage1
V
2.7
2.8
3.3
TA
Operating
Ambient Temperature
˚C
-40
+25
+85
PLOin
Local Input Level2
dBm
-10
-5
0
fRFout
RF Output Frequency3
GHz
0.8
2.5
fIFin
IF Input Frequency
MHz
50
400
ABSOLUTE MAXIMUM RATINGS1
(TA = +25°C unless otherwise specified)
UPC8187TB
RECOMMENDED
OPERATING CONDITIONS
PIN FUNCTIONS (Pin Voltage is measured at VCC = VPS = VRFOUT = 2.8V)
GND pin. Ground pattern on the board should be
formed as wide as possible. Track length should
be kept as short as possible to minimize ground
inductance.
This pin is the IF input pin to the double balanced
mixer (DBM). The input is designed as a high
impedance. The circuit helps suppress spurious
signals. Also this symmetrical circuit can keep
specified performance insensitive to process-
condition distribution. For that reason, a double
balanced mixer is adopted.
Notes:
1. Same voltage applied to pins 5 and 6.
2. ZS = 50 (without matching).
3. With external matching circuit.
Local input pin. Recommended input level is -10
to 0 dBm.
This pin is the RF output from the double
balanced mixer. This pin is designed as an open
collector. Due to the high impedance output, this
pin should be externally equipped with an LC
matching circuit to the next stage.
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Supply Voltage
V
3.6
PD
Power Dissipation2
mW
270
TA
Operating Ambient
°C
-40 to +85
Temperature
TSTG
Storage Temperature
°C
-55 to +150
PIN
Maximum Input Power
dBm
+10
Notes:
1. Operation in excess of any one of these conditions may result in
permanent damage.
2. Mounted on a double-sided copper clad 50x50x1.6 mm epoxy
glass PWB, TA = +85°C.
Supply voltage pin.
1
2
3
5
6
Part Number
ICC
fRFout
CG (dB
OIP3 (dBm)
PO(SAT)
(mA)
(GHz)
@RF 0.9 GHz2
@RF 1.9 GHz
@RF 2.4 GHz @RF 0.9 GHz2 @RF 1.9 GHz @RF 2.4 GHz
@RF 0.9 GHz2
@RF 1.9 GHz
@RF 2.4 GHz
UPC8187TB
15
0.8 to 2.5
11
11
10
+10
+10
+8.5
+4
+2.5
+1
UPC8106TB
9
0.4 to 2.0
9
7
+5.5
+2.0
-2
-4
UPC8172TB
9
0.8 to 2.5
9.5
8.5
8.0
+7.5
+6.0
+4.0
+0.5
0
-0.5
UPC8109TB
5
0.4 to 2.0
6
4
+1.5
-1.0
-5.5
-7.5
UPC8163TB
16.5 0.8 to 2.0
9
5.5
+9.5
+6.0
+0.5
-2
SERIES PRODUCTS1 (TA = +25°C, VCC = VPS = VRFout = 3.0 V, ZS = ZL = 50 )
Notes:
1. Typical performance.
2. fRFout = 0.83 GHz @ UPC8163TB and UPC8187TB.


Similar Part No. - UPC8172TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8172TB NEC-UPC8172TB Datasheet
79Kb / 7P
SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
logo
California Eastern Labs
UPC8172TB CEL-UPC8172TB Datasheet
239Kb / 12P
SILICON RFIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
Renesas Technology Corp
UPC8172TB RENESAS-UPC8172TB Datasheet
308Kb / 30P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
UPC8172TB RENESAS-UPC8172TB Datasheet
419Kb / 34P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
logo
NEC
UPC8172TB-E3 NEC-UPC8172TB-E3 Datasheet
79Kb / 7P
SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
More results

Similar Description - UPC8172TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8172TB NEC-UPC8172TB Datasheet
79Kb / 7P
SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
logo
California Eastern Labs
UPC1687GV CEL-UPC1687GV Datasheet
48Kb / 5P
900 MHz SILICON RFIC DOWN CONVERTER
UPC8106TB CEL-UPC8106TB Datasheet
224Kb / 10P
3 V SILICON RFIC FREQUENCY UPCONVERTER
UPC8163TB CEL-UPC8163TB Datasheet
172Kb / 5P
3 V SILICON RFIC FREQUENCY UPCONVERTER
UPC8172TB CEL-UPC8172TB Datasheet
239Kb / 12P
SILICON RFIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
UPC8187TB CEL-UPC8187TB Datasheet
266Kb / 9P
SILICON RFIC HI-IP3 FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
List of Unclassifed Man...
TRW-V8-433-P ETC2-TRW-V8-433-P Datasheet
1Mb / 13P
433MHz Wireless RF Hi Power Transceiver Module
TRW-V8-925-P ETC2-TRW-V8-925-P Datasheet
1Mb / 13P
925MHz Wireless RF Hi Power Transceiver Module
TRW-24G ETC2-TRW-24G Datasheet
1Mb / 59P
wireless high frequency transceiver module
TRW-400B ETC2-TRW-400B Datasheet
886Kb / 15P
Wireless Hi Power 0.5W RF Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com