![]() |
Electronic Components Datasheet Search |
|
SN74SSTV16857 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
SN74SSTV16857 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 9 page ![]() SN74SSTV16857 14BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS SCES344E – DECEMBER 2000 – REVISED NOVEMBER 2002 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 FUNCTION TABLE INPUTS OUTPUT RESET CLK CLK D OUTPUT Q H ↑ ↓ H H H ↑↓ LL H L or H L or H X Q0 L X, or floating X, or floating X, or floating L logic diagram (positive logic) 1D C1 R To 13 Other Channels 34 1 RESET Q1 39 CLK 38 CLK 35 VREF 48 D1 One of 14 Channels absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC or VDDQ –0.5 V to 3.6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Notes 1 and 2) –0.5 V to VCC + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage range, VO (see Notes 1 and 2) –0.5 V to VDDQ + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0) –50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0 or VO > VDDQ) ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous output current, IO (VO = 0 to VDDQ) ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous current through each VCC, VDDQ, or GND ±100 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 3) 70 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. This value is limited to 3.6 V maximum. 3. The package thermal impedance is calculated in accordance with JESD 51-7. |
Similar Part No. - SN74SSTV16857 |
|
Similar Description - SN74SSTV16857 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |