Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOPL-E011C Datasheet(PDF) 10 Page - Lite-On Technology Corporation

Part # LOPL-E011C
Description  1W Cyan Power LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LOPL-E011C Datasheet(HTML) 10 Page - Lite-On Technology Corporation

Back Button LOPL-E011C Datasheet HTML 4Page - Lite-On Technology Corporation LOPL-E011C Datasheet HTML 5Page - Lite-On Technology Corporation LOPL-E011C Datasheet HTML 6Page - Lite-On Technology Corporation LOPL-E011C Datasheet HTML 7Page - Lite-On Technology Corporation LOPL-E011C Datasheet HTML 8Page - Lite-On Technology Corporation LOPL-E011C Datasheet HTML 9Page - Lite-On Technology Corporation LOPL-E011C Datasheet HTML 10Page - Lite-On Technology Corporation LOPL-E011C Datasheet HTML 11Page - Lite-On Technology Corporation LOPL-E011C Datasheet HTML 12Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Property of Lite-On Only
Part No.: LOPL-E011C DATA SHEET
Page:
10
of
12
BNC-OD-C131/A4
7. Cautions
7.1 Application
The LEDs described here are intended to be used for ordinary electronic equipment (such as office
equipment, communication equipment and household applications).Consult Liteon’s Sales in advance
for information on applications in which exceptional reliability is required, particularly when the failure
or malfunction of the LEDs may directly jeopardize life or health (such as in aviation, transportation,
traffic control equipment, medical and life support systems and safety devices).
7.2 Storage
The storage ambient for the LEDs should not exceed 30°C temperature or 70% relative humidity.
It is recommended that LEDs out of their original packaging are IR-reflowed within one week.
For extended storage out of their original packaging, it is recommended that the LEDs be stored in a
sealed container with appropriate desiccant, or in a desiccators with nitrogen ambient.
LEDs stored out of their original packaging for more than a week should be baked at about 60 deg C
for at least 24 hours before solder assembly.
7.3 Drive Method
An LED is a current-operated device. In order to ensure intensity uniformity on multiple LEDs
connected in parallel in an application, it is recommended that a current limiting resistor be
incorporated in the drive circuit, in series with each LED as shown in Circuit A below.
LED
LED
Circuit model A
Circuit model B
(A) Recommended circuit.
(B) The brightness of each LED might appear different due to the differences in the I-V characteristics
of those LEDs.


Similar Part No. - LOPL-E011C

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LOPL-E011A LITEON-LOPL-E011A Datasheet
195Kb / 12P
   1W Amber Power LED
LOPL-E011B LITEON-LOPL-E011B Datasheet
188Kb / 12P
   1W Blue Power LED
LOPL-E011G LITEON-LOPL-E011G Datasheet
188Kb / 12P
   1W Green Power LED
LOPL-E011HA LITEON-LOPL-E011HA Datasheet
237Kb / 12P
   High power LED light source
LOPL-E011M LITEON-LOPL-E011M Datasheet
201Kb / 12P
   1W Warm White Power LED
More results

Similar Description - LOPL-E011C

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG3XAE1E1E OPTOSUPPLY-OSG3XAE1E1E Datasheet
109Kb / 1P
   Xeon 1 Power Cyan LED
OSG3XAE3E1E OPTOSUPPLY-OSG3XAE3E1E Datasheet
110Kb / 1P
   Xeon 3 Power Cyan LED
logo
Seoul Semiconductor
LC532Z SEOUL-LC532Z Datasheet
344Kb / 10P
   CYAN LAMP LED
logo
OptoSupply Internationa...
OSG3XAC1C1E OPTOSUPPLY-OSG3XAC1C1E Datasheet
118Kb / 1P
   9.2x8x1.92mm Commercial 1 Power Cyan LED
OSG3XAT1C1E OPTOSUPPLY-OSG3XAT1C1E Datasheet
106Kb / 1P
   5x5x1.3mm Tops 1 Power Cyan LED
OSG3XAT3C1E OPTOSUPPLY-OSG3XAT3C1E Datasheet
107Kb / 1P
   5x5x1.3mm Tops 3 Power Cyan LED
logo
Seoul Semiconductor
LC531 SEOUL-LC531 Datasheet
360Kb / 13P
   CYAN LAMP LED
logo
OptoSupply Internationa...
OSG3XAC3C1E OPTOSUPPLY-OSG3XAC3C1E Datasheet
119Kb / 1P
   9.2x8x1.92mm Commercial 3 Power Cyan LED
OSC34L3131A OPTOSUPPLY-OSC34L3131A Datasheet
89Kb / 1P
   3mm Round Cyan LED
logo
Elite Enterprises (H.K....
PG1C-1LXX ELITE-PG1C-1LXX Datasheet
1Mb / 22P
   1W Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com