Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOPL-E011C Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LOPL-E011C
Description  1W Cyan Power LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LOPL-E011C Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LOPL-E011C Datasheet HTML 1Page - Lite-On Technology Corporation LOPL-E011C Datasheet HTML 2Page - Lite-On Technology Corporation LOPL-E011C Datasheet HTML 3Page - Lite-On Technology Corporation LOPL-E011C Datasheet HTML 4Page - Lite-On Technology Corporation LOPL-E011C Datasheet HTML 5Page - Lite-On Technology Corporation LOPL-E011C Datasheet HTML 6Page - Lite-On Technology Corporation LOPL-E011C Datasheet HTML 7Page - Lite-On Technology Corporation LOPL-E011C Datasheet HTML 8Page - Lite-On Technology Corporation LOPL-E011C Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Property of Lite-On Only
Part No.: LOPL-E011C DATA SHEET
Page:
4
of
12
BNC-OD-C131/A4
3.2 Electro-Optical Characteristics at Ta=25°C
Parameter
Symbol
MIN.
TYP.
MAX.
Test Condition
Unit
Forward Voltage
VF
3.03
3.80
4.23
IF= 350mA
V
Reverse Current
IR
100
VR = 5V
μA
Luminous Flux
1, 4
ΦV
23.5
32.0
IF = 350mA
lm
Viewing Angle
2
1/2
110
IF = 350mA
°
Dominant Wavelength
λD
490
505
520
IF = 350mA
nm
Temperature Coefficient of
λD
TCλ
0.04
IF = 350mA, Topr
nm/°C
Temperature Coefficient of VF
TCV
-2.0
IF = 350mA, Topr
mV/°C
Optical Efficiency
ηopt
24.0
IF = 350mA
lm/W
Notes
1. Luminous flux is the total luminous flux output as measured with an integrating sphere.
2. Viewing angle is the off-axis angle at which the luminous intensity is half the axial luminous
intensity.


Similar Part No. - LOPL-E011C

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LOPL-E011A LITEON-LOPL-E011A Datasheet
195Kb / 12P
   1W Amber Power LED
LOPL-E011B LITEON-LOPL-E011B Datasheet
188Kb / 12P
   1W Blue Power LED
LOPL-E011G LITEON-LOPL-E011G Datasheet
188Kb / 12P
   1W Green Power LED
LOPL-E011HA LITEON-LOPL-E011HA Datasheet
237Kb / 12P
   High power LED light source
LOPL-E011M LITEON-LOPL-E011M Datasheet
201Kb / 12P
   1W Warm White Power LED
More results

Similar Description - LOPL-E011C

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG3XAE1E1E OPTOSUPPLY-OSG3XAE1E1E Datasheet
109Kb / 1P
   Xeon 1 Power Cyan LED
OSG3XAE3E1E OPTOSUPPLY-OSG3XAE3E1E Datasheet
110Kb / 1P
   Xeon 3 Power Cyan LED
logo
Seoul Semiconductor
LC532Z SEOUL-LC532Z Datasheet
344Kb / 10P
   CYAN LAMP LED
logo
OptoSupply Internationa...
OSG3XAC1C1E OPTOSUPPLY-OSG3XAC1C1E Datasheet
118Kb / 1P
   9.2x8x1.92mm Commercial 1 Power Cyan LED
OSG3XAT1C1E OPTOSUPPLY-OSG3XAT1C1E Datasheet
106Kb / 1P
   5x5x1.3mm Tops 1 Power Cyan LED
OSG3XAT3C1E OPTOSUPPLY-OSG3XAT3C1E Datasheet
107Kb / 1P
   5x5x1.3mm Tops 3 Power Cyan LED
logo
Seoul Semiconductor
LC531 SEOUL-LC531 Datasheet
360Kb / 13P
   CYAN LAMP LED
logo
OptoSupply Internationa...
OSG3XAC3C1E OPTOSUPPLY-OSG3XAC3C1E Datasheet
119Kb / 1P
   9.2x8x1.92mm Commercial 3 Power Cyan LED
OSC34L3131A OPTOSUPPLY-OSC34L3131A Datasheet
89Kb / 1P
   3mm Round Cyan LED
logo
Elite Enterprises (H.K....
PG1C-1LXX ELITE-PG1C-1LXX Datasheet
1Mb / 22P
   1W Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com