Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INL2DE Datasheet(PDF) 1 Page - Energizer

Part # INL2DE
Description  LED Project Light
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERGIZER [Energizer]
Direct Link  http://www.energizer.com
Logo ENERGIZER - Energizer

INL2DE Datasheet(HTML) 1 Page - Energizer

  INL2DE Datasheet HTML 1Page - Energizer  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LED Project Light
Product Detail:
Designation: Energizer Industrial
LED Project Light
Model: INL2DE
INL2DE
INL2DE
Rugged and dependable, the Energizer
®
Industrial® LED Project Light is a great
DEPENDABLE
Lasts 32 hours between
Model: INL2DE
Color: Yellow and Black
Power Source: Two "D"
ANSI/NEDA: Series 13
Lamp: 4 White LEDs
Lamp Life (hr): Lifetime
Lamp Output (lumens): 35
Beam Distance (m): 35
j
g
g
addition to any toolbox.
Count on it
wherever you need bright, consistent light
– even in wet conditions. It features a
textured non-slip grip and is waterproof.
In addition, the batteries will last for 32
hours of continuous use before you need
to replace them keeping your cost of
RUGGED
battery changes
Lifetime pushbutton
switch
32h
Beam Distance (m): 35
Peak Beam Intensity (cd): 306
Run Time (h:mm): 32
Typical Weight: 168.3 grams
without batteries
Dimensions (mm): 65 x 205
Performance:
Run Time
to replace them, keeping your cost of
ownership low. The Energizer
® Industrial
®
LED Project Light is an excellent on-the-
job lighting choice.
205 mm
Survives a 1-meter drop
Chemical resistant
polypropylene body
Virtually unbreakable
LEDs
1m
10
15
20
25
30
35
Run Time
Continuous Drain to
End of Useable Light (21o C)
65 mm
BRIGHT
s
Shatterproof lens
Four white Nichia® LEDs
provide 35 lumens of
35
0
5
10
D
Battery Type
WATERPROOF
provide 35 lumens of
light
Uniform beam profile
Before Using Your Flashlight:
Please read all instructions and cautionary
markings on the package and light
Important Notice
This datasheet contains information specific to products
manufactured at the time of its publication
Contents herein do not constitute a warranty
Tested according to ANSI/NEMA FL 1 Standards.
Meets IECEx IPX7
requirements
Submerge in 1 meter of
water for 30 minutes
1m
1-800-383-7323 USA/CAN
Form No. EBC 9456
Contents herein do not constitute a warranty
©Energizer / All Rights Reserved


Similar Part No. - INL2DE

ManufacturerPart #DatasheetDescription
logo
Energizer
INL2AAE ENERGIZER-INL2AAE Datasheet
154Kb / 1P
   LED Project Light
More results

Similar Description - INL2DE

ManufacturerPart #DatasheetDescription
logo
Energizer
TUF4AAPE ENERGIZER-TUF4AAPE Datasheet
306Kb / 1P
   LED Project Light
INL2AAE ENERGIZER-INL2AAE Datasheet
154Kb / 1P
   LED Project Light
logo
National Semiconductor ...
TP3071N-G NSC-TP3071N-G Datasheet
84Kb / 3P
   Engineering Project Manager
logo
PHOENIX CONTACT
2988667 PHOENIX-2988667 Datasheet
50Kb / 2P
   Software - PROJECT
logo
Dialog Semiconductor
SLG7NT41563 DIALOG-SLG7NT41563 Datasheet
1Mb / 14P
   Fog Project
logo
National Semiconductor ...
PC16550DVX NSC-PC16550DVX Datasheet
84Kb / 3P
   Engineering Project Manager
TP3420AV309 NSC-TP3420AV309 Datasheet
84Kb / 3P
   Engineering Project Manager
LM4863MX NSC-LM4863MX Datasheet
24Kb / 2P
   Engineering Project Manager
TP3054WMX NSC-TP3054WMX Datasheet
84Kb / 3P
   Engineering Project Manager
TL082CMX NSC-TL082CMX Datasheet
84Kb / 3P
   Engineering Project Manager
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com