Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2030M Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AP2030M
Description  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AP2030M Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AP2030M Datasheet HTML 1Page - List of Unclassifed Manufacturers AP2030M Datasheet HTML 2Page - List of Unclassifed Manufacturers AP2030M Datasheet HTML 3Page - List of Unclassifed Manufacturers AP2030M Datasheet HTML 4Page - List of Unclassifed Manufacturers AP2030M Datasheet HTML 5Page - List of Unclassifed Manufacturers AP2030M Datasheet HTML 6Page - List of Unclassifed Manufacturers AP2030M Datasheet HTML 7Page - List of Unclassifed Manufacturers AP2030M Datasheet HTML 8Page - List of Unclassifed Manufacturers AP2030M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
N-Channel
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
AP2030M
0
5
10
15
20
25
01
234
56
V DS , Drain-to-Source Voltage (V)
T C=25
o C
4.5V
3.5V
3.0V
2.5V
V GS=2.0V
0
5
10
15
20
25
012
3456
V DS , Drain-to-Source Voltage (V)
T C=150
o C
4.5V
3.5V
3.0V
2.5V
V GS=2.0V
20
25
30
35
40
45
23
45
V GS (V)
I D=6A
T C=25 ℃
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D=6A
V GS=4.5V


Similar Part No. - AP2030M

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2030SD A-POWER-AP2030SD Datasheet
113Kb / 11P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP2030M

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4503 JIANGSU-CJQ4503 Datasheet
5Mb / 6P
   N-and P-Channel Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6_16 Datasheet
856Kb / 12P
   N- And P-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GD A-POWER-AP4511GD Datasheet
155Kb / 8P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com