Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2030M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AP2030M
Description  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AP2030M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AP2030M Datasheet HTML 1Page - List of Unclassifed Manufacturers AP2030M Datasheet HTML 2Page - List of Unclassifed Manufacturers AP2030M Datasheet HTML 3Page - List of Unclassifed Manufacturers AP2030M Datasheet HTML 4Page - List of Unclassifed Manufacturers AP2030M Datasheet HTML 5Page - List of Unclassifed Manufacturers AP2030M Datasheet HTML 6Page - List of Unclassifed Manufacturers AP2030M Datasheet HTML 7Page - List of Unclassifed Manufacturers AP2030M Datasheet HTML 8Page - List of Unclassifed Manufacturers AP2030M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
N-CH Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min. Typ. Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
20
-
-
V
ΔBV
DSS/ΔTj
Breakdown Voltage Temperature Coefficient
Reference to 25℃, ID=1mA
-
0.037
-V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=4.5V, ID=6A
-
-
30
VGS=2.5V, ID=5.2A
-
-
45
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
0.5
-
1.2
V
gfs
Forward Transconductance
VDS=10V, ID=6A
-
18.5
-
S
IDSS
Drain-Source Leakage Current (Tj=25
oC)
VDS=20V, VGS=0V
-
-
1
uA
Drain-Source Leakage Current (Tj=70
oC)
VDS=16V, VGS=0V
-
-
25
uA
IGSS
Gate-Source Leakage
VGS=±8V
-
-
nA
Qg
Total Gate Charge
2
ID=6A
-
9
-
nC
Qgs
Gate-Source Charge
VDS=10V
-
1.8
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=4.5V
-
4.2
-
nC
td(on)
Turn-on Delay Time
2
VDS=10V
-
29
-
ns
tr
Rise Time
ID=1A
-
65
-
ns
td(off)
Turn-off Delay Time
RG=6Ω,VGS=4.5V
-
60
-
ns
tf
Fall Time
RD=10Ω
-50
-
ns
Ciss
Input Capacitance
VGS=0V
-
300
-
pF
Coss
Output Capacitance
VDS=8V
-
255
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
115
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min. Typ. Max. Units
IS
Continuous Source Current ( Body Diode )
VD=VG=0V , VS=1.2V
-
-
1.67
A
VSD
Forward On Voltage
2
Tj=25℃, IS=1.7A, VGS=0V
-
-
1.2
V
AP2030M
±100


Similar Part No. - AP2030M

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2030SD A-POWER-AP2030SD Datasheet
113Kb / 11P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP2030M

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4503 JIANGSU-CJQ4503 Datasheet
5Mb / 6P
   N-and P-Channel Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6_16 Datasheet
856Kb / 12P
   N- And P-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GD A-POWER-AP4511GD Datasheet
155Kb / 8P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com