Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSS20-01AC Datasheet(PDF) 3 Page - IXYS Corporation

Part # DSS20-01AC
Description  Electrically Isolated Back Surface
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSS20-01AC Datasheet(HTML) 3 Page - IXYS Corporation

  DSS20-01AC Datasheet HTML 1Page - IXYS Corporation DSS20-01AC Datasheet HTML 2Page - IXYS Corporation DSS20-01AC Datasheet HTML 3Page - IXYS Corporation DSS20-01AC Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2003 IXYS All rights reserved
Pulse test:
Pulse Width = 5 ms, Duty Cycle < 2.0 %
Pulse Width = 300
µs, Duty Cycle < 2.0 %
IXYS reserves the right to change limits, conditions and dimensions.
Power Schottky Rectifier
ISOPLUS220TM
Electrically Isolated Back Surface
Features
Silicon chip on Direct-Copper-Bond
substrate
- High power dissipation
- Isolated mounting surface
- 2500V electrical isolation
Low cathode to tab capacitance(<15pF)
• International standard package
• Very low V
F
• Extremely low switching losses
• Low I
RM-values
• Epoxy meets UL 94V-0
Applications
• Rectifiers in switch mode power
supplies (SMPS)
• Free wheeling diode in low voltage
converters
Advantages
• High reliability circuit operation
• Low voltage peaks for reduced
protection circuits
• Low noise switching
• Low losses
See DSS 20-01A data sheet for
characteristic curves
C
A
C
A
ISOPLUS 220TM
Isolated back surface*
Symbol
Conditions
Maximum Ratings
I
FRMS
35
A
I
FAV
T
C = 140
°C; rectangular, d = 0.5
20
A
I
FSM
T
VJ = 45°C; tp = 10 ms (50 Hz), sine
120
A
E
AS
I
AS = 8 A; L = 180 µH; TVJ = 25°C; non repetitive
7
mJ
I
AR
V
A =1.5 • VRRM typical; f=10 kHz; repetitive
0.8
A
(dv/dt)
cr
5000
V/
µs
T
VJ
-55...+175
°C
T
VJM
175
°C
T
stg
-55...+150
°C
T
L
1.6 mm (0.063 in) from case for 10 s
260
°C
P
tot
T
C = 25
°C90
W
V
ISOL
50/60Hz RMS; I
ISOL< 1 mA
2500
V~
F
C
Mounting force
11... 65 / 2.4 ...11 N/lb
Weight
typical
3
g
I
FAV
= 20 A
V
RRM = 100 V
V
F
= 0.65 V
DSS 20-01AC
V
RSM
V
RRM
Type
V
V
100
100
DSS 20-01AC
Symbol
Conditions
Characteristic Values
typ.
max.
I
R
T
VJ = 25°C
V
R = VRRM
300
µA
T
VJ = 125°C VR = VRRM
2.5
mA
V
F
I
F = 10 A;
T
VJ = 125°C
0.65
V
I
F = 10 A;
T
VJ = 25°C
0.80
V
I
F = 20 A;
T
VJ = 125°C
0.76
V
R
thJC
1.7
K/W
R
thCH
0.6
K/W
Note: See DSS 16-01A for electrical characteristic curves.
DS98787(07/03)
Preliminary Data Sheet


Similar Part No. - DSS20-01AC

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSS20-0015 IXYS-DSS20-0015 Datasheet
147Kb / 2P
   Power Schottky Rectifier
DSS20-0015B IXYS-DSS20-0015B Datasheet
147Kb / 2P
   Power Schottky Rectifier
DSS20-0015B IXYS-DSS20-0015B Datasheet
153Kb / 2P
   Power Schottky Rectifier
More results

Similar Description - DSS20-01AC

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXKC15N60C5 IXYS-IXKC15N60C5 Datasheet
119Kb / 4P
   Electrically isolated back surface Electrically isolated back surface
IXGC16N60B2 IXYS-IXGC16N60B2 Datasheet
92Kb / 2P
   Electrically Isolated Back Surface
IXFR38N80Q2 IXYS-IXFR38N80Q2 Datasheet
568Kb / 5P
   Electrically Isolated Back Surface
DSEE8-06CC IXYS-DSEE8-06CC Datasheet
65Kb / 2P
   Electrically Isolated Back Surface
IXUC100N055 IXYS-IXUC100N055 Datasheet
575Kb / 2P
   Electrically Isolated Back Surface
IXGC16N60C2 IXYS-IXGC16N60C2 Datasheet
541Kb / 2P
   Electrically Isolated Back Surface
IXGR24N60C IXYS-IXGR24N60C Datasheet
56Kb / 2P
   HiPerFASTTM IGBT ISOPLUS247TM (Electrically Isolated Back Surface)
IXGR60N60C2 IXYS-IXGR60N60C2 Datasheet
612Kb / 6P
   Lightspeed 2TM Series (Electrically Isolated Back Surface)
logo
Meder Electronic
PSMG5005 MEDER-PSMG5005 Datasheet
149Kb / 4P
   Electrically Isolated Back Surface Single MOSFET Die
PSND30E12 MEDER-PSND30E12 Datasheet
125Kb / 1P
   Electrically Isolated Back Surface Single MOSFET Die
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com