Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD7L33AE Datasheet(PDF) 1 Page - Energizer

Part # HD7L33AE
Description  7-LED Headlight
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERGIZER [Energizer]
Direct Link  http://www.energizer.com
Logo ENERGIZER - Energizer

HD7L33AE Datasheet(HTML) 1 Page - Energizer

  HD7L33AE Datasheet HTML 1Page - Energizer  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1-800-383-7323 USA/CAN
7-LED Headlight
HD7L33AE
Lightweight, versatile and comfortable, the
Energizer® 7-LED Headlight keeps your
hands free for everything from gathering
wood to navigating a trail. The four light
modes allow you to choose the best
illumination for the task at hand. In
addition, this light is water resistant,
making it suitable for outdoor activities.
Before Using Your Flashlight:
Please read all instructions and cautionary
markings on the package and light
Important Notice
This datasheet contains information specific to products
manufactured at the time of its publication
Contents herein do not constitute a claim or warranty
©Energizer / All Rights Reserved
Form No. EBC 9424C
Tested according to ANSI/NEMA FL 1 Standards.
73 mm
45 mm
BRIGHT
VERSATILE
5 light modes – area,
spot, flood, strobe and
red for night vision
Pivots to direct light
where you need it
WEATHERPROOF
White LEDs provide 125
lumens of light
ECONOMICAL
Useable light for 27
hours in flood mode
between battery
changes (with
Energizer® MAX®
batteries)
Lifetime LEDs never
need replacing
Meets IEC 60529 IPX4
standards
Continues to operate
after exposure to
splashing water from all
directions
Asia Pacific Region
Asia Pacific Region
Product Detail:
Designation: Energizer
7-LED Headlight
Model: HD7L33AE
Color: Blue and Black
Power Source: Three "AAA"
ANSI/ NEDA: Series 24
Lamp: Five White LEDs, Two Red LEDs
Lamp Life (hr): Lifetime
Mode:
5 White
Outer 2 Spot
Flood
Red
Lamp Output (lumens):
125
45
28
5
Run Time (h:min):
5:30
19
27
27
Beam Distance (m):
25
17
7
7
Peak Beam Intensity (cd):
156
72
12
12
Typical Weight: 87.5 grams
with batteries
Dimensions (mm): 45 x 40 x 73
Performance:
0
10
20
30
5 White
Outer 2
Spot
2 White
Flood
2 Red
Mode
Run Time
Continuous Drain to
End of Useable Light (21o C)


Similar Part No. - HD7L33AE

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HD700 EXTECH-HD700 Datasheet
108Kb / 7P
Differential Pressure Manometer
logo
A-Data Technology
HD700 A-DATA-HD700 Datasheet
508Kb / 2P
G Shock Sensor Protection
logo
Laird Tech Smart Techno...
HD700 LSTD-HD700 Datasheet
184Kb / 2P
Thermal Gap Filler
logo
A-Data Technology
HD710 A-DATA-HD710 Datasheet
811Kb / 1P
DashDrive Dura HD710 Portable Hard Drive
logo
Laird Tech Smart Techno...
HD7100 LSTD-HD7100 Datasheet
184Kb / 2P
Thermal Gap Filler
More results

Similar Description - HD7L33AE

ManufacturerPart #DatasheetDescription
logo
Energizer
TUFHD31PH ENERGIZER-TUFHD31PH Datasheet
593Kb / 1P
LED Headlight
MSHD31E ENERGIZER-MSHD31E Datasheet
148Kb / 1P
LED Headlight
HDL33AINE ENERGIZER-HDL33AINE Datasheet
432Kb / 1P
6 LED Headlight
HD5HP32E ENERGIZER-HD5HP32E Datasheet
403Kb / 2P
High Performance LED Headlight
HDL33A2E ENERGIZER-HDL33A2E Datasheet
574Kb / 1P
Pro 6 LED Headlight
logo
Texas Instruments
TPS92601-Q1 TI1-TPS92601-Q1_18 Datasheet
1Mb / 47P
Single- and Dual-Channel Automotive Headlight LED Driver
TPS92601-Q1 TI1-TPS92601-Q1_16 Datasheet
1Mb / 47P
Single- and Dual-Channel Automotive Headlight LED Driver
logo
Energizer
INHD5L32H ENERGIZER-INHD5L32H Datasheet
613Kb / 1P
Brilliant Beam Headlight
logo
Shenzhen Huazhimei Semi...
HM5110 HMSEMI-HM5110 Datasheet
577Kb / 6P
Touch control three-way LED headlight driver IC
logo
OSRAM GmbH
64193NBL-HCB60 OSRAM-64193NBL-HCB60 Datasheet
106Kb / 3P
Halogen headlight lamps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com