Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32-R21 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E32-R21
Description  An Extensive Selection of Fiber-Optic Cables
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R21 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E32-R21 Datasheet HTML 1Page - Omron Electronics LLC E32-R21 Datasheet HTML 2Page - Omron Electronics LLC E32-R21 Datasheet HTML 3Page - Omron Electronics LLC E32-R21 Datasheet HTML 4Page - Omron Electronics LLC E32-R21 Datasheet HTML 5Page - Omron Electronics LLC E32-R21 Datasheet HTML 6Page - Omron Electronics LLC E32-R21 Datasheet HTML 7Page - Omron Electronics LLC E32-R21 Datasheet HTML 8Page - Omron Electronics LLC E32-R21 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 108 page
background image
E32
E32
4
Fiber cables
DIN-rail mounting amplifiers
Block style amplifiers
Part number
E3X-A
E3X-DAN
E3X-F
E3X-H,
-NH
E3X-NM
E3X-NT,
-NV
E3X-
NVG,-VG
E3MC-
MY
E3XA-
CC4A
E3JU-XR
E3JU-X
E3A2-X
E3S-X3
Diffuse, General Purpose Type
E32-CC200
OK
OK
OK
OK
OK
OK
OK
OK
OK
----
OK
E32-D11
OK
OK
OK
OK
OK
OK
OK
----
----
OK (-XR)
----
E32-D11L
OK
OK
OK
OK
OK
OK
OK
OK
----
----
----
E32-D11R
OK
OK
----
OK (-NH)
OK
OK
OK
----
----
----
----
E32-D21
OK
OK
OK
OK
OK
OK
OK
----
----
OK (-XR)
----
E32-D21L
OK
OK
OK
OK
OK
OK
OK
----
----
----
----
E32-D21R
OK
OK
----
OK (-NH)
OK
OK
----
----
----
----
----
E32-D22L
OK
OK
OK
OK
OK
OK
OK
----
----
----
----
E32-D32
OK
OK
OK
OK
OK
OK
OK
----
----
OK (-XR)
----
E32-D32L
OK
OK
OK
OK
OK
OK
OK
OK
----
----
----
E32-DC50
OK
----
OK
OK (-H)
----
----
OK (-VG)
----
----
----
----
E32-DC200
OK
OK
OK
OK
OK
OK
OK
OK
OK
OK (-XR)
OK
E32-DC200C
OK
----
OK
OK
OK
OK
OK
----
----
----
OK
E32-DC200E
OK
OK
OK
OK
OK
OK
OK
----
OK
----
OK
E32-DC500
OK
----
OK
OK (-H)
----
----
OK (-VG)
----
----
----
----
E32-DC1000
OK
----
OK
OK (-H)
----
----
OK (-VG)
----
----
----
----
Diffuse, Armored Type
E32-UDAT13F OK
----
----
----
----
----
----
----
----
OK (-XR)
----
E32-UDAT16F OK
----
----
----
----
----
----
----
----
OK (-XR)
----
E32-UDBT13F ----
----
----
----
----
----
----
----
----
OK (-X)
----
E32-UDBT16F ----
----
----
----
----
----
----
----
----
OK (-X)
----
Diffuse, Probe Type
E32-D33
OK
OK
OK
OK
OK
OK
----
----
OK
----
----
E32-DC200B
OK
OK
OK
OK
OK
OK
OK
----
OK
----
OK
E32-DC200B4
OK
OK
OK
OK
OK
OK
OK
----
----
----
OK
E32-DC200D
OK
----
OK
OK
----
----
OK (-VG)
----
----
----
OK
E32-DC200D4 OK
----
OK
OK
----
----
OK (-VG)
----
----
----
----
E32-DC200F
OK
OK
OK
OK
OK
OK
OK
----
OK
----
OK
E32-DC200F4
OK
OK
OK
OK
OK
OK
OK
----
OK
----
OK
E32-DC9G
OK
----
OK
OK
----
----
OK (-VG)
----
OK
----
----
E32-DC9G4
OK
----
OK
OK
----
----
OK (-VG)
----
----
----
----
Diffuse, Side Sensing Type
E32-D14L
OK
OK
OK
OK
OK
OK
OK
----
----
----
----
E32-D24
OK
OK
OK
OK
OK
OK
OK
----
----
----
----
Diffuse, High Temperature Type
E32-D51
OK
OK
OK
OK
OK
OK
OK
----
----
OK (-XR)
----
E32-D61
OK
OK
OK
OK
OK
OK
OK
----
----
----
----
E32-D73
OK
OK
OK
OK
OK
OK
OK
----
----
----
----
Diffuse, Convergent and Special Purpose Types
E32-D12F
OK
OK
OK
OK
OK
OK
OK
----
----
----
----
E32-L24L
OK
OK
OK
OK
OK
OK
----
----
----
----
----
E32-L25
OK
OK
OK
OK
OK
OK
----
----
----
----
----
E32-L25A
OK
OK
OK
OK
OK
OK
----
----
----
----
----
E32-L25L
OK
OK
OK
OK
OK
OK
----
----
----
----
----
Retroreflective Type
E32-R16
OK
OK
OK
OK
OK
OK
----
----
----
----
----
E32-R21
OK
OK
OK
OK
OK
OK
----
----
OK
----
----


Similar Part No. - E32-R21

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-R21 OMRON-E32-R21 Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
More results

Similar Description - E32-R21

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000091120 INFINEON-SP000091120 Datasheet
201Kb / 2P
   Lichtwellenleiter LTT 76mm Fiber-optic cables LTT 76mm
2016-07-07 Revision: 3.1
logo
Sangdest Microelectroni...
245NQ400-1 SMC-245NQ400-1 Datasheet
165Kb / 3P
   Extensive Characterization of Recovery Parameters
logo
Infineon Technologies A...
SP000091117 INFINEON-SP000091117 Datasheet
202Kb / 2P
   Lichtwellenleiter LTT 150mm,172mm Fiber-optic cables LTT 150mm,172mm
2012-05-03 Revision: 2.0
logo
Omron Electronics LLC
E32-M21 OMRON-E32-M21 Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Omron Electronics LLC
E32-D24 OMRON-E32-D24 Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com