Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM27030010D Datasheet(PDF) 2 Page - RFHIC

Part # GM27030010D
Description  GaN MMIC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

GM27030010D Datasheet(HTML) 2 Page - RFHIC

  GM27030010D Datasheet HTML 1Page - RFHIC GM27030010D Datasheet HTML 2Page - RFHIC GM27030010D Datasheet HTML 3Page - RFHIC GM27030010D Datasheet HTML 4Page - RFHIC GM27030010D Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Preliminary
GaN MMIC
GM27030010D
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 5
Version 0.1
Typical Performance @ VDD=28V, IDS=1000mA, T=25℃, 50ohm System
Frequency
Input Power (dBm)
Input Power (dBm)
Input Power (dBm)
Input Power (dBm)
Pout, PAE, Gain vs. Frequency
Pout, PAE, Gain vs. Input Power
Pout, PAE, Gain vs. Input Power
Pout, PAE, Gain vs. Input Power
Pout, PAE, Gain vs. Input Power


Similar Part No. - GM27030010D

ManufacturerPart #DatasheetDescription
logo
RFHIC
GM27030005D RFHIC-GM27030005D Datasheet
686Kb / 5P
   GaN MMIC
More results

Similar Description - GM27030010D

ManufacturerPart #DatasheetDescription
logo
RFHIC
GM20022005D RFHIC-GM20022005D Datasheet
636Kb / 5P
   GaN MMIC
GM09010035D RFHIC-GM09010035D Datasheet
586Kb / 5P
   GaN MMIC
GM20022010D RFHIC-GM20022010D Datasheet
658Kb / 5P
   GaN MMIC
GM27030005D RFHIC-GM27030005D Datasheet
686Kb / 5P
   GaN MMIC
logo
TriQuint Semiconductor
TAT9988 TRIQUINT-TAT9988_15 Datasheet
793Kb / 11P
   CATV GaN Power Doubler MMIC
logo
Advanced Semiconductor ...
AGN1440 ASB-AGN1440 Datasheet
577Kb / 11P
   Ku Band GaN Amplifier MMIC
June 2015
AGN1540 ASB-AGN1540 Datasheet
1Mb / 48P
   Ku Band GaN Power Amplifier MMIC
Sept 2015
logo
Analog Devices
HMC7149 AD-HMC7149 Datasheet
927Kb / 10P
   10 WATT GaN MMIC POWER AMPLIFIER,
HMC1087 AD-HMC1087 Datasheet
614Kb / 10P
   8 WATT GaN MMIC POWER AMPLIFIER
logo
Microchip Technology
ICP1040P MICROCHIP-ICP1040P Datasheet
6Mb / 23P
   7.9-11GHz 12W GaN PA MMIC
Rev E
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com