Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM09010035D Datasheet(PDF) 4 Page - RFHIC

Part # GM09010035D
Description  GaN MMIC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

GM09010035D Datasheet(HTML) 4 Page - RFHIC

  GM09010035D Datasheet HTML 1Page - RFHIC GM09010035D Datasheet HTML 2Page - RFHIC GM09010035D Datasheet HTML 3Page - RFHIC GM09010035D Datasheet HTML 4Page - RFHIC GM09010035D Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P
Pr
re
elliim
miin
na
ar
ry
y
GaN MMIC
GM09010035D
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
4 / 5
Version 0.2
Ground is backside of die
VG & VD connection must be biased from both sides.
Recommended solder is AuSn(80/20) solder
Evaluation board dimension
Revision History
0.05mm GAP
0.7mil GOLD WIRE
RF_IN
RF_OUT
VG1/2
VD1
VD2
VG1/2
VD1
VD2
VG1/2
VD1/2
VG1/2
VD1/2


Similar Part No. - GM09010035D

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM0936TQ HYNIX-GM0936TQ Datasheet
125Kb / 21P
Voice-Band Audio CODEC for CDMA
More results

Similar Description - GM09010035D

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT9988 TRIQUINT-TAT9988_15 Datasheet
793Kb / 11P
CATV GaN Power Doubler MMIC
logo
Advanced Semiconductor ...
AGN1440 ASB-AGN1440 Datasheet
577Kb / 11P
Ku Band GaN Amplifier MMIC
June 2015
AGN1540 ASB-AGN1540 Datasheet
1Mb / 48P
Ku Band GaN Power Amplifier MMIC
Sept 2015
logo
Analog Devices
HMC1087 AD-HMC1087 Datasheet
614Kb / 10P
8 WATT GaN MMIC POWER AMPLIFIER
HMC7149 AD-HMC7149 Datasheet
927Kb / 10P
10 WATT GaN MMIC POWER AMPLIFIER,
logo
RFHIC
GM20022005D RFHIC-GM20022005D Datasheet
636Kb / 5P
GaN MMIC
GM20022010D RFHIC-GM20022010D Datasheet
658Kb / 5P
GaN MMIC
GM27030005D RFHIC-GM27030005D Datasheet
686Kb / 5P
GaN MMIC
GM27030010D RFHIC-GM27030010D Datasheet
717Kb / 5P
GaN MMIC
logo
Microchip Technology
ICP1040P MICROCHIP-ICP1040P Datasheet
6Mb / 23P
7.9-11GHz 12W GaN PA MMIC
Rev E
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com