Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM09010035D Datasheet(PDF) 2 Page - RFHIC

Part # GM09010035D
Description  GaN MMIC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

GM09010035D Datasheet(HTML) 2 Page - RFHIC

  GM09010035D Datasheet HTML 1Page - RFHIC GM09010035D Datasheet HTML 2Page - RFHIC GM09010035D Datasheet HTML 3Page - RFHIC GM09010035D Datasheet HTML 4Page - RFHIC GM09010035D Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P
Pr
re
elliim
miin
na
ar
ry
y
GaN MMIC
GM09010035D
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 5
Version 0.2
Typical Performance @ VDD=28V, IDS=500mA, T=25℃, 50ohm System
Frequency
Pout, PAE, Gain vs. Frequency
Input Power (dBm)
Input Power (dBm)
Pout, PAE, Gain vs. Input Power
Pout, PAE, Gain vs. Input Power
Input Power (dBm)
Input Power (dBm)
Pout, PAE, Gain vs. Input Power
Pout, PAE, Gain vs. Input Power


Similar Part No. - GM09010035D

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM0936TQ HYNIX-GM0936TQ Datasheet
125Kb / 21P
Voice-Band Audio CODEC for CDMA
More results

Similar Description - GM09010035D

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT9988 TRIQUINT-TAT9988_15 Datasheet
793Kb / 11P
CATV GaN Power Doubler MMIC
logo
Advanced Semiconductor ...
AGN1440 ASB-AGN1440 Datasheet
577Kb / 11P
Ku Band GaN Amplifier MMIC
June 2015
AGN1540 ASB-AGN1540 Datasheet
1Mb / 48P
Ku Band GaN Power Amplifier MMIC
Sept 2015
logo
Analog Devices
HMC1087 AD-HMC1087 Datasheet
614Kb / 10P
8 WATT GaN MMIC POWER AMPLIFIER
HMC7149 AD-HMC7149 Datasheet
927Kb / 10P
10 WATT GaN MMIC POWER AMPLIFIER,
logo
RFHIC
GM20022005D RFHIC-GM20022005D Datasheet
636Kb / 5P
GaN MMIC
GM20022010D RFHIC-GM20022010D Datasheet
658Kb / 5P
GaN MMIC
GM27030005D RFHIC-GM27030005D Datasheet
686Kb / 5P
GaN MMIC
GM27030010D RFHIC-GM27030010D Datasheet
717Kb / 5P
GaN MMIC
logo
Microchip Technology
ICP1040P MICROCHIP-ICP1040P Datasheet
6Mb / 23P
7.9-11GHz 12W GaN PA MMIC
Rev E
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com