Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9523-1BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9523-1BCPZ
Description  Low Jitter Clock Generator
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523-1BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9523-1BCPZ Datasheet HTML 6Page - Analog Devices AD9523-1BCPZ Datasheet HTML 7Page - Analog Devices AD9523-1BCPZ Datasheet HTML 8Page - Analog Devices AD9523-1BCPZ Datasheet HTML 9Page - Analog Devices AD9523-1BCPZ Datasheet HTML 10Page - Analog Devices AD9523-1BCPZ Datasheet HTML 11Page - Analog Devices AD9523-1BCPZ Datasheet HTML 12Page - Analog Devices AD9523-1BCPZ Datasheet HTML 13Page - Analog Devices AD9523-1BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
AD9523-1
Data Sheet
Rev. C | Page 10 of 63
JITTER AND NOISE CHARACTERISTICS
Table 10.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT ABSOLUTE RMS TIME JITTER
Application example based on a typical setup (see Table 3);
f = 122.88 MHz
LVPECL Mode, HSTL Mode, LVDS Mode
109
fs
Integrated BW = 200 kHz to 5 MHz
115
fs
Integrated BW = 200 kHz to 10 MHz
150
fs
Integrated BW = 12 kHz to 20 MHz
177
fs
Integrated BW = 10 kHz to 61 MHz
187
fs
Integrated BW = 1 kHz to 61 MHz
124
fs
Integrated BW = 1 MHz to 61 MHz
PLL2 CHARACTERISTICS
Table 11.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VCO (ON CHIP)
Frequency Range
2940
3100
MHz
Gain
45
MHz/V
PLL2 FIGURE OF MERIT (FOM)
−226
dBc/Hz
MAXIMUM PFD FREQUENCY
Antibacklash Pulse Width
High is the initial PLL2 antibacklash pulse width setting.
The user must program Register 0x019[4] = 1b to enable SPI
control of the antibacklash pulse width to the setting defined
in Register 0x00F2[3:2] and Table 46.
Minimum
259
MHz
Low
200
MHz
High
135
MHz
Maximum
80
MHz
LOGIC INPUT PINS—PD, SYNC, RESET, EEPROM_SEL, REF_SEL
Table 12.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VOLTAGE
Input High
2.0
V
Input Low
0.8
V
INPUT LOW CURRENT
±80
±250
µA
The minus sign indicates that, due to the internal pull-up
resistor, current is flowing out of the AD9523-1
CAPACITANCE
3
pF
RESET TIMING
Pulse Width Low
50
ns
Inactive to Start of Register
Programming
100
ns
SYNC TIMING
Pulse Width Low
1.5
ns
High speed clock is the CLK input signal


Similar Part No. - AD9523-1BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
AD9523-1BCPZ-REEL7 AD-AD9523-1BCPZ-REEL7 Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
More results

Similar Description - AD9523-1BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
   Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
logo
Analog Devices
AD9540 AD-AD9540_15 Datasheet
846Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. A
AD9540 AD-AD9540 Datasheet
485Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. 0
logo
Maxim Integrated Produc...
MAX3670 MAXIM-MAX3670_09 Datasheet
202Kb / 12P
   Low-Jitter 155MHz/622MHz Clock Generator
Rev 2; 9/09
logo
Pericom Semiconductor C...
PI6CXG06F62A PERICOM-PI6CXG06F62A Datasheet
580Kb / 2P
   FlexOut Ultra Low Jitter Clock Generator
logo
Maxim Integrated Produc...
MAX3670 MAXIM-MAX3670 Datasheet
339Kb / 13P
   Low-Jitter 155MHz/622MHz Clock Generator
19-2166; Rev 0; 9/01
MAX3672 MAXIM-MAX3672 Datasheet
493Kb / 12P
   Low-Jitter 155MHz/622MHz Clock Generator
19-2697; Rev 0; 12/02
logo
Analog Devices
AD9540 AD-AD9540_18 Datasheet
588Kb / 32P
   655 MHz Low Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com