Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9523-1BCPZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9523-1BCPZ
Description  Low Jitter Clock Generator
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523-1BCPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9523-1BCPZ Datasheet HTML 5Page - Analog Devices AD9523-1BCPZ Datasheet HTML 6Page - Analog Devices AD9523-1BCPZ Datasheet HTML 7Page - Analog Devices AD9523-1BCPZ Datasheet HTML 8Page - Analog Devices AD9523-1BCPZ Datasheet HTML 9Page - Analog Devices AD9523-1BCPZ Datasheet HTML 10Page - Analog Devices AD9523-1BCPZ Datasheet HTML 11Page - Analog Devices AD9523-1BCPZ Datasheet HTML 12Page - Analog Devices AD9523-1BCPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
Data Sheet
AD9523-1
Rev. C | Page 9 of 63
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVDS MODE, 3.5 mA
Maximum Output Frequency
1
GHz
Rise Time/Fall Time (20% to 80%)
138
161
ps
100 Ω termination across output pair
Duty Cycle
48
51
53
%
f < 500 MHz
43
49
53
%
f = 500 MHz to 800 MHz
41
49
55
%
f = 800 MHz to 1 GHz
Differential Output Voltage Swing
Balanced
247
454
mV
Voltage swing between output pins;
output driver static
Unbalanced
50
mV
Absolute difference between voltage
swing of normal pin and inverted pin
Common-Mode Output Voltage
1.125
1.375
V
Output driver static
Common-Mode Difference
50
mV
Voltage difference between output pins;
output driver static
Short-Circuit Output Current
3.5
24
mA
Output driver static
CMOS MODE
Maximum Output Frequency
250
MHz
Rise Time/Fall Time (20% to 80%)
387
665
ps
15 pF load
Duty Cycle
45
50
55
%
f = 250 MHz
Output Voltage High
Output driver static
VDD − 0.25
V
Load current = 10 mA
VDD − 0.1
V
Load current = 1 mA
Output Voltage Low
Output driver static
0.2
V
Load current = 10 mA
0.1
V
Load current = 1 mA
TIMING ALIGNMENT CHARACTERISTICS
Table 9.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT TIMING SKEW
Delay off on all outputs; maximum
deviation between rising edges of outputs;
all outputs are on, unless otherwise noted
Between Outputs in Same Group1
LVPECL, HSTL, and LVDS
Between LVPECL, HSTL, and
LVDS Outputs
30
183
ps
CMOS
Between CMOS Outputs
100
300
ps
Single-ended, true phase, high-Z mode
Mean Delta Between Groups1
50
Adjustable Delay
0
63
Steps
Resolution step; for example, 8 × 0.5/1 GHz
Resolution Step
500
ps
½ period of 1 GHz
Zero Delay
Between Input Clock Edge on
REFA or REFB to ZD_IN Input
Clock Edge, External Zero
Delay Mode
150
500
ps
PLL1 settings: PFD = 7.68 MHz, ICP = 63.5 µA,
RZERO = 10 kΩ, antibacklash pulse width is
at maximum, BW = 40 Hz, REFA and
ZD_IN are set to differential mode
1 There are three groups of outputs. They are as follows: the top outputs group, consisting of OUT0, OUT1, OUT2, and OUT3; the right outputs group, consisting of
OUT4, OUT5, OUT6, OUT7, OUT8, and OUT9; and the bottom outputs group, consisting of OUT10, OUT11, OUT12, and OUT13.


Similar Part No. - AD9523-1BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
AD9523-1BCPZ-REEL7 AD-AD9523-1BCPZ-REEL7 Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
More results

Similar Description - AD9523-1BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
   Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
logo
Analog Devices
AD9540 AD-AD9540_15 Datasheet
846Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. A
AD9540 AD-AD9540 Datasheet
485Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. 0
logo
Maxim Integrated Produc...
MAX3670 MAXIM-MAX3670_09 Datasheet
202Kb / 12P
   Low-Jitter 155MHz/622MHz Clock Generator
Rev 2; 9/09
logo
Pericom Semiconductor C...
PI6CXG06F62A PERICOM-PI6CXG06F62A Datasheet
580Kb / 2P
   FlexOut Ultra Low Jitter Clock Generator
logo
Maxim Integrated Produc...
MAX3670 MAXIM-MAX3670 Datasheet
339Kb / 13P
   Low-Jitter 155MHz/622MHz Clock Generator
19-2166; Rev 0; 9/01
MAX3672 MAXIM-MAX3672 Datasheet
493Kb / 12P
   Low-Jitter 155MHz/622MHz Clock Generator
19-2697; Rev 0; 12/02
logo
Analog Devices
AD9540 AD-AD9540_18 Datasheet
588Kb / 32P
   655 MHz Low Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com