Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9523-1BCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9523-1BCPZ
Description  Low Jitter Clock Generator
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523-1BCPZ Datasheet(HTML) 1 Page - Analog Devices

  AD9523-1BCPZ Datasheet HTML 1Page - Analog Devices AD9523-1BCPZ Datasheet HTML 2Page - Analog Devices AD9523-1BCPZ Datasheet HTML 3Page - Analog Devices AD9523-1BCPZ Datasheet HTML 4Page - Analog Devices AD9523-1BCPZ Datasheet HTML 5Page - Analog Devices AD9523-1BCPZ Datasheet HTML 6Page - Analog Devices AD9523-1BCPZ Datasheet HTML 7Page - Analog Devices AD9523-1BCPZ Datasheet HTML 8Page - Analog Devices AD9523-1BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
Low Jitter Clock Generator with
14 LVPECL/LVDS/HSTL/29 LVCMOS Outputs
Data Sheet
AD9523-1
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Output frequency: <1 MHz to 1 GHz
Start-up frequency accuracy: <±100 ppm (determined by
VCXO reference accuracy)
Zero delay operation
Input-to-output edge timing: <150 ps
Dual VCO dividers
14 outputs: configurable LVPECL, LVDS, HSTL, and LVCMOS
14 dedicated output dividers with jitter-free adjustable delay
Adjustable delay: 63 resolution steps of ½ period of VCO
output divider
Output-to-output skew: <50 ps
Duty cycle correction for odd divider settings
Automatic synchronization of all outputs on power-up
Absolute output jitter: <150 fs at 122.88 MHz
Integration range: 12 kHz to 20 MHz
Broadband timing jitter: 124 fs
Digital lock detect
Nonvolatile EEPROM stores configuration settings
SPI- and I²C-compatible serial control port
Dual PLL architecture
PLL1
Low bandwidth for reference input clock cleanup with
external VCXO
Phase detector rate up to 130 MHz
Redundant reference inputs
Automatic and manual reference switchover modes
Revertive and nonrevertive switching
Loss of reference detection with holdover mode
Low noise LVCMOS output from VCXO used for RF/IF
synthesizers
PLL2
Phase detector rate up to 259 MHz
Integrated low noise VCO
APPLICATIONS
LTE and multicarrier GSM base stations
Wireless and broadband infrastructure
Medical instrumentation
Clocking high speed ADCs, DACs, DDSs, DDCs, DUCs, MxFEs
Low jitter, low phase noise clock distribution
Clock generation and translation for SONET, 10Ge, 10G FC,
and other 10 Gbps protocols
Forward error correction (G.710)
High performance wireless transceivers
ATE and high performance instrumentation
FUNCTIONAL BLOCK DIAGRAM
PLL1
REFA,
REFA
REFB,
REFB
REF_TEST
SDIO/SDA
ZD_IN, ZD_IN
CONTROL
INTERFACE
(SPI AND I2C)
EEPROM
PLL2
ZERO
DELAY
AD9523-1
14-CLOCK
DISTRIBUTION
SCLK/SCL
SDO
OSC_IN, OSC_IN
DIVIDE-BY-
3, 4, 5
DIVIDE-BY-
3, 4, 5
8 OUTPUTS
OUT0,
OUT0
6 OUTPUTS
OUT3,
OUT3
OUT10,
OUT10
OUT13,
OUT13
OUT4,
OUT4
OUT9,
OUT9
Figure 1.
GENERAL DESCRIPTION
The AD9523-1 provides a low power, multi-output, clock
distribution function with low jitter performance, along with an
on-chip PLL and VCO with two VCO dividers. The on-chip VCO
tunes from 2.94 GHz to 3.1 GHz.
The AD9523-1 is designed to support the clock requirements
for long term evolution (LTE) and multicarrier GSM base
station designs. It relies on an external VCXO to provide the
reference jitter cleanup to achieve the restrictive low phase noise
requirements necessary for acceptable data converter SNR
performance.
The input receivers, oscillator, and zero delay receiver provide
both single-ended and differential operation. When connected
to a recovered system reference clock and a VCXO, the device
generates 14 low noise outputs with a range of 1 MHz to 1 GHz,
and one dedicated buffered output from the input PLL (PLL1).
The frequency and phase of one clock output relative to another
clock output can be varied by means of a divider phase select
function that serves as a jitter-free, coarse timing adjustment
in increments that are equal to half the period of the signal
coming out of the VCO.
An in-package EEPROM can be programmed through the serial
interface to store user-defined register settings for power-up
and chip reset.


Similar Part No. - AD9523-1BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
AD9523-1BCPZ-REEL7 AD-AD9523-1BCPZ-REEL7 Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
More results

Similar Description - AD9523-1BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
   Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
logo
Analog Devices
AD9540 AD-AD9540_15 Datasheet
846Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. A
AD9540 AD-AD9540 Datasheet
485Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. 0
logo
Maxim Integrated Produc...
MAX3670 MAXIM-MAX3670_09 Datasheet
202Kb / 12P
   Low-Jitter 155MHz/622MHz Clock Generator
Rev 2; 9/09
logo
Pericom Semiconductor C...
PI6CXG06F62A PERICOM-PI6CXG06F62A Datasheet
580Kb / 2P
   FlexOut Ultra Low Jitter Clock Generator
logo
Maxim Integrated Produc...
MAX3670 MAXIM-MAX3670 Datasheet
339Kb / 13P
   Low-Jitter 155MHz/622MHz Clock Generator
19-2166; Rev 0; 9/01
MAX3672 MAXIM-MAX3672 Datasheet
493Kb / 12P
   Low-Jitter 155MHz/622MHz Clock Generator
19-2697; Rev 0; 12/02
logo
Analog Devices
AD9540 AD-AD9540_18 Datasheet
588Kb / 32P
   655 MHz Low Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com