Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9523-1BCPZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9523-1BCPZ
Description  Low Jitter Clock Generator
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523-1BCPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9523-1BCPZ Datasheet HTML 4Page - Analog Devices AD9523-1BCPZ Datasheet HTML 5Page - Analog Devices AD9523-1BCPZ Datasheet HTML 6Page - Analog Devices AD9523-1BCPZ Datasheet HTML 7Page - Analog Devices AD9523-1BCPZ Datasheet HTML 8Page - Analog Devices AD9523-1BCPZ Datasheet HTML 9Page - Analog Devices AD9523-1BCPZ Datasheet HTML 10Page - Analog Devices AD9523-1BCPZ Datasheet HTML 11Page - Analog Devices AD9523-1BCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
AD9523-1
Data Sheet
Rev. C | Page 8 of 63
PLL1 OUTPUT CHARACTERISTICS
Table 7.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
MAXIMUM OUTPUT FREQUENCY
250
MHz
Rise Time/Fall Time (20% to 80%)
387
665
ps
15 pF load
Duty Cycle
45
50
55
%
f = 250 MHz
OUTPUT VOLTAGE HIGH
Output driver static
VDD3_PLL − 0.25
V
Load current = 10 mA
VDD3_PLL − 0.1
V
Load current = 1 mA
OUTPUT VOLTAGE LOW
Output driver static
0.2
V
Load current = 10 mA
0.1
V
Load current = 1 mA
MAXIMUM PFD FREQUENCY
Antibacklash Pulse Width
High is the initial PLL1 antibacklash pulse
width setting. The user must program
Register 0x019[4] = 1b to enable SPI
control of the antibacklash pulse width to
the setting defined in Register 0x019[3:2]
and Table 39.
Minimum
130
MHz
Low
90
MHz
High
65
MHz
Maximum
45
MHz
1 CMOS driver strength: strong (see Table 52).
OUT0, OUT0 TO OUT13, OUT13 DISTRIBUTION OUTPUT CHARACTERISTICS
Duty cycle performance is specified with the invert divider bit set to 1, and the divider phase bits set to 0.5. (For example, for Channel 0,
0x190[7] = 1 and 0x192[7:2] = 1.)
Table 8.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL MODE
Maximum Output Frequency
1
GHz
Minimum VCO/maximum dividers
Rise Time/Fall Time (20% to 80%)
117
147
ps
100 Ω termination across output pair
Duty Cycle
47
50
52
%
f < 500 MHz
43
48
52
%
f = 500 MHz to 800 MHz
40
49
54
%
f = 800 MHz to 1 GHz
Differential Output Voltage Swing
643
775
924
mV
Magnitude of voltage across pins; output
driver static
Common-Mode Output Voltage
VDD – 1.5
VDD − 1.4
VDD − 1.25
V
Output driver static
SCALED HSTL MODE, 16 mA
Maximum Output Frequency
1
GHz
Minimum VCO/maximum dividers
Rise Time/Fall Time (20% to 80%)
112
141
ps
100 Ω termination across output pair
Duty Cycle
47
50
52
%
f < 500 MHz
44
48
51
%
f = 500 MHz to 800 MHz
40
49
54
%
f = 800 MHz to 1 GHz
Differential Output Voltage Swing
1.3
1.6
1.7
mV
Nominal supply
Supply Sensitivity
0.6
mV/
mV
Change in output swing vs.
VDD3_OUT[x:y] (ΔVOD/ΔVDD3)
Common-Mode Output Voltage
VDD − 1.76
VDD − 1.6
VDD − 1.42
V


Similar Part No. - AD9523-1BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
AD9523-1BCPZ-REEL7 AD-AD9523-1BCPZ-REEL7 Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
More results

Similar Description - AD9523-1BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
   Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
logo
Analog Devices
AD9540 AD-AD9540_15 Datasheet
846Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. A
AD9540 AD-AD9540 Datasheet
485Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. 0
logo
Maxim Integrated Produc...
MAX3670 MAXIM-MAX3670_09 Datasheet
202Kb / 12P
   Low-Jitter 155MHz/622MHz Clock Generator
Rev 2; 9/09
logo
Pericom Semiconductor C...
PI6CXG06F62A PERICOM-PI6CXG06F62A Datasheet
580Kb / 2P
   FlexOut Ultra Low Jitter Clock Generator
logo
Maxim Integrated Produc...
MAX3670 MAXIM-MAX3670 Datasheet
339Kb / 13P
   Low-Jitter 155MHz/622MHz Clock Generator
19-2166; Rev 0; 9/01
MAX3672 MAXIM-MAX3672 Datasheet
493Kb / 12P
   Low-Jitter 155MHz/622MHz Clock Generator
19-2697; Rev 0; 12/02
logo
Analog Devices
AD9540 AD-AD9540_18 Datasheet
588Kb / 32P
   655 MHz Low Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com