Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9523-1BCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9523-1BCPZ
Description  Low Jitter Clock Generator
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523-1BCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9523-1BCPZ Datasheet HTML 3Page - Analog Devices AD9523-1BCPZ Datasheet HTML 4Page - Analog Devices AD9523-1BCPZ Datasheet HTML 5Page - Analog Devices AD9523-1BCPZ Datasheet HTML 6Page - Analog Devices AD9523-1BCPZ Datasheet HTML 7Page - Analog Devices AD9523-1BCPZ Datasheet HTML 8Page - Analog Devices AD9523-1BCPZ Datasheet HTML 9Page - Analog Devices AD9523-1BCPZ Datasheet HTML 10Page - Analog Devices AD9523-1BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
Data Sheet
AD9523-1
Rev. C | Page 7 of 63
REFA, REFA, REFB, REFB, OSC_IN, OSC_IN, AND ZD_IN, ZD_IN INPUT CHARACTERISTICS
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIFFERENTIAL MODE
Input Frequency Range
400
MHz
Input Slew Rate (OSC_IN)
400
V/µs
Minimum limit imposed for jitter
performance
Common-Mode Internally
Generated Input Voltage
0.6
0.7
0.8
V
Input Common-Mode Range
1.025
1.475
V
For dc-coupled LVDS (maximum swing)
Differential Input Voltage,
Sensitivity Frequency < 250 MHz
100
mV p-p
Capacitive coupling required; can
accommodate single-ended input
by ac grounding of unused input;
instantaneous voltage on either pin
must not exceed the 1.8 V dc supply rails
Differential Input Voltage,
Sensitivity Frequency > 250 MHz
200
mV p-p
Capacitive coupling required; can
accommodate single-ended input
by ac grounding of unused input;
instantaneous voltage on either pin
must not exceed the 1.8 V dc supply rails
Differential Input Resistance
4.8
kΩ
Differential Input Capacitance
1
pF
Duty Cycle
Duty cycle limits are set by pulse width
high and pulse width low
Pulse Width Low
1
ns
Pulse Width High
1
ns
CMOS MODE, SINGLE-ENDED INPUT
Input Frequency Range
250
MHz
Input High Voltage
2.0
V
Input Low Voltage
0.8
V
Input Capacitance
1
pF
Duty Cycle
Duty cycle limits are set by pulse width
high and pulse width low
Pulse Width Low
1.6
ns
Pulse Width High
1.6
ns
OSC_CTRL OUTPUT CHARACTERISTICS
Table 5.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT VOLTAGE
High
VDD3_PLL − 0.15
V
RLOAD > 20 kΩ
Low
150
mV
REF_TEST INPUT CHARACTERISTICS
Table 6.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REF_TEST INPUT
Input Frequency Range
250
MHz
Input High Voltage
2.0
V
Input Low Voltage
0.8
V


Similar Part No. - AD9523-1BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
AD9523-1BCPZ-REEL7 AD-AD9523-1BCPZ-REEL7 Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
More results

Similar Description - AD9523-1BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
   Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
logo
Analog Devices
AD9540 AD-AD9540_15 Datasheet
846Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. A
AD9540 AD-AD9540 Datasheet
485Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. 0
logo
Maxim Integrated Produc...
MAX3670 MAXIM-MAX3670_09 Datasheet
202Kb / 12P
   Low-Jitter 155MHz/622MHz Clock Generator
Rev 2; 9/09
logo
Pericom Semiconductor C...
PI6CXG06F62A PERICOM-PI6CXG06F62A Datasheet
580Kb / 2P
   FlexOut Ultra Low Jitter Clock Generator
logo
Maxim Integrated Produc...
MAX3670 MAXIM-MAX3670 Datasheet
339Kb / 13P
   Low-Jitter 155MHz/622MHz Clock Generator
19-2166; Rev 0; 9/01
MAX3672 MAXIM-MAX3672 Datasheet
493Kb / 12P
   Low-Jitter 155MHz/622MHz Clock Generator
19-2697; Rev 0; 12/02
logo
Analog Devices
AD9540 AD-AD9540_18 Datasheet
588Kb / 32P
   655 MHz Low Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com