Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9523-1BCPZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9523-1BCPZ
Description  Low Jitter Clock Generator
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523-1BCPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9523-1BCPZ Datasheet HTML 2Page - Analog Devices AD9523-1BCPZ Datasheet HTML 3Page - Analog Devices AD9523-1BCPZ Datasheet HTML 4Page - Analog Devices AD9523-1BCPZ Datasheet HTML 5Page - Analog Devices AD9523-1BCPZ Datasheet HTML 6Page - Analog Devices AD9523-1BCPZ Datasheet HTML 7Page - Analog Devices AD9523-1BCPZ Datasheet HTML 8Page - Analog Devices AD9523-1BCPZ Datasheet HTML 9Page - Analog Devices AD9523-1BCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
AD9523-1
Data Sheet
Rev. C | Page 6 of 63
POWER DISSIPATION
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER DISSIPATION
Does not include power dissipated in termination resistors
Typical Configuration
898
984.7
mW
Clock distribution outputs running as follows: 7 LVPECL at 122.88 MHz,
3 LVDS (3.5 mA) at 61.44 MHz, 3 LVDS (3.5 mA) at 245.76 MHz, 1 single-
ended CMOS 10 pF load at 122.88 MHz, 1 differential input reference
at 30.72 MHz; fVCXO = 122.88 MHz, fVCO = 2949.12 MHz, VCO Divider M1
at 3, and VCO Divider M2 is off; PLL2 BW = 530 kHz
PD, Power-Down
74
98.2
mW
PD pin pulled low, with typical configuration conditions
INCREMENTAL POWER DISSIPATION
Base Typical Configuration
393
434.7
mW
Absolute total power with clock distribution; 1 LVPECL output (OUT0)
running at 122.88 MHz; 1 differential input reference at 30.72 MHz;
fVCXO = 122.88 MHz, fVCO = 2949.12 MHz, VCO Divider M1 at 3; VCO
Divider M2 is off
Switched to One Input,
Reference Single-Ended Mode
−28.5
−8
mW
Running at 30.72 MHz
Switched to Two Inputs,
Reference Differential Mode
26
44.6
mW
Running at 30.72 MHz
Switched to Two Inputs,
Reference Single-Ended Mode
−27.5
−5.1
mW
Running at 30.72 MHz
VCO Divider M2
76
88.3
mW
Incremental power increase VCO Divider M2 (OUT4) from base typical
Output Distribution, Driver On
Incremental power increase (OUT1) from base typical
LVDS Mode
3.5 mA
29
34.8
mW
Single 3.5 mA LVDS output at 122.88 MHz
88
105.6
mW
Single 3.5 mA LVDS output at 983.04 MHz
7 mA
43
50
mW
Single 7 mA LVDS output at 122.88 MHz
141
164
mW
Single 7 mA LVDS output at 983.04 MHz
LVPECL Mode
46
51
mW
Single LVPECL output at 122.88 MHz
144
159
mW
Single LVPECL output at 983.04 MHz
HSTL Mode
8 mA
44
51
mW
Single 8 mA HSTL output at 122.88 MHz
143
165
mW
Single 8 mA HSTL output at 983.04 MHz
16 mA
48
55
mW
Single 16 mA HSTL output at 122.88 MHz
153
176
mW
Single 16 mA HSTL output at 983.04 MHz
CMOS Mode
6.6
7.9
mW
Single 3.3 V CMOS output at 15.36 MHz
9.9
11.9
mW
Dual complementary 3.3 V CMOS output at 15.36 MHz
9.9
11.9
mW
Dual in-phase 3.3 V CMOS output at 15.36 MHz
Output Distribution, Driver On
Lower power mode on, (Channel x control register, Bit 4 = 1)
LVDS Mode
3.5 mA
28.5
33.6
mW
Single 3.5 mA LVDS output at 122.88 MHz
88
105.6
mW
Single 3.5 mA LVDS output at 983.04 MHz
7 mA
37
42.9
mW
Single 7 mA LVDS output at 122.88 MHz
98
113.7
mW
Single 7 mA LVDS output at 983.04 MHz
LVPECL Mode
40.5
46
mW
Single LVPECL output at 122.88 MHz
100
110
mW
Single LVPECL output at 983.04 MHz
HSTL Mode
8 mA
34
39.1
mW
Single 8 mA HSTL output at 122.88 MHz
94
108.1
mW
Single 8 mA HSTL output at 983.04 MHz
16 mA
48
55.2
mW
Single 16 mA HSTL output at 122.88 MHz
153
176
mW
Single 16 mA HSTL output at 983.04 MHz


Similar Part No. - AD9523-1BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
AD9523-1BCPZ-REEL7 AD-AD9523-1BCPZ-REEL7 Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
More results

Similar Description - AD9523-1BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
   Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
logo
Analog Devices
AD9540 AD-AD9540_15 Datasheet
846Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. A
AD9540 AD-AD9540 Datasheet
485Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. 0
logo
Maxim Integrated Produc...
MAX3670 MAXIM-MAX3670_09 Datasheet
202Kb / 12P
   Low-Jitter 155MHz/622MHz Clock Generator
Rev 2; 9/09
logo
Pericom Semiconductor C...
PI6CXG06F62A PERICOM-PI6CXG06F62A Datasheet
580Kb / 2P
   FlexOut Ultra Low Jitter Clock Generator
logo
Maxim Integrated Produc...
MAX3670 MAXIM-MAX3670 Datasheet
339Kb / 13P
   Low-Jitter 155MHz/622MHz Clock Generator
19-2166; Rev 0; 9/01
MAX3672 MAXIM-MAX3672 Datasheet
493Kb / 12P
   Low-Jitter 155MHz/622MHz Clock Generator
19-2697; Rev 0; 12/02
logo
Analog Devices
AD9540 AD-AD9540_18 Datasheet
588Kb / 32P
   655 MHz Low Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com