Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9523-1BCPZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9523-1BCPZ
Description  Low Jitter Clock Generator
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523-1BCPZ Datasheet(HTML) 4 Page - Analog Devices

  AD9523-1BCPZ Datasheet HTML 1Page - Analog Devices AD9523-1BCPZ Datasheet HTML 2Page - Analog Devices AD9523-1BCPZ Datasheet HTML 3Page - Analog Devices AD9523-1BCPZ Datasheet HTML 4Page - Analog Devices AD9523-1BCPZ Datasheet HTML 5Page - Analog Devices AD9523-1BCPZ Datasheet HTML 6Page - Analog Devices AD9523-1BCPZ Datasheet HTML 7Page - Analog Devices AD9523-1BCPZ Datasheet HTML 8Page - Analog Devices AD9523-1BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
AD9523-1
Data Sheet
Rev. C | Page 4 of 63
SPECIFICATIONS
fVCXO = 122.88 MHz single-ended, REFA and REFB on differential at 30.72 MHz, fVCO = 2949.12 MHz, doubler is on, unless otherwise noted.
Typical is given for VDD = 3.3 V ± 5%, and TA = 25°C, unless otherwise noted. Minimum and maximum values are given over the full VDD and
TA (−40°C to +85°C) variation, as listed in Table 1.
CONDITIONS
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY VOLTAGE
VDD3_PLL, Supply Voltage for PLL1 and PLL2
3.135
3.3
3.465
V
3.3 V ± 5%
VDD3_VCO, Supply Voltage for VCO
3.135
3.3
3.465
V
3.3 V ± 5%
VDD3_REF, Supply Voltage Clock Output Drivers Reference
3.135
3.3
3.465
V
3.3 V ± 5%
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
3.135
3.3
3.465
V
3.3 V ± 5%
VDD1.8_OUT[x:y],1 Supply Voltage Clock Dividers
1.768
1.8
1.832
V
1.8 V ± 5%
AMBIENT TEMPERATURE RANGE, TA
−40
+25
+85
°C
JUNCTION TEMPERATURE, TJ
+115
°C
1 x and y are the pair of differential outputs that share the same power supply. For example, VDD3_OUT[0:1] is Supply Voltage Clock Output OUT0, OUT0 (Pin 68 and Pin 67,
respectively) and Supply Voltage Clock Output OUT1, OUT1 (Pin 65 and Pin 64, respectively).
SUPPLY CURRENT
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLIES OTHER THAN CLOCK OUTPUT DRIVERS
VDD3_PLL, Supply Voltage for PLL1 and PLL2
37
41.9
mA
Decreases by 9 mA typical if REFB is turned off
VDD3_VCO, Supply Voltage for VCO and VCO Divider M1
70
75.8
mA
All outputs use VCO Divider M1
VDD3_REF, Supply Voltage Clock Output Drivers Reference
VCO Divider M1 Enabled
LVPECL Mode, LVDS Mode
4
5.1
mA
Use VCO Divider M1; only one output driver
is turned on; for each additional output that
is turned on, the current increments by 1.2 mA
maximum
HSTL Mode, CMOS Mode
3
3.6
mA
Use VCO Divider M1; values are independent
of the number of outputs turned on
VCO Divider M2 Enabled
LVPECL Mode, LVDS Mode
26
30.1
mA
Use VCO Divider M2; only one output driver
is turned on; for each additional output that
is turned on, the current increments by 1.2 mA
maximum
HSTL Mode, CMOS Mode
24.5
28.6
mA
Use VCO Divider M2; values are independent
of the number of outputs turned on
VDD1.8_OUT[x:y],1 Supply Voltage Clock Dividers
3.2
5.8
mA
Current for each divider: f = 122.88 MHz
VDD1.8_OUT[x:y],1 Supply Voltage Clock Dividers
6.4
12
mA
Current for each divider: f = 983.04 MHz
CLOCK OUTPUT DRIVERS—LOWER POWER MODE OFF
Channel x control register, Bit 4 = 0
LVDS Mode, 7 mA
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
11.5
13.2
mA
f = 122.88 MHz
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
40
45
mA
f = 983.04 MHz
LVDS Mode, 3.5 mA
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
6.5
7.5
mA
f = 122.88 MHz
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
23
26.3
mA
f = 983.04 MHz
LVPECL Mode
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
13
14.4
mA
f = 122.88 MHz
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
41
46.5
mA
f = 983.04 MHz


Similar Part No. - AD9523-1BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
AD9523-1BCPZ-REEL7 AD-AD9523-1BCPZ-REEL7 Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
More results

Similar Description - AD9523-1BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
   Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
logo
Analog Devices
AD9540 AD-AD9540_15 Datasheet
846Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. A
AD9540 AD-AD9540 Datasheet
485Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. 0
logo
Maxim Integrated Produc...
MAX3670 MAXIM-MAX3670_09 Datasheet
202Kb / 12P
   Low-Jitter 155MHz/622MHz Clock Generator
Rev 2; 9/09
logo
Pericom Semiconductor C...
PI6CXG06F62A PERICOM-PI6CXG06F62A Datasheet
580Kb / 2P
   FlexOut Ultra Low Jitter Clock Generator
logo
Maxim Integrated Produc...
MAX3670 MAXIM-MAX3670 Datasheet
339Kb / 13P
   Low-Jitter 155MHz/622MHz Clock Generator
19-2166; Rev 0; 9/01
MAX3672 MAXIM-MAX3672 Datasheet
493Kb / 12P
   Low-Jitter 155MHz/622MHz Clock Generator
19-2697; Rev 0; 12/02
logo
Analog Devices
AD9540 AD-AD9540_18 Datasheet
588Kb / 32P
   655 MHz Low Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com