Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9523-1BCPZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9523-1BCPZ
Description  Low Jitter Clock Generator
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523-1BCPZ Datasheet(HTML) 3 Page - Analog Devices

  AD9523-1BCPZ Datasheet HTML 1Page - Analog Devices AD9523-1BCPZ Datasheet HTML 2Page - Analog Devices AD9523-1BCPZ Datasheet HTML 3Page - Analog Devices AD9523-1BCPZ Datasheet HTML 4Page - Analog Devices AD9523-1BCPZ Datasheet HTML 5Page - Analog Devices AD9523-1BCPZ Datasheet HTML 6Page - Analog Devices AD9523-1BCPZ Datasheet HTML 7Page - Analog Devices AD9523-1BCPZ Datasheet HTML 8Page - Analog Devices AD9523-1BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
Data Sheet
AD9523-1
Rev. C | Page 3 of 63
REVISION HISTORY
9/15—Rev. B to Rev. C
Changes to Features Section ............................................................1
Added Junction Temperature, TJ Parameter, Table 1 ...................4
Changes to Table 7 ............................................................................8
Changes to Table 11 ........................................................................10
Changes to Figure 23 ......................................................................20
Changes to Overview Section........................................................22
Added OSC_IN Input Section.......................................................23
Changes to PLL1 Loop Filter Section ...........................................23
Changed VCXO to OSC_IN, VCO Calibration Section............25
Changes to Clock Distribution Synchronization Section ..........27
Changes to Zero Delay Operation Section ..................................28
Added Lock Detect Section and Reset Modes Section ..............28
Added Power-Down Mode Section and Power Supply
Sequencing Section .........................................................................29
Changes to Read Section ................................................................33
Changes to Writing to the EEPROM Section..............................37
Changes to Reading from the EEPROM Section and
Programming the EEPROM Buffer Segment Section................38
Added Device Initialization Flowcharts Section, Figure 46, and
Figure 47; Renumbered Sequentially............................................40
Changes to Power Dissipation and Thermal Considerations
Section and Evaluation of Operating Conditions Section.........43
Changes to Example 2 Section.......................................................44
Changes to Table 39 ........................................................................51
Changes to Table 46 ........................................................................54
Updated Outline Dimensions........................................................63
3/11—Rev. A to Rev. B
Added Table Summary, Table 8.......................................................7
Changes to Figure 24 ......................................................................21
Changes to EEPROM Operations Section and Writing to the
EEPROM Section ............................................................................35
Changes to Addr (Hex) 0x01A, Bits[4:3], Table 30 ....................40
Changes to Bits[4:3], Table 40 .......................................................47
12/10—Rev. 0 to Rev. A
Changes to General Description Section.......................................1
Changes to Frequency Range, Table 11..........................................9
Changes to PLL2 General Description Section...........................23
Changes to Table 47, Address 0x0F3, Bit 1 ..................................48
10/10—Revision 0: Initial Version


Similar Part No. - AD9523-1BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
AD9523-1BCPZ-REEL7 AD-AD9523-1BCPZ-REEL7 Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
More results

Similar Description - AD9523-1BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
   Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
logo
Analog Devices
AD9540 AD-AD9540_15 Datasheet
846Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. A
AD9540 AD-AD9540 Datasheet
485Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. 0
logo
Maxim Integrated Produc...
MAX3670 MAXIM-MAX3670_09 Datasheet
202Kb / 12P
   Low-Jitter 155MHz/622MHz Clock Generator
Rev 2; 9/09
logo
Pericom Semiconductor C...
PI6CXG06F62A PERICOM-PI6CXG06F62A Datasheet
580Kb / 2P
   FlexOut Ultra Low Jitter Clock Generator
logo
Maxim Integrated Produc...
MAX3670 MAXIM-MAX3670 Datasheet
339Kb / 13P
   Low-Jitter 155MHz/622MHz Clock Generator
19-2166; Rev 0; 9/01
MAX3672 MAXIM-MAX3672 Datasheet
493Kb / 12P
   Low-Jitter 155MHz/622MHz Clock Generator
19-2697; Rev 0; 12/02
logo
Analog Devices
AD9540 AD-AD9540_18 Datasheet
588Kb / 32P
   655 MHz Low Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com