Electronic Components Datasheet Search |
|
AD9523 Datasheet(PDF) 30 Page - Analog Devices |
|
|
AD9523 Datasheet(HTML) 30 Page - Analog Devices |
30 / 60 page AD9523 Data Sheet Rev. D | Page 30 of 60 Data Transfer Format Send byte format. The send byte protocol is used to set up the register address for subsequent commands. S Slave Address W A RAM Address High Byte A RAM Address Low Byte A P Write byte format. The write byte protocol is used to write a register address to the RAM, starting from the specified RAM address. S Slave Address W A RAM Address High Byte A RAM Address Low Byte A RAM Data 0 A RAM Data 1 A RAM Data 2 A P Receive byte format. The receive byte protocol is used to read the data byte(s) from the RAM, starting from the current address. S Slave Address R A RAM Data 0 A RAM Data 1 A RAM Data 2 A P Read byte format. The combined format of the send byte and the receive byte. S Slave Address W A RAM Address High Byte A RAM Address Low Byte A Sr Slave Address R A RAM Data 0 A RAM Data 1 A RAM Data 2 A P I²C Serial Port Timing SDA SCL S Sr P S tFALL tSET; DAT tLOW tRISE tHLD; STR tHLD; DAT tHIGH tFALL tSET; STR tHLD; STR tSPIKE tSET; STP tRISE tIDLE Figure 34. I²C Serial Port Timing Table 24. I²C Timing Definitions Parameter Description fI2C I²C clock frequency tIDLE Bus idle time between stop and start conditions tHLD; STR Hold time for repeated start condition tSET; STR Setup time for repeated start condition tSET; STP Setup time for stop condition tHLD; DAT Hold time for data tSET; DAT Setup time for data tLOW Duration of SCL clock low tHIGH Duration of SCL clock high tRISE SCL/SDA rise time tFALL SCL/SDA fall time tSPIKE Voltage spike pulse width that must be suppressed by the input filter |
Similar Part No. - AD9523 |
|
Similar Description - AD9523 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |