Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9523 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9523
Description  Jitter Cleaner and Clock Generator
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9523 Datasheet HTML 22Page - Analog Devices AD9523 Datasheet HTML 23Page - Analog Devices AD9523 Datasheet HTML 24Page - Analog Devices AD9523 Datasheet HTML 25Page - Analog Devices AD9523 Datasheet HTML 26Page - Analog Devices AD9523 Datasheet HTML 27Page - Analog Devices AD9523 Datasheet HTML 28Page - Analog Devices AD9523 Datasheet HTML 29Page - Analog Devices AD9523 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
AD9523
Data Sheet
Rev. D | Page 26 of 60
ZERO DELAY OPERATION
Zero delay operation aligns the phase of the output clocks with
the phase of the external PLL reference input. The OUT0 output
is designed to be used as the output for zero delay. There are
two zero delay modes on the AD9523: internal and external
(see Figure 29). Note that the external delay mode provides better
matching than the internal delay mode because the output drivers
are included in the zero delay path.
INTERNAL FB
ZD_IN
REFA
REFA
AD9523
FEEDBACK
DELAY
REF
DELAY
ENB
PFD
OUT0
OUT0
ZD_IN
Figure 29. Zero Delay Function
Internal Zero Delay Mode
The internal zero delay function of the AD9523 is achieved by
feeding the output of Channel Divider 0 back to the PLL1 N
divider. Register 0x01B[5] is used to select internal zero delay
mode (see Table 42). In the internal zero delay mode, the output
of Channel Divider 0 is routed back to the PLL1 (N divider)
through a mux. PLL1 synchronizes the phase/edge of the output
of Channel Divider 0 with the phase/edge of the reference input.
Because the channel dividers are synchronized to each other,
the outputs of the channel divider are synchronous with the
reference input.
External Zero Delay Mode
The external zero delay function of the AD9523 is achieved by
feeding OUT0 back to the ZD_IN input and, ultimately, back to
the PLL1 N divider. In Figure 29, the change in signal routing
for external zero delay is external to the AD9523.
Register 0x01B[5] is used to select the external zero delay mode.
In external zero delay mode, OUT0 must be routed back to PLL1
(the N divider) through the ZD_IN and ZD_IN pins.
PLL1 synchronizes the phase/edge of the feedback output clock
with the phase/edge of the reference input. Because the channel
dividers are synchronized to each other, the clock outputs are
synchronous with the reference input. Both the reference path
delay and the feedback delay from ZD_IN are designed to have
the same propagation delay from the output drivers and PLL
components to minimize the phase offset between the clock
output and the reference input to achieve zero delay.
LOCK DETECT
The PLL1 and PLL2 lock detectors issue an unlock condition
when the frequency error is greater than the threshold of the
lock detector. When the PLL is unlocked, there is a random
phase between the reference clock and feedback clock. Due to
the random phase relationship that exists, the unlock condition
can take between 215 × TPFD cycles to 1 × TPFD cycles. A lock
condition always takes 216 × TPFD to lock, but can potentially
take 231 × TPFD cycles depending on how big the phase jump is
and when it occurs in relation to the lock detect restart.
RESET MODES
The AD9523 has a power-on reset (POR) and several other ways to
apply a reset condition to the chip.
Power-On Reset
During chip power-up, a power-on reset pulse is issued when
the 3.3 V supply reaches ~2.6 V (<2.8 V) and restores the chip
either to the setting stored in the EEPROM (EEPROM pin = 1)
or to the on-chip setting (EEPROM pin = 0). At power-on, the
AD9523 executes a sync operation, which brings the outputs
into phase alignment according to the default settings. The
output drivers are held in sync for the duration of the internally
generated power-up sync timer (~70 ms). The outputs begin to
toggle after this period.
Reset via the RESET Pin
RESET, a reset (an asynchronous hard reset is executed by briefly
pulling RESET low), restores the chip either to the setting stored
in the EEPROM (EEPROM pin = 1) or to the on-chip setting
(EEPROM pin = 0). A reset also executes a sync operation, which
brings the outputs into phase alignment according to the default
settings. When the EEPROM is inactive (EEPROM pin = 0), it
takes ~2 µs for the outputs to begin toggling after RESET is
issued. When the EEPROM is active (EEPROM pin = 1), it takes
~40 ms for the outputs to toggle after RESET is brought high.
Reset via the Serial Port
The serial port control register allows for a reset by setting Bit 2 and
Bit 5 in Register 0x000. When Bit 2 and Bit 5 are set, the chip enters
a reset mode and restores the chip either to the setting stored in the
EEPROM (EEPROM pin = 1) or to the on-chip setting (EEPROM
pin = 0), except for Register 0x000. Except for the self-clearing bits,
Bit 2 and Bit 5, Register 0x000 retains its previous value prior to
reset. During the internal reset, the outputs hold static. Bit 2 and
Bit 5 are self-clearing. However, the self-clearing operation does not
complete until an additional serial port SCLK cycle completes, and
the AD9523 is held in reset until Bit 2 and Bit 5 self-clear.
Reset to Settings in EEPROM when EEPROM Pin = 0 via the
Serial Port
The serial port control register allows the chip to be reset to settings
in the EEPROM when the EEPROM pin = 0 via Register 0xB02[1].
This bit is self-clearing. This bit does not have any effect when the
EEPROM pin = 1. It takes ~40 ms for the outputs to begin toggling
after the SOFT_EEPROM register is cleared.


Similar Part No. - AD9523

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
879Kb / 60P
Jitter Cleaner and Clock Generator with 14 Differential or 29 LVCMOS Outputs
REV. C
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
Low Jitter Clock Generator
AD9523-1/PCBZ AD-AD9523-1/PCBZ Datasheet
840Kb / 60P
Low Jitter Clock Generator
REV. B
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
Low Jitter Clock Generator
REV. B
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
1Mb / 63P
Low Jitter Clock Generator
More results

Similar Description - AD9523

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
logo
Analog Devices
AD9524 AD-AD9524 Datasheet
863Kb / 56P
Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
REV. D
AD9524BCPZ AD-AD9524BCPZ Datasheet
925Kb / 56P
Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
Rev. E
logo
Texas Instruments
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
LMK04803 TI1-LMK04803_14 Datasheet
2Mb / 139P
Low-Noise Clock Jitter Cleaner
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
Family Clock Jitter Cleaner
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
logo
Analog Devices
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com