Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9523 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9523
Description  Jitter Cleaner and Clock Generator
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9523 Datasheet HTML 21Page - Analog Devices AD9523 Datasheet HTML 22Page - Analog Devices AD9523 Datasheet HTML 23Page - Analog Devices AD9523 Datasheet HTML 24Page - Analog Devices AD9523 Datasheet HTML 25Page - Analog Devices AD9523 Datasheet HTML 26Page - Analog Devices AD9523 Datasheet HTML 27Page - Analog Devices AD9523 Datasheet HTML 28Page - Analog Devices AD9523 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
Data Sheet
AD9523
Rev. D | Page 25 of 60
When using the sync dividers bit, the user first sets and then
clears the bit. The synchronization event is the clearing operation
(that is, the Logic 1 to Logic 0 transition of the bit). The dividers
are all automatically synchronized to each other when PLL2 is
ready. The dividers support programmable phase offsets from 0
to 63 steps, in half periods of the input clock (for example, the
VCO divider output clock). The phase offsets are incorporated
in the dividers through a preset for the first output clock period
of each divider. Phase offsets are sup-ported only by programming
the initial phase and divide value and then issuing a sync to the
distribution (automatically at startup or manually, if desired).
When using the SYNC pin (Pin 17), there are 11 VCO divider
output pipe line delays plus one period of the clock from the
rising edge of SYNC to the clock output. There is at least one
extra VCO divider period of uncertainty because the SYNC
signal and the VCO divider output are asynchronous.
In normal operation, the phase offsets are already programmed
through the EEPROM or the SPI/I2C port before the AD9523
starts to provide outputs. Although the user cannot adjust the
phase offsets while the dividers are operating, it is possible to
adjust the phase of all the outputs together without powering
down PLL1 and PLL2. This is accomplished by programming
the new phase offset, using Register 0x192[7:2] (see Table 51)
and then issuing a divider sync signal by using the SYNC pin
or the sync dividers bit (Register 0x232[0]). All outputs that are
not programmed to ignore the sync are disabled temporarily
while the sync is active. Note that, if an output is used for the
zero delay path, it also disappears momentarily. However, this is
desirable because it ensures that all the synchronized outputs
have a deterministic phase relationship with respect to the zero
delay output and, therefore, also with respect to the input.
FAN OUT
VCO OUTPUT DIVIDER
SYNC (PIN 17)
SYNC
SYNC DIVIDERS BIT
DIVIDER
DRIVER
OUTx
OUTx
OUT
SYNC
PHASE
DIVIDE
Figure 27. Clock Output Synchronization Block Diagram
DIVIDE = 2, PHASE = 0
DIVIDE = 2, PHASE = 6
VCO DIVIDER OUTPUT CLOCK
SYNC
CONTROL
6 × 0.5 PERIODS
Figure 28. Clock Output Synchronization Timing Diagram


Similar Part No. - AD9523

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
879Kb / 60P
   Jitter Cleaner and Clock Generator with 14 Differential or 29 LVCMOS Outputs
REV. C
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
AD9523-1/PCBZ AD-AD9523-1/PCBZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
1Mb / 63P
   Low Jitter Clock Generator
More results

Similar Description - AD9523

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
logo
Analog Devices
AD9524BCPZ AD-AD9524BCPZ Datasheet
925Kb / 56P
   Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
Rev. E
AD9524 AD-AD9524 Datasheet
863Kb / 56P
   Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
REV. D
logo
Texas Instruments
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
LMK04803 TI1-LMK04803_14 Datasheet
2Mb / 139P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com