Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9523 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9523
Description  Jitter Cleaner and Clock Generator
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9523 Datasheet HTML 3Page - Analog Devices AD9523 Datasheet HTML 4Page - Analog Devices AD9523 Datasheet HTML 5Page - Analog Devices AD9523 Datasheet HTML 6Page - Analog Devices AD9523 Datasheet HTML 7Page - Analog Devices AD9523 Datasheet HTML 8Page - Analog Devices AD9523 Datasheet HTML 9Page - Analog Devices AD9523 Datasheet HTML 10Page - Analog Devices AD9523 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
Data Sheet
AD9523
Rev. D | Page 7 of 60
DISTRIBUTION OUTPUT CHARACTERISTICS (OUT0, OUT0 TO OUT13, OUT13)
Duty cycle performance is specified with the invert divider bit set to 1, and the divider phase bits set to 0.5. (For example, for Channel 0,
0x190[7] = 1 and 0x192[7:2] = 1.) Output Voltage Reference VDD in Table 9 refers to the 3.3 VDD3_OUT[x:y] supply.
Table 9.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL MODE
Maximum Output Frequency
1
GHz
Minimum VCO/maximum dividers
Rise Time/Fall Time (20% to 80%)
117
147
ps
100 Ω termination across output pair
Duty Cycle
47
50
52
%
f < 500 MHz
43
48
52
%
f = 500 MHz to 800 MHz
40
49
54
%
f = 800 MHz to 1 GHz
Differential Output Voltage Magnitude
643
775
924
mV
Voltage across pins, output driver static
Common-Mode Output Voltage
VDD − 1.5
VDD − 1.4
VDD − 1.25
V
Output driver static
SCALED HSTL MODE, 16 mA
Maximum Output Frequency
1
GHz
Minimum VCO/maximum dividers
Rise Time/Fall Time (20% to 80%)
112
141
ps
100 Ω termination across output pair
Duty Cycle
47
50
52
%
f < 500 MHz
44
48
51
%
f = 500 MHz to 800 MHz
40
49
54
%
f = 800 MHz to 1 GHz
Differential Output Voltage Magnitude
1.3
1.6
1.7
V
Voltage across pins, output driver static;
nominal supply
Supply Sensitivity
0.6
mV/mV
Change in output swing vs. VDD3_OUT[x:y]
(∆VOD/∆VDD3)
Common-Mode Output Voltage
VDD − 1.76
VDD − 1.6
VDD − 1.42
V
LVDS MODE, 3.5 mA
Maximum Output Frequency
1
GHz
Rise Time/Fall Time (20% to 80%)
138
161
ps
100 Ω termination across output pair
Duty Cycle
48
51
53
%
f < 500 MHz
43
49
53
%
f = 500 MHz to 800 MHz
41
49
55
%
f = 800 MHz to 1 GHz
Differential Output Voltage Magnitude
Balanced
247
454
mV
Voltage across pins; output driver static
Unbalanced
50
mV
Absolute difference between voltage
magnitude of normal pin and inverted pin
Common-Mode Output Voltage
1.125
1.375
V
Output driver static
Common-Mode Difference
50
mV
Voltage difference between output pins;
output driver static
Short-Circuit Output Current
3.5
24
mA
Output driver static
CMOS MODE
Maximum Output Frequency
250
MHz
Rise Time/Fall Time (20% to 80%)
387
665
ps
15 pF load
Duty Cycle
45
50
55
%
f = 250 MHz
Output Voltage High
Output driver static
VDD − 0.25
V
Load current = 10 mA
VDD − 0.1
V
Load current = 1 mA
Output Voltage Low
Output driver static
0.2
V
Load current = 10 mA
0.1
V
Load current = 1 mA


Similar Part No. - AD9523

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
879Kb / 60P
   Jitter Cleaner and Clock Generator with 14 Differential or 29 LVCMOS Outputs
REV. C
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
AD9523-1/PCBZ AD-AD9523-1/PCBZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
1Mb / 63P
   Low Jitter Clock Generator
More results

Similar Description - AD9523

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
logo
Analog Devices
AD9524BCPZ AD-AD9524BCPZ Datasheet
925Kb / 56P
   Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
Rev. E
AD9524 AD-AD9524 Datasheet
863Kb / 56P
   Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
REV. D
logo
Texas Instruments
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
LMK04803 TI1-LMK04803_14 Datasheet
2Mb / 139P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com