Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9523 Datasheet(PDF) 56 Page - Analog Devices

Part # AD9523
Description  Jitter Cleaner and Clock Generator
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523 Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9523 Datasheet HTML 52Page - Analog Devices AD9523 Datasheet HTML 53Page - Analog Devices AD9523 Datasheet HTML 54Page - Analog Devices AD9523 Datasheet HTML 55Page - Analog Devices AD9523 Datasheet HTML 56Page - Analog Devices AD9523 Datasheet HTML 57Page - Analog Devices AD9523 Datasheet HTML 58Page - Analog Devices AD9523 Datasheet HTML 59Page - Analog Devices AD9523 Datasheet HTML 60Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
AD9523
Data Sheet
Rev. D | Page 56 of 60
Table 52. PLL1 Output Control (PLL1_OUT, Pin 72)
Address
Bits
Bit Name
Description
0x1BA
[7:5]
Reserved
Reserved
4
PLL1 output CMOS driver
strength
CMOS driver strength
1: weak
0: strong
[3:0]
PLL1 output divider
0000: divide-by-1
0001: divide-by-2 (default)
0010: divide-by-4
0100: divide-by-8
1000: divide-by-16
No other inputs permitted
Table 53. PLL1 Output Channel Control
Address
Bits
Bit Name
Description
0x1BB
7
PLL1 output driver power-down
PLL1 output driver power-down
[6:4]
Reserved
Reserved
3
Route VCXO clock to
Channel 3 divider input
1: channel uses VCXO clock. Routes VCXO clock to divider input.
0: channel uses VCO divider output clock
2
Route VCXO clock to
Channel 2 divider input
1: channel uses VCXO clock. Routes VCXO clock to divider input.
0: channel uses VCO divider output clock
1
Route VCXO clock to
Channel 1 divider input
1: channel uses VCXO clock. Routes VCXO clock to divider input.
0: channel uses VCO divider output clock
0
Route VCXO clock to
Channel 0 divider input
1: channel uses VCXO clock. Routes VCXO clock to divider input.
0: channel uses VCO divider output clock
Readback (Address 0x22C to Address 0x22D)
Table 54. Readback Registers (Readback 0 and Readback 1)
Address
Bits
Bit Name
Description
0x22C
7
Status PLL2 reference clock
1: OK
0: off/clocks are missing
6
Status PLL1 feedback clock
1: OK
0: off/clocks are missing
5
Status VCXO
1: OK
0: off/clocks are missing
4
Status REF_TEST
1: OK
0: off/clocks are missing
3
Status REFB
1: OK
0: off/clocks are missing
2
Status REFA
1: OK
0: off/clocks are missing
1
Lock detect PLL2
1: locked
0: unlocked
0
Lock detect PLL1
1: locked
0: unlocked
0x22D
[7:4]
Reserved
Reserved
3
Holdover active
1: holdover is active (both references are missing)
0: normal operation
2
Selected reference
(in auto mode)
Selected reference (applies only when the device automatically selects the reference;
for example, not in manual control mode)
1: REFB
0: REFA
1
Reserved
Reserved
0
VCO calibration in progress
1: VCO calibration in progress
0: VCO calibration not in progress


Similar Part No. - AD9523

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
879Kb / 60P
Jitter Cleaner and Clock Generator with 14 Differential or 29 LVCMOS Outputs
REV. C
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
Low Jitter Clock Generator
AD9523-1/PCBZ AD-AD9523-1/PCBZ Datasheet
840Kb / 60P
Low Jitter Clock Generator
REV. B
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
Low Jitter Clock Generator
REV. B
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
1Mb / 63P
Low Jitter Clock Generator
More results

Similar Description - AD9523

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
Family Clock Jitter Cleaner
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
logo
Analog Devices
AD9524BCPZ AD-AD9524BCPZ Datasheet
925Kb / 56P
Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
Rev. E
AD9524 AD-AD9524 Datasheet
863Kb / 56P
Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
REV. D
logo
Texas Instruments
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
LMK04803 TI1-LMK04803_14 Datasheet
2Mb / 139P
Low-Noise Clock Jitter Cleaner
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com