Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9523 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9523
Description  Jitter Cleaner and Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523 Datasheet(HTML) 5 Page - Analog Devices

  AD9523 Datasheet HTML 1Page - Analog Devices AD9523 Datasheet HTML 2Page - Analog Devices AD9523 Datasheet HTML 3Page - Analog Devices AD9523 Datasheet HTML 4Page - Analog Devices AD9523 Datasheet HTML 5Page - Analog Devices AD9523 Datasheet HTML 6Page - Analog Devices AD9523 Datasheet HTML 7Page - Analog Devices AD9523 Datasheet HTML 8Page - Analog Devices AD9523 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
Data Sheet
AD9523
Rev. D | Page 5 of 60
POWER DISSIPATION
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER DISSIPATION
Does not include power dissipated in termination resistors
Typical Configuration
876
970
mW
Clock distribution outputs running as follows: seven LVPECL
outputs at 122.88 MHz, three LVDS outputs (3.5 mA) at
61.44 MHz, three LVDS outputs (3.5 mA) at 245.76 MHz,
one CMOS 10 pF load at 122.88 MHz, and one differential input
reference at 30.72 MHz; fVCXO = 122.88 MHz, fVCO = 3932.16 MHz;
PLL2 BW = 530 kHz, doubler is off
PD, Power-Down
101
132.2
mW
PD pin pulled low, with typical configuration conditions
INCREMENTAL POWER DISSIPATION
Low Power Typical Configuration
389
450
mW
Absolute total power with clock distribution; one LVPECL output
running at 122.88 MHz; one differential input reference at
30.72 MHz; fVCXO = 122.88 MHz, fVCO = 3932.16 MHz; doubler is off
Output Distribution, Driver On
Incremental power increase (OUT1) from low power typical
LVDS
15.3
18.4
mW
Single 3.5 mA LVDS output at 245.76 MHz
47.8
55.4
mW
Single 7 mA LVDS output at 61.44 MHz
LVPECL
50.1
54.9
mW
Single LVPECL output at 122.88 MHz
HSTL
40.2
46.3
mW
Single 8 mA HSTL output at 122.88 MHz
43.7
50.3
mW
Single 16 mA HSTL output at 122.88 MHz
CMOS
6.6
7.9
mW
Single 3.3 V CMOS output at 15.36 MHz
9.9
11.9
mW
Dual complementary 3.3 V CMOS output at 122.88 MHz
9.9
11.9
mW
Dual in-phase 3.3 V CMOS output at 122.88 MHz
REFA, REFA, REFB, REFB, OSC_IN, OSC_IN, AND ZD_IN, ZD_IN INPUT CHARACTERISTICS
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIFFERENTIAL MODE
Input Frequency Range
400
MHz
Input Slew Rate (OSC_IN)
400
V/µs
Minimum limit imposed for jitter performance
Common-Mode Internally
Generated Input Voltage
0.6
0.7
0.8
V
Input Common-Mode Range
1.025
1.475
V
For dc-coupled LVDS (maximum swing)
Differential Input Voltage,
Sensitivity Frequency < 250 MHz
100
mV p-p
Capacitive coupling required; can accommodate single-ended
input by ac grounding of unused input; the instantaneous
voltage on either pin must not exceed the 1.8 V dc supply rails
Differential Input Voltage,
Sensitivity Frequency > 250 MHz
200
mV p-p
Capacitive coupling required; can accommodate single-ended
input by ac grounding of unused input; the instantaneous
voltage on either pin must not exceed the 1.8 V dc supply rails
Differential Input Resistance
4.8
kΩ
Differential Input Capacitance
1
pF
Duty Cycle
Duty cycle bounds are set by pulse width high and pulse width low
Pulse Width Low
1
ns
Pulse Width High
1
ns
CMOS MODE SINGLE-ENDED INPUT
Input Frequency Range
250
MHz
Input High Voltage
1.62
V
Input Low Voltage
0.52
V
Input Threshold Voltage
1.0
V
When ac coupling to the input receiver, the user must dc bias the
input to 1 V; the single-ended CMOS input is 3.3 V compatible
Input Capacitance
1
pF
Duty Cycle
Duty cycle bounds are set by pulse width high and pulse width low
Pulse Width Low
1.6
ns
Pulse Width High
1.6
ns


Similar Part No. - AD9523

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
879Kb / 60P
Jitter Cleaner and Clock Generator with 14 Differential or 29 LVCMOS Outputs
REV. C
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
Low Jitter Clock Generator
AD9523-1/PCBZ AD-AD9523-1/PCBZ Datasheet
840Kb / 60P
Low Jitter Clock Generator
REV. B
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
Low Jitter Clock Generator
REV. B
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
1Mb / 63P
Low Jitter Clock Generator
More results

Similar Description - AD9523

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
logo
Analog Devices
AD9524 AD-AD9524 Datasheet
863Kb / 56P
Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
REV. D
AD9524BCPZ AD-AD9524BCPZ Datasheet
925Kb / 56P
Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
Rev. E
logo
Texas Instruments
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
LMK04803 TI1-LMK04803_14 Datasheet
2Mb / 139P
Low-Noise Clock Jitter Cleaner
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
Family Clock Jitter Cleaner
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
logo
Analog Devices
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com